Part Number Hot Search : 
TOM9114 FWB156 T0805 33201 EMK13H LF25ABPT LM334 1115A
Product Description
Full Text Search
 

To Download APC3216MGC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2x1.6mm SMD CHIP LED LAMP
APC3216MGC MEGA GREEN
Features
!3.2mmx1.6mm SMT LED, 1.1mm THICKNESS. !LOW POWER CONSUMPTION. !WIDE VIEWING ANGLE. !IDEAL FOR BACKLIGHT AND INDICATOR. !VARIOUS !PACKAGE
Description
The Mega Green source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
COLORS AND LENS TYPES AVAILABLE. : 2000PCS / REEL.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.0079") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAD1005 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/20/2003 DRAWN:D.L.HUANG
PAGE: 1 OF 4
Selection Guide
Par t No . Dic e L en s Ty p e Iv (m c d ) @ 20 m A Min . APC3216MGC MEGA GREEN ( InGaAlP ) WATER CLEAR 18 Ty p . 70 V i ew i n g An g l e 21/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l peak D 1/2 C VF IR Par am et er Peak Wavelength Dominate Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current D ev i c e Mega Green Mega Green Mega Green Mega Green Mega Green Mega Green Ty p . 574 568 26 20 2.1 2.5 10 Max . Un it s nm nm nm pF V uA Tes t Co n d it io n s I F =20mA I F =20mA I F =20mA VF=0V;f=1MHz I F =20mA VR = 5V
Absolute Maximum Ratings at T)=25C
P ar am e t e r Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Meg a Gr een 105 30 150 5 -40C To +85C
Un it s mW mA mA V
SPEC NO: DSAD1005 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/20/2003 DRAWN:D.L.HUANG
PAGE: 2 OF 4
Mega Green
APC3216MGC
SPEC NO: DSAD1005 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/20/2003 DRAWN:D.L.HUANG
PAGE: 3 OF 4
APC3216MGC SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAD1005 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/20/2003 DRAWN:D.L.HUANG
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of APC3216MGC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X