Part Number Hot Search : 
PCH6012 337EP 30201075 MM1369 BSCD510H 080CT BU4540AL 1337M1
Product Description
Full Text Search
 

To Download APBL3025SRSGCPR-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0x2.5mm SURFACE MOUNT LED LAMP
APBL3025SRSGCPR-F01
SUPER BRIGHT RED SUPER BRIGHT GREEN
Features
3.0mmx2.5mm SMT LED, 1.4mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACK LIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. INNER LENS TYPE PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode. The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAF1334 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/29/2005 DRAWN: B.H.LI
PAGE: 1 OF 4 ERP: 1203000918-01
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. SUPER BRIGHT RED (GaAlAs) APBL3025SRSGCPR-F01 SUPER BRIGHT GREEN (GaP)
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Viewing Angle 21/2 100
Typ. 100 20
36 WATER CLEAR 7
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Green Super Bright Red Super Bright Green Super Bright Red Super Bright Green Super Bright Red Super Bright Green Super Bright Red Super Bright Green All Typ. 660 565 640 568 20 30 45 15 1.85 2.2 2.5 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Red 100 30 155 5
Super Bright Green 105 25 140
Units mW mA mA V
-40C To +85C
SPEC NO: DSAF1334 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/29/2005 DRAWN: B.H.LI
PAGE: 2 OF 4 ERP: 1203000918-01
Super Bright Red /Super Bright Green
APBL3025SRSGCPR-F01
SPEC NO: DSAF1334 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/29/2005 DRAWN: B.H.LI
PAGE: 3 OF 4 ERP: 1203000918-01
APBL3025SRSGCPR-F01
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAF1334 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/29/2005 DRAWN: B.H.LI
D i g i t a l l y s i g n e d b y N I N G T I N G c n = N I N G T I N G , o = N I N G T I N G , c = C N D a t e : 2 0 0 5 . 0 3 . 2 9 1 0 : 1 0 : 5 6 + 0 8 '0 0 'R e a s o n : < n o n e >
PAGE: 4 OF 4 ERP: 1203000918-01


▲Up To Search▲   

 
Price & Availability of APBL3025SRSGCPR-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X