Part Number Hot Search : 
1613TF S30RCK LTC2165 1613TF 330M2 G1614 CAT25C02 3528B
Product Description
Full Text Search
 

To Download APBL3025SRQGCPR-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0x2.5mm SURFACE MOUNT LED LAMP
APBL3025SRQGCPR-F01
SUPER BRIGHT RED GREEN
Features
3.0mmx2.5mm SMT LED, 1.4mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACK LIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. INNER LENS TYPE PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode. The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAF1333 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/29/2005 DRAWN: B.H.LI
PAGE: 1 OF 5 ERP: 1203000916-01
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. SUPER BRIGHT RED (GaAlAs) APBL3025SRQGCPR-F01 GREEN (GaP)
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Viewing Angle 21/2 100
Typ. 100 20
36 WATER CLEAR 7
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Green Super Bright Red Green Super Bright Red Green Super Bright Red Green Super Bright Red Green All Typ. 660 560 640 565 20 30 45 45 1.85 2.15 2.5 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Red 100 30 155 5
Green 105 25 130
Units mW mA mA V
-40C To +85C
SPEC NO: DSAF1333 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/29/2005 DRAWN: B.H.LI
PAGE: 2 OF 5 ERP: 1203000916-01
APBL3025SRQGCPR-F01 Super Bright Red
SPEC NO: DSAF1333 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/29/2005 DRAWN: B.H.LI
PAGE: 3 OF 5 ERP: 1203000916-01
Green
SPEC NO: DSAF1333 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/29/2005 DRAWN: B.H.LI
PAGE: 4 OF 5 ERP: 1203000916-01
APBL3025SRQGCPR-F01
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAF1333 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/29/2005 DRAWN: B.H.LI
PAGE: 5 OF 5 ERP: 1203000916-01


▲Up To Search▲   

 
Price & Availability of APBL3025SRQGCPR-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X