Part Number Hot Search : 
20006 34083A TMXW341 UT2020 38D30 PCF8593P MAX50 2A473J
Product Description
Full Text Search
 

To Download APBL3025SRPGCPR-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0x2.5mm SURFACE MOUNT LED LAMP
APBL3025SRPGCPR-F01
SUPER BRIGHT RED PURE GREEN
Features
3.0mmx2.5mm SMT LED, 1.4mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACK LIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. INNER LENS TYPE PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode. The Pure Green source color devices are made with Gallium Phosphide Pure Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAF1332 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/29/2005 DRAWN: B.H.LI
PAGE: 1 OF 5 ERP: 1203000914-01
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. SUPER BRIGHT RED (GaAlAs) APBL3025SRPGCPR-F01 PURE GREEN (GaP)
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Viewing Angle 21/2 100
Typ. 100 8
36 WATER CLEAR 2.6
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Pure Green Super Bright Red Pure Green Super Bright Red Pure Green Super Bright Red Pure Green Super Bright Red Pure Green All Typ. 660 555 640 555 20 30 45 45 1.85 2.25 2.5 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Red 100 30 155 5
Pure Green 105 25 135
Units mW mA mA V
-40C To +85C
SPEC NO: DSAF1332 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/29/2005 DRAWN: B.H.LI
PAGE: 2 OF 5 ERP: 1203000914-01
APBL3025SRPGCPR-F01 Super Bright Red
SPEC NO: DSAF1332 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/29/2005 DRAWN: B.H.LI
PAGE: 3 OF 5 ERP: 1203000914-01
Pure Green
SPEC NO: DSAF1332 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/29/2005 DRAWN: B.H.LI
PAGE: 4 OF 5 ERP: 1203000914-01
APBL3025SRPGCPR-F01
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAF1332 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/29/2005 DRAWN: B.H.LI
PAGE: 5 OF 5 ERP: 1203000914-01


▲Up To Search▲   

 
Price & Availability of APBL3025SRPGCPR-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X