Part Number Hot Search : 
KS5211 N5266 3502W A1185EUA C2909 BC857C NLX1G74 D0000R
Product Description
Full Text Search
 

To Download APBD3224SYKCGKC-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2x2.4mm SMD CHIP LED LAMP
Part Number: APBD3224SYKCGKC-F01 Super Bright Yellow Green
Features
3.2x2.4mm SMT LED, 2.4mm THICKNESS. LOW POWER CONSUMPTION. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 1500PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Super Bright Yellow device is made with DH InGaAlP (on GaAs substrate) light emitting diode chip. The Green source color devices are made with InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAF1339 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 1 OF 6 ERP: 1203000878
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APBD3224SYKCGKC-F01 Super Bright Yellow (InGaAlP) Green (InGaAlP)
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Viewing Angle [1] 21/2 20
Typ. 500 300
WATER CLEAR
110 110
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Yellow Green Super Bright Yellow Green Super Bright Yellow Green Super Bright Yellow Green Super Bright Yellow Green Super Bright Yellow Green Typ. 590 574 590 570 20 20 20 15 2 2.1 2.5 2.5 10 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Yellow 75 30 175 5
Green 75 30 150
Units mW mA mA V
-40C To +85C -40C To +85C
SPEC NO: DSAF1339 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 2 OF 6 ERP: 1203000878
APBD3224SYKCGKC-F01 Super Bright Yellow
SPEC NO: DSAF1339 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 3 OF 6 ERP: 1203000878
Green
SPEC NO: DSAF1339 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 4 OF 6 ERP: 1203000878
APBD3224SYKCGKC-F01
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAF1339 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 5 OF 6 ERP: 1203000878
PACKING & LABEL SPECIFICATIONS
APBD3224SYKCGKC-F01
SPEC NO: DSAF1339 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 6 OF 6 ERP: 1203000878


▲Up To Search▲   

 
Price & Availability of APBD3224SYKCGKC-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X