Part Number Hot Search : 
N74F651 TN600A AO340 29SL800 WP424YDT C1228HA 2SB1623A 271MH
Product Description
Full Text Search
 

To Download APBD3224ESGC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2x2.4mm SMD CHIP LED LAMP
APBD3224ESGC HIGH EFFICIENCY RED
SUPER BRIGHT GREEN
l3.2x2.4mm SMT LED, 2.4mm THICKNESS. lLOW POWER CONSUMPTION. lVARIOUS lIDEAL FOR BACKLIGHT AND INDICATOR. lPACKAGE
Features
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
COLORS AND LENS TYPES AVAILABLE. : 1500PCS / REEL.
The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO:DSAD1103 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/19/2003 DRAWN:Y.H.LI
PAGE: 1 OF 4
Selection Guide
P ar t N o . APBD 3224ESGC Dic e HIGH EFFIC IENC Y RED (GaAsP/GaP) L en s Ty p e WATER C LEAR
Mi n . 10 18
Iv (m c d ) @ 20 m A
Ty p . 40 60
V i ew i n g An g le 21/2 20
SUPER BRIGHT GREEN (GaP)
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Absolute Maximum Ratings at TA=25C
Sy m b o l p e a k D 1/2 C VF IR P ar am et er Peak Wavelength D omi nate Wavelength Spectral Li ne Half-wi dth C apaci tance Forward Voltage Reverse C urrent Hi gh Effi ci ency Red Super Bri ght Green D ev i c e Ty p . 627 565 45 30 Max . Un its nm nm nm pF V uA Tes t C o n d i t i o n s IF = 2 0 m A IF = 2 0 m A IF = 2 0 m A V F = 0 V;f= 1 M Hz IF = 2 0 m A VR = 5V
Hi gh Effi ci ency Red Super Bri ght Green Hi gh Effi ci ency Red Super Bri ght Green All
Hi gh Effi ci ency Red Super Bri ght Green
625 568 15 15
Hi gh Effi ci ency Red Super Bri ght Green
2.0 2.2
2.5 2.5 10
Absolute Maximum Ratings at TA=25C
P ar am et er D C Forward C urrent Power di ssi pati on H i g h E f f i c i en c y R ed 105 160 5 -40C To +85C 30 Su p er B r i g h t Gr een 105 140 5 25 Un its mW mA V mA
Reverse Voltage
Peak Forward C urrent [1]
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Operati ng/Storage Temperature
SPEC NO:DSAD1103 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/19/2003 DRAWN:Y.H.LI
PAGE: 2 OF 4
High Efficiency Red / Super Bright Green
APBD3224ESGC
SPEC NO:DSAD1103 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/19/2003 DRAWN:Y.H.LI
PAGE: 3 OF 4
APBD3224ESGC SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO:DSAD1103 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/19/2003 DRAWN:Y.H.LI
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of APBD3224ESGC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X