Part Number Hot Search : 
59101 FR70KR05 2SC328 UPA610TA JW075A1 1S955 18F87 W921E400
Product Description
Full Text Search
 

To Download APBA3210ESGC-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP PRELIMINARY SPEC
Part Number: APBA3210ESGC-F01 High Efficiency Red Super Bright Green
Features
LOW POWER CONSUMPTION. 3.2mmX1.0mm RIGHT ANGLE SMT LED,1.5mm THICKNESS. WIDE VIEWING ANGLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAF1091 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/18/2007 DRAWN: Y.L.LI
PAGE: 1 OF 6 ERP: 1203003900
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. High Efficiency Red (GaAsP/GaP) APBA3210ESGC-F01 Super Bright Green (GaP)
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Viewing Angle [1] 21/2 120
Typ. 12 12
4 WATER CLEAR 4
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device High Efficiency Red Super Bright Green High Efficiency Red Super Bright Green High Efficiency Red Super Bright Green High Efficiency Red Super Bright Green High Efficiency Red Super Bright Green High Efficiency Red Super Bright Green Typ. 627 565 625 568 45 30 15 15 2 2.2 2.5 2.5 10 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
High Efficiency Red 75 30 160 5
Super Bright Green 62.5 25 140
Units mW mA mA V
-40C To +85C -40C To +85C
SPEC NO: DSAF1091 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/18/2007 DRAWN: Y.L.LI
PAGE: 2 OF 6 ERP: 1203003900
APBA3210ESGC-F01 High Efficiency Red
SPEC NO: DSAF1091 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/18/2007 DRAWN: Y.L.LI
PAGE: 3 OF 6 ERP: 1203003900
Super Bright Green
SPEC NO: DSAF1091 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/18/2007 DRAWN: Y.L.LI
PAGE: 4 OF 6 ERP: 1203003900
APBA3210ESGC-F01
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAF1091 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/18/2007 DRAWN: Y.L.LI
PAGE: 5 OF 6 ERP: 1203003900
PACKING & LABEL SPECIFICATIONS
APBA3210ESGC-F01
SPEC NO: DSAF1091 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/18/2007 DRAWN: Y.L.LI
PAGE: 6 OF 6 ERP: 1203003900


▲Up To Search▲   

 
Price & Availability of APBA3210ESGC-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X