Part Number Hot Search : 
PIC647 54210 MMBD4 MC4460 NX6306GK ADT2210 HI45H11 S9013
Product Description
Full Text Search
 

To Download APB3025SURKCGKC-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0x2.5mm SURFACE MOUNT LED LAMP
Part Number: APB3025SURKCGKC-F01 Hyper Red Green
Features
3.0mmx2.5mm SMT LED, 1.1mm THICKNESS. BI -COLOR,LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode. The Green source color devices are made with InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAF1329 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 1 OF 6 ERP: 1203000752
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APB3025SURKCGKC-F01 Hyper Red (InGaAlP) Green (InGaAlP)
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Viewing Angle [1] 21/2 120
Typ. 160 40
WATER CLEAR
50 10
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Hyper Red Green Hyper Red Green Hyper Red Green Hyper Red Green Hyper Red Green Hyper Red Green Typ. 650 574 635 570 28 20 35 15 1.95 2.1 2.5 2.5 10 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hyper Red 75 30 185 5
Green 75 30 150
Units mW mA mA V
-40C To +85C -40C To +85C
SPEC NO: DSAF1329 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 2 OF 6 ERP: 1203000752
APB3025SURKCGKC-F01 Hyper Red
SPEC NO: DSAF1329 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 3 OF 6 ERP: 1203000752
Green
SPEC NO: DSAF1329 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 4 OF 6 ERP: 1203000752
APB3025SURKCGKC-F01
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAF1329 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 5 OF 6 ERP: 1203000752
PACKING & LABEL SPECIFICATIONS
APB3025SURKCGKC-F01
SPEC NO: DSAF1329 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 6 OF 6 ERP: 1203000752


▲Up To Search▲   

 
Price & Availability of APB3025SURKCGKC-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X