Part Number Hot Search : 
FM530B 70182 MC5420L ON1458 C144G CTB40 5620R1 YETE1
Product Description
Full Text Search
 

To Download AP9980J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP9980H/J
Advanced Power Electronics Corp.
Low Gate Charge Single Drive Requirement Fast Switching Performance G S D
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
80V 45m 21.3A
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and costeffectiveness. The TO-252 package is universally preferred for all commercialindustrial surface mount applications and suited for low voltage applications such as DC/DC converters. The through-hole version (AP9980J) are available for low-profile applications.
GD S
TO-252(H)
G
D
S
TO-251(J)
Absolute Maximum Ratings
Symbol VDS VGS ID@TC=25 ID@TC=100 IDM PD@TC=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
1
Rating 80 25 21.3 13.4 80 41.7 0.33 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-c Rthj-a Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Value 3.0 110 Units /W /W
Data and specifications subject to change without notice
200406041
AP9980H/J
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=250uA
Min. 80 1 -
Typ. 0.07 20 18 5 11 11 20 29 30 135 96 1.6
Max. Units 45 55 3 10 100 100 30 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance2
VGS=10V, ID=12A VGS=4.5V, ID=8A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=150 C)
o o
VDS=VGS, ID=250uA VDS=10V, ID=12A VDS=80V, VGS=0V VDS=64V ,VGS=0V VGS=25V ID=12A VDS=64V VGS=4.5V VDS=40V ID=12A RG=3.3,VGS=10V RD=3.3 VGS=0V VDS=25V f=1.0MHz f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
1810 2900
Source-Drain Diode
Symbol VSD Parameter Forward On Voltage
2 2
Test Conditions IS=20A, VGS=0V IS=12A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 57 140
Max. Units 1.2 V ns nC
trr
Qrr
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by safe operating area. 2.Pulse width <300us , duty cycle <2%.
AP9980H/J
60
50
T C =25 o C
50
ID , Drain Current (A)
40
ID , Drain Current (A)
10V 6.0V 5.0V 4.5V
T C =150 o C
40
10V 6.0V 5.0V 4.5V
30
30
20
20
V G =3.0V
10
10
V G =3.0V
0 0 3 6 9 12 15 18 0 3 6 9 12 15 18
0
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
54
2.2
ID=8A Normalized R DS(ON)
50
2.0
T C =25 C
o
1.8
I D = 12 A V G =10V
RDS(ON) (m )
1.6
1.4
46
1.2
1.0
42 0.8
0.6
38
0.4
trr
-50 0 50 100
3
5
7
9
11
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Qrr
150
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
3
8
2.5
6
2
T j =150 C
IS(A)
4
o
T j =25 C
o
VGS(th) (V)
1.2
1.5
1
2
0.5
0
0
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP9980H/J
f=1.0MHz
12 10000
I D = 12 A
10
VGS , Gate to Source Voltage (V)
8
6
C (pF)
V DS = 4 0V V DS = 50 V V DS = 64 V
C iss
1000
4
100
C oss C rss
2
0 0 10 20 30 40
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
100us
10
Normalized Thermal Response (R thjc)
10us
Duty factor=0.5
0.2
ID (A)
0.1
1ms 10ms 100ms T C =25 C Single Pulse
o
0.1
0.05
PDM
0.02 0.01
1
t T
Duty factor = t/T Peak Tj = PDM x Rthjc + TC
DC
Single Pulse
0.1 0.1 1 10 100 1000
0.01
0.00001
0.0001
0.001
0.01
0.1
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Qrr
1
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP9980J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X