Part Number Hot Search : 
2462B 2SC4578 74LV161D MMDT4401 T8202260 A1774 10M30CL2 MAX3814
Product Description
Full Text Search
 

To Download AP4232GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4232GM
Pb Free Plating Product
Advanced Power Electronics Corp.
Low On-Resistance Simple Drive Requirement Dual N MOSFET Package
D1 D2 D1 D2
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
G2 S2
30V 22m 7.8A
SO-8
S1
G1
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, ultra low on-resistance and cost-effectiveness.
D1 D2
G1 S1
G2 S2
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
Rating 30 20 7.8 6.2 30 2 0.016 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 62.5
Unit /W
Data and specifications subject to change without notice
200112051
AP4232GM
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=250uA
2
Min. 30 1 -
Typ. 0.02 12 13 3 9 10 7 22 8 720 230 200 1.2
Max. Units 22 32 3 1 25 100 21 1150 1.8 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=7A VGS=4.5V, ID=5A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=VGS, ID=250uA VDS=10V, ID=7A VDS=30V, VGS=0V VDS=24V, VGS=0V VGS=20V ID=7A VDS=24V VGS=4.5V VDS=15V ID=1A RG=3.3,VGS=10V RD=15 VGS=0V VDS=25V f=1.0MHz f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
Source-Drain Diode
Symbol VSD Parameter Forward On Voltage
2 2
Test Conditions IS=1.7A, VGS=0V IS=7A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 16 8
Max. Units 1.2 V ns nC
trr
Qrr
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board, t <10sec ; 135 /W when mounted on Min. copper pad.
AP4232GM
40 40
T A = 25 C
30
o
ID , Drain Current (A)
10V 7.0 V 5.0 V 4.5 V ID , Drain Current (A)
T A = 150 C
o
30
10V 7.0 V 5.0 V 4.5 V
20
20
10
10
V G = 3.0 V
V G = 3.0 V
0 0 1 2 3 4 5
0 0 1 2 3 4 5
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
30
1.6
ID=5A T A =25 Normalized R DS(ON)
25
ID=7A V G =10V
1.3
RDS(ON) (m )
20
1.0
15
0.7 2 4 6 8 10 -50 0 50 100 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
2.0
8
6
1.5
4
Normalized VGS(th) (V)
1.2
IS(A)
1.0
T j =150 C
2
o
T j =25 C
o
0.5
0 0 0.2 0.4 0.6 0.8 1
0.0 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP4232GM
f=1.0MHz
16 1000
ID=7A VGS , Gate to Source Voltage (V) C iss
12
8
C (pF)
V DS =15V V DS =20V V DS =24V
C oss
4
C rss
0 0 5 10 15 20 25 30
100 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (Rthja)
Duty factor=0.5
0.2
10
100us 1ms ID (A)
1
0.1
0.1
0.05
10ms 100ms
0.02
PDM t T
Single Pulse
0.01
0.01 Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja = 135/W
0.1
T A =25 o C Single Pulse
1s DC
0.01 0.1 1 10 100
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
30
V DS =5V ID , Drain Current (A) T j =25 o C
20
VG
T j =150 o C
QG 4.5V QGS QGD
10
Charge
0
Q
0
2
4
6
V GS , Gate-to-Source Voltage (V)
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP4232GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X