Part Number Hot Search : 
TSC691E STA6610 2SC409 C2951 FR154G DSP10 1502A F1100
Product Description
Full Text Search
 

To Download AP3216YC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2x1.6mm SMD CHIP LED LAMPS
AP3216EC AP3216SGC AP3216YC HIGH EFFICIENCY RED SUPER BRIGHT GREEN YELLOW
Features
!3.2mmx1.6mm SMT LED, 1.1mm THICKNESS. !LOW POWER CONSUMPTION. !WIDE VIEWING ANGLE. !IDEAL FOR BACKLIGHT AND INDICATOR. !VARIOUS COLORS AND LENS TYPES AVAILABLE. !PACKAGE
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
: 2000PCS / REEL.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.0079") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: CDA0257 APPROVED: J.Lu
REV NO: V.1 CHECKED:
DATE: OCT/23/2001 DRAWN: Y. F.XU
PAGE: 1 OF 5
Selection Guide
Par t No . Dic e L en s Ty p e Iv (m c d ) @ 20 m A Min . AP3216EC AP3216SGC AP3216YC HIGH EFFICIENCY RED(GaAsP/GaP) SUPER BRIGHT GREEN (GaP) YELLOW (GaAsP/GaP) WATER CLEAR WATER CLEAR WATER CLEAR 5 3 2 Ty p . 12 12 8 V i ew i n g An g l e 21/2 12 0 120 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l peak Par am et er Peak Wavelength D ev i c e High Efficiency Red Super Bright Green Yellow High Efficiency Red Super Bright Green Yellow High Efficiency Red Super Bright Green Yellow High Efficiency Red Super Bright Green Yellow High Efficiency Red Super Bright Green Yellow High Efficiency Red Super Bright Green Yellow Ty p . 627 565 590 625 568 588 45 30 35 15 15 20 2.0 2.2 2.1 2.5 2.5 2.5 10 Max . Un it s nm Tes t Co n d it io n s IF=20mA
D
Dominate Wavelength
nm
IF=20mA
1/2
Spectral Line Halfwidth
nm
IF=20mA
C
Capacitance
pF
VF=0V;f=1MHz
VF IR
Forward Voltage
V
IF=20mA
Reverse Current
uA
V R = 5V
Absolute Maximum Ratings at T)=25C
Par am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
H i g h E f f i c i e n c y r ed 105 30 160 5
Su p er B r ig h t Gr een 105 25 140 5 -40C To +85C -40C To +85C
Yello w 10 5 30 140 5
Un it s mW mA mA V
SPEC NO: CDA0257 APPROVED: J.Lu
REV NO: V.1 CHECKED:
DATE: OCT/23/2001 DRAWN: Y.F.XU
PAGE: 2 OF 5
High Efficiency Red AP3216EC
SPEC NO: CDA0257 APPROVED: J.Lu
REV NO: V.1 CHECKED:
DATE: OCT/23/2001 DRAWN: Y. F.XU
PAGE: 3 OF 5
Super Bright Green AP3216SGC
Yellow AP3216YC
SPEC NO: CDA0257 APPROVED: J.Lu
REV NO: V.1 CHECKED:
DATE: OCT/23/2001 DRAWN: Y.F.XU
PAGE: 4 OF 5
AP3216 SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: CDA0257 APPROVED: J.Lu
REV NO: V.1 CHECKED:
DATE: OCT/23/2001 DRAWN: Y. F.XU
PAGE: 5 OF 5


▲Up To Search▲   

 
Price & Availability of AP3216YC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X