Part Number Hot Search : 
KC848B C9329 DS3146 01530002 UN9116 N4800 V400TT70 PC3202
Product Description
Full Text Search
 

To Download AP2303N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP2303N
Advanced Power Electronics Corp.
Simple Drive Requirement Small Package Outline Surface Mount Device
S D
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
-30V 240m - 1.9A
Description
SOT-23
G
D
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, low on-resistance and cost-effectiveness.
G S
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1,2 3 3
Rating - 30 20 -1.9 -1.5 -10 1.38 0.01 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 90
Unit /W
Data and specifications subject to change without notice
200407042
AP2303N
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance2
Test Conditions VGS=0V, ID=-250uA
Min. -30 -1 -
Typ. -0.1 2 6.2 1.4 0.3 7.6 8.2 17.5 9 230 130.4 40
Max. Units 240 460 -1 -10 100 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=-1mA
RDS(ON)
VGS=-10V, ID=-1.7A VGS=-4.5V, ID=-1.3A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=VGS, ID=-250uA VDS=-10V, ID=-1.7A VDS=-30V, VGS=0V VDS=-30V, VGS=0V VGS= 20V ID=-1.7A VDS=-15V VGS=-10V VDS=-15V ID=-1A RG=6,VGS=-10V RD=15 VGS=0V VDS=-15V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol IS ISM VSD Parameter
Continuous Source Current ( Body Diode )
Test Conditions VD=VG=0V , VS=-1.2V
1
Min. -
Typ. -
Max. Units -1 -10 -1.2 A A V
Pulsed Source Current ( Body Diode )
Forward On Voltage
2
IS=-1.25A, VGS=0V
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 270/W when mounted on min. copper pad.
AP2303N
10 10
T A =25 C
8
o
-ID , Drain Current (A)
6
-ID , Drain Current (A)
-10V -8.0V -6.0V -5.0V
T A =150 C
8
o
-10V -8.0V -6.0V -5.0V
6
4
V G =-4.0V
4
V G =-4.0V
2
2
0
0
0
1
2
3
4
5
0
1
2
3
4
5
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
250
1.8
1.6
I D =-1.7A V G = -10V
Normalized R DS(ON)
I D =-1.3A T A =25
200
1.4
RDSON (m )
1.2
150
1
0.8
100 3 5 7 9 11
0.6 -50 0 50 100 150
-V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
10
3
1
2
T j =150 o C
0
T j =25 o C
-VGS(th) (V)
1 0 -50
-IF(A)
0
0.1
0.3
0.5
0.7
0.9
1.1
1.3
0
50
100
150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP2303N
14
1000
f=1.0MHz
12
-VGS , Gate to Source Voltage (V)
10
I D = -1.7A V DS = -15V
C iss C (pF)
8
100
C oss
6
4
C rss
2
0 0 2 4 6 8
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (Rthja)
Duty factor=0.5
10
0.2
0.1
0.1 0.05
-ID (A)
1ms
1
0.01
PDM
t T
0.01
Single Pulse
10ms
0.1
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja = 270/W
T A =25 o C Single Pulse
0.01 0.1 1 10
100ms 1s DC
100
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG -10V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP2303N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X