Part Number Hot Search : 
M80C85A 0512E TDA9112A A1104 V630M 74451115 1N473 L4920
Product Description
Full Text Search
 

To Download AP1608SURCK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.6X0.8mm SMD CHIP LED LAMP
AP1608SURCK
HYPER RED
Features
1.6mmX0.8mm SMT LED, 1.1mm THICKNESS. LOW POWER CONSUMPTION. W IDE VIEW ING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / REEL. IN ACCORD WITH Kingbright ENVIRONMENTAL POLICY (DOCUMENT WI-QC-G-0442). RoHS COMPLIANT.
Description
The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice.
SPEC NO: DSAB2720 APPROVED: J. Lu
REV NO: V.7 CHECKED: Allen Liu
DATE: OCT/15/2005 DRAWN: Y.W.WANG
PAGE: 1 OF 5 ERP: 1203000076
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. AP1608SURCK HYPER RED (InGaAlP) WATER CLEAR 50 Typ. 150 Viewing Angle 21/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Typ. 650 635 28 35 1.95 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hyper Red 170 30 185 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAB2720 APPROVED: J. Lu
REV NO: V.7 CHECKED: Allen Liu
DATE: OCT/15/2005 DRAWN: Y.W.WANG
PAGE: 2 OF 5 ERP: 1203000076
Hyper Red
AP1608SURCK
SPEC NO: DSAB2720 APPROVED: J. Lu
REV NO: V.7 CHECKED: Allen Liu
DATE: OCT/15/2005 DRAWN: Y.W.WANG
PAGE: 3 OF 5 ERP: 1203000076
AP1608SURCK
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAB2720 APPROVED: J. Lu
REV NO: V.7 CHECKED: Allen Liu
DATE: OCT/15/2005 DRAWN: Y.W.WANG
PAGE: 4 OF 5 ERP: 1203000076
PACKING & LABEL SPECIFICATIONS
AP1608SURCK
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAB2720 APPROVED: J. Lu
REV NO: V.7 CHECKED: Allen Liu
DATE: OCT/15/2005 DRAWN: Y.W.WANG
PAGE: 5 OF 5 ERP: 1203000076


▲Up To Search▲   

 
Price & Availability of AP1608SURCK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X