Part Number Hot Search : 
MX25L163 74BC245 LT1308B XN6537 MBRF20 6M181RPA AOD4130 OP14CJ
Product Description
Full Text Search
 

To Download AP1608SRCPRV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.6X0.8mm SMD CHIP LED LAMP
AP1608SRCPRV
SUPER BRIGHT RED
Features
1.6mmX0.8mm SMT LED, 1.1mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / REEL . RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice.
SPEC NO: DSAD8456 APPROVED: J. Lu
REV NO: V.6 CHECKED: Allen Liu
DATE: MAR/14/2005 DRAWN: B.H.LI
PAGE: 1 OF 4 ERP: 1203000068
Selection Guide
Iv (mcd) @ 20mA Min. AP1608SRCPRV SUPER BRIGHT RED (GaAlAs) WATER CLEAR 36 Typ. 100 Viewing Angle 21/2 120
Part No.
Dice
Lens Type
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 1.85 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Red 100 30 155 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD8456 APPROVED: J. Lu
REV NO: V.6 CHECKED: Allen Liu
DATE: MAR/14/2005 DRAWN: B.H.LI
PAGE: 2 OF 4 ERP: 1203000068
Super Bright Red
AP1608SRCPRV
SPEC NO: DSAD8456 APPROVED: J. Lu
REV NO: V.6 CHECKED: Allen Liu
DATE: MAR/14/2005 DRAWN: B.H.LI
PAGE: 3 OF 4 ERP: 1203000068
AP1608SRCPRV
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAD8456 APPROVED: J. Lu
REV NO: V.6 CHECKED: Allen Liu
DATE: MAR/14/2005 DRAWN: B.H.LI
PAGE: 4 OF 4 ERP: 1203000068


▲Up To Search▲   

 
Price & Availability of AP1608SRCPRV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X