Part Number Hot Search : 
TS524ID 25L4005 PT8A991A LTI102 DS1225AB 32E2435 NK80Z 805SF
Product Description
Full Text Search
 

To Download AP148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2/99
AP148
Typical Values
1 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
AP148
High Output Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . > +25.0 dBm High Third Order I.P. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +43 dBm High Performance Thin Film Standard Size TO-8
AP148
TO-8 Package for Amplifiers
0.450 (11.43) DIA. 0.208 (5.28) MAX. 0.025 (0.64)
SPECIFICATIONS*
Parameter
Frequency (Min.) Small Signal Gain (Min.) Gain Flatness (Max.) Noise Figure (Max.) SWR (Max.) Input/Output
0.185 0.015 (4.70 0.38) 0.018 0.002 DIA. PIN (0.46 0.05) (4) PLCS 0.504 (12.80) DIA. 50 OHM INPUT GROUND 50 OHM OUTPUT
Typical
1-300 MHz 11.0 dB 0.2 dB 3.5 dB <1.5:1
Guaranteed 0 to 50 C -55 to 85 C
1-200 MHz 10.5 dB 0.4 dB 4.2 dB 1.7:1 1-200 MHz 10.0 dB
0.033 (0.84)
0.6 dB 4.7 dB
+DC VOLTAGE
0.031 (0.79) 45 3 0.300 (7.62) DIA. B.C.
1.8:1
Power Output (Min.) @ 1dB comp. DC Current (Max.)
> +25.0^ dBm 109.0 mA
+24.5^ dBm 115.0 mA
+24.0^ dBm 118.0 mA
APS148
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified. ^ 0.5 dB lower below 30 MHz.
SMTO-8 Package for Amplifiers
0.450 (11.43) 0.225 (5.72) DETAIL A (NO SCALE) DC BIAS 0.016 0.002 0.010 0.002
INTERMODULATION PERFORMANCE
Typical @ 25 C; 100 MHz
AP148
+65 dBm +59 dBm +43 dBm
0 50 INPUT 0.250 (6.35) 0.450 (11.43) .0.075 (1.91) 0.225 (5.72) 0.375 (9.53) 0.016 0.002 (0.41 0.05) (4) PLCS 50 OUTPUT
Second Order Harmonic Intercept Point . . . . . . . . . . . . . . Second Order Two Tone Intercept Point. . . . . . . . . . . . . . . Third Order Two Tone Intercept Point . . . . . . . . . . . . . . . . .
0
0.008
0.012
0
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum Continuous RF Input Power . . . . . . . . . . . . . . . . Maximum Short Term Input Power (1 Minute Max.) . . . . . . Maximum Peak Power (3 sec Max.) . . . . . . . . . . . . . . . . . . Burn-in Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Thermal Resistance1 (jc) . . . . . . . . . . . . . . . . . . . . . . . . . . . Junction Temperature Rise Above Case (Tjc) . . . . . . . . . .
1
GND SEE DETAIL "A" 0 0.075 (1.91) 0.200 (5.08) 0.350 (8.89) 0.450 (11.43) 0.010 (TYP.) (0.25)
0.040 0.012 (1.02 0.30) (4) PLCS 0.050 (1.27) (4) PLCS 0.100 (2.54) (4) PLCS 0.170 (4.32)
-62 to 125 C +125 C +17 Volts +17 dBm 100 Milliwatts 0.5 Watt +100 C +23 C/Watt +39.6 C
0.031 (0.79) 0.031 (0.79) 45 0.008 0.001 (0.20 0.03)
Thermal resistance is based on total power dissipation.
If DC is present on RF input/output, this model requires additional external blocking capacitors.
DIMENSIONS ARE IN INCHES (MILLIMETERS)
50
408-522-3838 * Fax: 408-522-3839 * Check for updates: www.cougarcorp.com
2005/2006
AP148
TYPICAL PERFORMANCE
Gain vs Temperature Vcc = 15
12.0 GAIN - dB 11.0 10.0 9.0 1 10 30 50 100 150 200 FREQUENCY - MHz 250 300 350 KEY: +25 C +85 C -55 C
Model: AP148 FREQ MHZ 0.5 1 5 10 50 100 150 200 250 300 Model: AP148 FREQ. MHz 0.5 1.0 5 10 50 100 150 200 250 300 350 350 Model: AP148 FREQ MHZ 0.5 1 5 10 50 100 150 200 250 300 Model: AP148 FREQ. MHz 0.5 1.0 5 10 50 100 150 200 250 300 350 350 SWR IN 1.65 1.19 1.02 1.01 1.02 1.05 1.12 1.23 1.40 1.67
TYPICAL AUTOMATIC TEST DATA
SWR OUT 2.42 1.32 1.08 1.07 1.07 1.09 1.09 1.09 1.12 1.23 Vcc=+15V GAIN DB 10.1 11.4 11.3 11.3 11.2 11.2 11.1 11.1 11.0 10.7 DELAY NSEC Icc=108.29 REV/ISO DB -14.0 -17.4 -18.7 -18.8 -18.9 -18.9 -19.0 -19.1 -19.2 -19.5 Icc=108.29 S22 MAG ANG 0.42 176.6 0.14 109.9 0.04 50.9 0.03 32.6 0.04 17.3 0.04 8.2 0.04 -12.4 0.04 -50.5 0.06 -102.2 0.10 -143.4 0.18 -172.1 0.27 164.5 Icc=85.17 REV/ISO DB -14.8 -17.7 -18.8 -18.8 -18.9 -18.9 -19.0 -19.1 -19.2 -19.5 Icc=85.17 S22 ANG 156.7 102.9 41.3 25.9 13.6 4.6 -15.8 -53.2 -102.8 -143.2 -171.9 164.6
8.187 1.511 0.811 0.741 0.749 0.771 0.816 0.866
NOISE FIGURE - dB
Noise Figure
5.0 4.0 3.0 2.0 5 10 30 50 100 150 200 FREQUENCY - MHz 250 300 350 15v 12v
S11 MAG 0.24 0.09 0.01 0.00 0.01 0.03 0.06 0.10 0.17 0.25 0.35 0.46 ANG -48.9 -95.1 -104.8 -89.6 -91.3 -135.4 -157.9 -175.0 169.1 153.9 138.4 122.6
Power Output at 1 dB Compression
28.0 OUTPUT POWER - dBm 27.0 26.0 25.0 24.0 23.0 22.0 1 10 30 50 100 150 200 FREQUENCY - MHz 250 300 350 12v 15v
LINEAR S-PARAMETERS Vcc=+15V S21 S12 MAG ANG MAG ANG 3.18 -144.1 0.199 171.0 3.74 -167.1 0.135 164.0 3.69 -178.9 0.116 175.0 3.68 178.5 0.115 175.0 3.65 167.4 0.114 166.0 3.62 154.8 0.113 153.0 3.60 142.0 0.112 139.0 3.58 128.9 0.111 125.0 3.53 114.9 0.109 110.0 3.44 100.0 0.106 94.0 3.26 84.2 0.099 77.0 2.98 67.8 0.090 58.0 Vcc=+12V GAIN DB 11.2 11.4 11.3 11.3 11.2 11.2 11.1 11.1 10.9 10.7
SWR IN 1.47 1.14 1.01 1.01 1.02 1.06 1.12 1.24 1.42 1.69
SWR OUT 1.93 1.23 1.07 1.07 1.08 1.09 1.10 1.10 1.13 1.24
DELAY NSEC
7.102 1.432 0.807 0.743 0.752 0.775 0.820 0.871
Intercept Point Vcc = 15
INTERCEPT POINT - dBm 80 70 2nd HAR 60 50 40 30 1 10 30 50 100 150 200 FREQUENCY - MHz 250 300 350 IP 2 IP 3
S11 MAG 0.19 0.06 0.01 0.00 0.01 0.03 0.06 0.11 0.17 0.26 0.36 0.46 ANG -71.2 -100.5 -105.6 -79.7 -90.5 -133.7 -157.0 -174.4 169.6 154.1 138.6 122.7
LINEAR S-PARAMETERS Vcc=+12V S21 S12 MAG ANG MAG ANG 3.65 -150.1 0.183 165.0 3.72 -169.0 0.130 165.0 3.68 -179.1 0.115 175.0 3.67 178.4 0.115 176.0 3.64 167.3 0.114 166.0 3.61 154.6 0.113 153.0 3.59 141.8 0.112 139.0 3.57 128.6 0.111 125.0 3.52 114.5 0.109 110.0 3.42 99.6 0.106 94.0 3.24 83.7 0.099 76.0 2.96 67.3 0.090 58.0
MAG 0.32 0.10 0.04 0.03 0.04 0.04 0.05 0.05 0.06 0.11 0.18 0.27
Intercept Point Vcc = 12
INTERCEPT POINT - dBm 80 70 2nd HAR 60 50 40 30 1 10 30 50 100 150 200 FREQUENCY - MHz 250 300 350 IP 2 IP 3
2005/2006
408-522-3838 * Fax: 408-522-3839 * Check for updates: www.cougarcorp.com
51


▲Up To Search▲   

 
Price & Availability of AP148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X