Part Number Hot Search : 
XF0652P 31000 I8023 1N425 S0370 100310 100310 IDT82V20
Product Description
Full Text Search
 

To Download AOL1426L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AOL1426 N-Channel Enhancement Mode Field Effect Transistor
General Description
The AOL1426 uses advanced trench technology to provide excellent RDS(ON), low gate charge.This device is suitable for use as a high side switch in SMPS and general purpose applications. Standard Product AOL1426 is Pb-free (meets ROHS & Sony 259 specifications). AOL1426L is a Green Product ordering option. AOL1426 and AOL1426L are electrically identical.
Features
VDS (V) = 30V ID = 46A (VGS = 10V) RDS(ON) <10.5m (VGS = 10V) RDS(ON) < 12.5m (VGS = 4.5V)
Ultra SO-8TM Top View D
Fits SOIC8 footprint !
G
D
S
Bottom tab connected to drain G
S
Absolute Maximum Ratings TA=25C unless otherwise noted Parameter Symbol VDS Drain-Source Voltage VGS Gate-Source Voltage Continuous Drain Current B Pulsed Drain Current Continuous Drain Current H Avalanche Current C Repetitive avalanche energy L=0.3mH TC=25C Power Dissipation B Power Dissipation
A C
Maximum 30 12 46 33 120 10 8 35 184 43 21 2.0 1 -55 to 175
Units V V A
TC=25C TC=100C TA=25C TA=70C IDSM IAR EAR PD PDSM TJ, TSTG ID IDM
A A mJ W W C
TC=100C TA=25C TA=70C
Junction and Storage Temperature Range Thermal Characteristics Parameter Maximum Junction-to-Ambient A A Maximum Junction-to-Ambient C Maximum Junction-to-Case
Symbol t 10s Steady-State Steady-State RJA RJC
Typ 24 53 2.4
Max 30 64 3.5
Units C/W C/W C/W
Alpha & Omega Semiconductor, Ltd.
AOL1426
Electrical Characteristics (T J=25C unless otherwise noted) Symbol Parameter Conditions ID=250A, VGS=0V VDS=24V, VGS=0V TJ=55C VDS=0V, VGS= 12V VDS=VGS ID=250A VGS=10V, VDS=5V VGS=10V, ID=20A RDS(ON) gFS VSD IS Static Drain-Source On-Resistance VGS=4.5V, ID=20A Forward Transconductance VDS=5V, ID=20A Diode Forward Voltage IS=1A,VGS=0V Maximum Body-Diode Continuous Current TJ=125C 1 120 8.5 14.5 10.2 40 0.73 1.0 46 1210 VGS=0V, VDS=15V, f=1MHz VGS=0V, VDS=0V, f=1MHz 330 85 1.2 22 VGS=10V, VDS=15V, ID=20A 10 3.7 2.7 10 VGS=10V, VDS=15V, RL=0.75, RGEN=3 IF=20A, dI/dt=100A/s 6.3 21 2.8 36 47 45 1.6 28 1452 10.5 18 12.5 1.55 Min 30 1 5 0.1 2.5 Typ Max Units V uA A V A m m S V A pF pF pF nC nC nC nC ns ns ns ns ns nC
STATIC PARAMETERS BVDSS Drain-Source Breakdown Voltage IDSS IGSS VGS(th) ID(ON) Zero Gate Voltage Drain Current Gate-Body leakage current Gate Threshold Voltage On state drain current
DYNAMIC PARAMETERS Ciss Input Capacitance Coss Crss Rg Output Capacitance Reverse Transfer Capacitance Gate resistance
SWITCHING PARAMETERS Qg(10V) Total Gate Charge Qg(4.5V) Total Gate Charge Qgs Qgd tD(on) tr tD(off) tf trr Qrr Gate Source Charge Gate Drain Charge Turn-On DelayTime Turn-On Rise Time Turn-Off DelayTime Turn-Off Fall Time Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=20A, dI/dt=100A/s
A: The value of RJA is measured with the device in a still air environment with T A =25C. B. The power dissipation PD is based on TJ(MAX)=175C, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation limit for cases where additional heatsinking is used. C: Repetitive rating, pulse width limited by junction temperature TJ(MAX)=175C. D. The RJA is the sum of the thermal impedence from junction to case R and case to ambient. JC E. The static characteristics in Figures 1 to 6 are obtained using <300 ms pulses, duty cycle 0.5% max. F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assumin a maximum junction temperature of TJ(MAX)=175C. G. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with T A=25C. The SOA curve provides a single pulse rating. H. Surface mounted on a 1 in 2 FR-4 board with 2oz. Copper. Rev0: Mar 2006 THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Alpha & Omega Semiconductor, Ltd.
AOL1424
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
120 6V 10V 4.5V ID (A) 60 ID(A) VGS=3.5V 30 25 20 15 10 30 5 0 0 1 2 3 4 5 VDS (Volts) Fig 1: On-Region Characteristics 13 Normalized On-Resistance 2 1.8 1.6 1.4 1.2 1 0.8 0.6 0 5 10 15 20 25 30 0 30 60 90 120 150 180 ID (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage 20 1.0E+02 1.0E+01 ID=20A RDS(ON) (m) 15 125C 10 25C 5 2 4 6 8 10 VGS (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage IS (A) 125C 1.0E+00 1.0E-01 1.0E-02 1.0E-03 1.0E-04 1.0E-05 0.0 0.2 0.4 0.6 0.8 1.0 VSD (Volts) Figure 6: Body-Diode Characteristics 25C Temperature (C) Figure 4: On-Resistance vs. Junction Temperature ID=20A VGS=4.5 VGS=10V 0 1 1.5 2 2.5 3 3.5 4 VGS(Volts) Figure 2: Transfer Characteristics 125 25C VDS=5V
90
11 RDS(ON) (m)
VGS=4.5V
9 VGS=10V
7
5
Alpha & Omega Semiconductor, Ltd.
AOL1426
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
10 8 VGS (Volts) 6 4 2 0 0 5 10 15 20 25 Qg (nC) Figure 7: Gate-Charge Characteristics VDS=15V ID=20A Capacitance (pF) 2000
1500
Ciss
1000
500 Crss 0 0 5
Coss
10
15
20
25
30
VDS (Volts) Figure 8: Capacitance Characteristics
1000.0 100.0 ID (Amps) 10.0 1.0 0.1 0.0 0.01 TJ(Max)=175C TC=25C RDS(ON) limited 10s 100 1m 10ms 0.1 Power (W)
140 120 100 80 60 40 20 0.001 TJ(Max)=175C TC=25C
DC
0.1
1 VDS (Volts)
10
100
0.01
0.1
1
10
100
Figure 9: Maximum Forward Biased Safe Operating Area (Note F)
Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toCase (Note F)
10 ZJA Normalized Transient Thermal Resistance D=Ton/T TJ,PK=TC+PDM.ZJc .RJc RJC=3.5C/W 1 In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0.1 Single Pulse 0.01 0.00001 0.0001 0.001 0.01 0.1
PD Ton T
1
10
100
Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Alpha & Omega Semiconductor, Ltd.
AOL1426
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
60 ID(A), Peak Avalanche Current TA=25C Power Dissipation (W) 40 30 20 10 0 0.0001 0.001 0.01 0 25 50 75 100 125 150 175 T CASE (C) Figure 13: Power De-rating (Note B) 50
40
20
0 0.00001
Time in avalanche, tA (s) Figure 12: Single Pulse Avalanche capability
60
140 120
Current rating ID(A)
40 Power (W) 0 25 50 75 100 125 150 175
100 80 60 40 20
20
0 T CASE (C) Figure 14: Current De-rating (Note B)
0 0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 15: Single Pulse Power Rating Junction-toAmbient (Note G)
10 ZJA Normalized Transient Thermal Resistance
1
D=Ton/T TJ,PK=TA+PDM.ZJA.RJA RJA=64C/W
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0.1 PD 0.01 Single Pulse 0.001 0.00001 0.0001 0.001 0.01 0.1 1 Ton T 100 1000
10
Pulse Width (s) Figure 16: Normalized Maximum Transient Thermal Impedance (Note G)
Alpha & Omega Semiconductor, Ltd.


▲Up To Search▲   

 
Price & Availability of AOL1426L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X