Part Number Hot Search : 
MFM65 1062246 MN512K TSOP6156 S2222A BSS51 141000 BSS51
Product Description
Full Text Search
 

To Download AO6420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AO6420 N-Channel Enhancement Mode Field Effect Transistor
General Description
The AO6420 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. This device is suitable for use as a load switch or in PWM applications. Standard Product AO6420 is Pb-free (meets ROHS & Sony 259 specifications).
Features
VDS (V) = 60V ID = 4.2A (VGS = 10V) RDS(ON) < 60m (VGS = 10V) RDS(ON) < 75m (VGS = 4.5V)
Rg,Ciss,Coss,Crss Tested!
TSOP-6 Top View
D
D D G
16 25 34
D D S
G S
Absolute Maximum Ratings TA=25C unless otherwise noted Symbol Parameter VDS Drain-Source Voltage VGS Gate-Source Voltage Continuous Drain Current A,F Pulsed Drain Current Power Dissipation
B
Maximum 60 20 4.2 3.4 20 2.00 1.28 -55 to 150
Units V V A
TA=25C TA=70C TA=25C TA=70C ID IDM PD TJ, TSTG
W C
Junction and Storage Temperature Range Thermal Characteristics Parameter Maximum Junction-to-Ambient A Maximum Junction-to-Ambient A Maximum Junction-to-Lead C
Symbol t 10s Steady-State Steady-State RJA RJL
Typ 48 74 35
Max 62.5 110 40
Units C/W C/W C/W
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
AO6420
N Channel Electrical Characteristics (T J=25C unless otherwise noted) Symbol Parameter Conditions ID=250A, VGS=0V VDS=60V, VGS=0V TJ=55C VDS=0V, VGS= 20V VDS=VGS ID=250A VGS=10V, VDS=5V VGS=10V, I D=4.2A RDS(ON) gFS VSD IS Static Drain-Source On-Resistance VGS=4.5V, I D=3A Forward Transconductance VDS=5V, ID=4.2A IS=1A,VGS=0V Diode Forward Voltage Maximum Body-Diode Continuous Current TJ=125C 1 20 50 85 60 13 0.78 1 3 450 VGS=0V, VDS=30V, f=1MHz VGS=0V, VDS=0V, f=1MHz 60 25 1.65 9.5 VGS=10V, VDS=30V, I D=4.2A 4.3 1.6 2.2 5.1 VGS=10V, VDS=30V, RL=7, RGEN=3 IF=4.2A, dI/dt=100A/s IF=4.2A, dI/dt=100A/s 2.6 15.9 2 25.1 28.7 7 4 20 3 35 2 11.5 5.5 540 75 60 2.3 Min 60 1 5 100 3 Typ Max Units V A nA V A m m S V A pF pF pF nC nC nC nC ns ns ns ns ns nC
STATIC PARAMETERS BVDSS Drain-Source Breakdown Voltage IDSS IGSS VGS(th) ID(ON) Zero Gate Voltage Drain Current Gate-Body leakage current Gate Threshold Voltage On state drain current
DYNAMIC PARAMETERS Ciss Input Capacitance Coss Crss Rg Output Capacitance Reverse Transfer Capacitance Gate resistance
SWITCHING PARAMETERS Qg(10V) Total Gate Charge Qg(4.5V) Total Gate Charge Qgs Qgd tD(on) tr tD(off) tf trr Qrr Gate Source Charge Gate Drain Charge Turn-On DelayTime Turn-On Rise Time Turn-Off DelayTime Turn-Off Fall Time Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge
A: The value of R JA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25C. The value in any given application depends on the user's specific board design. The current rating is based on the t 10s thermal resistance rating. B: Repetitive rating, pulse width limited by junction temperature. C. The R JA is the sum of the thermal impedence from junction to lead RJL and lead to ambient. D. The static characteristics in Figures 1 to 6 are obtained using <300s pulses, duty cycle 0.5% max. E. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25C. The SOA curve provides a single pulse rating. F.The current rating is based on the t 10s thermal resistance rating. Rev0: Feb. 2007
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, FUNCTIONS AND RELIABILITY WITHOUT NOTICE
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
AO6420
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS: N-CHANNEL
20 10.0V 5.0V 15 4.5V 10 4.0V 5 VGS=3.5V 0 1 2 3 4 5 0 2 2.5 3 3.5 4 4.5 5 VGS(Volts) Figure 2: Transfer Characteristics 2 Normalized On-Resistance 1.8 1.6 1.4 1.2 1 0.8 0 25 50 75 100 125 150 175 Temperature (C) Figure 4: On-Resistance vs. Junction Temperature 1.0E+01 ID=4.2A 1.0E+00 1.0E-01 IS (A) 1.0E-02 1.0E-03 1.0E-04 1.0E-05 40 2 4 6 8 10 VGS (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage 0.0 0.2 0.4 0.6 0.8 1.0 VSD (Volts) Figure 6: Body-Diode Characteristics 25C 125C VGS=4.5V ID=3A VGS=10 ID=4.2A ID(A) 10 125C VDS=5V 15
ID (A)
5 25C
0
VDS (Volts) Fig 1: On-Region Characteristics
100 90 80 RDS(ON) (m) 70 60 50 40 30 20 0 5 10 15 20 ID (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage VGS=10V VGS=4.5V
160 140 120 RDS(ON) (m) 100 80 60 25C 125C
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
AO6420
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS: N-CHANNEL
10 8 VGS (Volts) 6 4 2 0 0 2 4 6 8 10 Qg (nC) Figure 7: Gate-Charge Characteristics VDS=30V ID= 4.2A Capacitance (pF) 600 Ciss 400 Coss Crss 0 0 10 20 30 40 50 60 VDS (Volts) Figure 8: Capacitance Characteristics 800
200
100.0
40 TJ(Max)=150C TA=25C Power (W) RDS(ON) limited 10s 100 1ms DC 10ms 0.1s 1s 10s 0.1 1 VDS (Volts) 10 100 30
10.0 ID (Amps)
1.0
20
0.1
TJ(Max)=150C TA=25C
10
0.0 0.01
0 0.001
0.01
0.1
1
10
100
1000
Figure 9: Maximum Forward Biased Safe Operating Area (Note E)
Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E)
10 ZJA Normalized Transient Thermal Resistance D=Ton/T TJ,PK=TA+PDM.ZJA.RJA RJA=110C/W 1
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0.1
PD Ton
Single Pulse 0.01 0.00001 0.0001 0.001 0.01 0.1 1
T
10
100
1000
Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


▲Up To Search▲   

 
Price & Availability of AO6420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X