|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AO4818 Dual N-Channel Enhancement Mode Field Effect Transistor General Description The AO4818 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. This device is suitable for use as a load switch or in PWM applications. Standard Product AO4818 is Pb-free (meets ROHS & Sony 259 specifications). AO4818L is a Green Product ordering option. AO4818 and AO4818L are electrically identical. Features VDS (V) = 30V ID = 8.5A (VGS = 10V) RDS(ON) < 19m (VGS = 10V) RDS(ON) < 28m (VGS = 4.5V) D1 S2 G2 S1 G1 D2 D2 D1 D1 D2 1 2 3 4 8 7 6 5 G1 S1 G2 S2 SOIC-8 Absolute Maximum Ratings TA=25C unless otherwise noted Parameter Symbol VDS Drain-Source Voltage VGS Gate-Source Voltage Continuous Drain Current A Pulsed Drain Current Power Dissipation B Maximum 30 20 8.5 6.6 40 2 1.28 -55 to 150 Units V V A TA=25C TA=70C TA=25C TA=70C ID IDM PD TJ, TSTG W C Junction and Storage Temperature Range Thermal Characteristics Parameter Maximum Junction-to-Ambient A Maximum Junction-to-Ambient A Maximum Junction-to-Lead C Symbol t 10s Steady-State Steady-State RJA RJL Typ 48 74 35 Max 62.5 110 40 Units C/W C/W C/W Alpha & Omega Semiconductor, Ltd. AO4818 Electrical Characteristics (T J=25C unless otherwise noted) Parameter Symbol STATIC PARAMETERS BVDSS Drain-Source Breakdown Voltage IDSS IGSS VGS(th) ID(ON) RDS(ON) gFS VSD IS Zero Gate Voltage Drain Current Gate-Body leakage current Gate Threshold Voltage On state drain current Static Drain-Source On-Resistance VGS=4.5V, ID=6A VDS=5V, ID=8.5A Forward Transconductance Diode Forward Voltage IS=1A,VGS=0V Maximum Body-Diode Continuous Current Conditions ID=250A, VGS=0V VDS=24V, VGS=0V TJ=55C VDS=0V, VGS= 20V VDS=VGS ID=250A VGS=10V, VDS=5V VGS=10V, ID=8.5A TJ=125C 1 40 1.8 15.5 22.3 23 23 0.75 Min 30 1 5 100 3 19 27 28 1 3 Typ Max Units V A nA V A m m S V A pF pF pF nC nC nC nC ns ns ns ns ns nC DYNAMIC PARAMETERS Ciss Input Capacitance Coss Output Capacitance Crss Reverse Transfer Capacitance Rg Gate resistance SWITCHING PARAMETERS Qg(10V) Total Gate Charge Qg(4.5V) Total Gate Charge Qgs Gate Source Charge Qgd Gate Drain Charge tD(on) Turn-On DelayTime tr Turn-On Rise Time tD(off) Turn-Off DelayTime tf Turn-Off Fall Time trr Body Diode Reverse Recovery Time Qrr Body Diode Reverse Recovery Charge VGS=0V, VDS=15V, f=1MHz VGS=0V, VDS=0V, f=1MHz 1040 180 110 0.7 19.2 9.36 2.6 4.2 5.2 4.4 17.3 3.3 16.7 6.7 2 24 12 VGS=10V, VDS=15V, ID=8.5A VGS=10V, VDS=15V, RL=1.8, RGEN=3 IF=8.5A, dI/dt=100A/s IF=8.5A, dI/dt=100A/s A: The value of R JA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25C. The value in any given application depends on the user's specific board design. The current rating is based on the t 10s thermal resistance rating. B: Repetitive rating, pulse width limited by junction temperature. C. The R JA is the sum of the thermal impedence from junction to lead RJL and lead to ambient. D. The static characteristics in Figures 1 to 6 are obtained using 80 s pulses, duty cycle 0.5% max. E. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25C. The SOA curve provides a single pulse rating. Rev 5 : August 2005 THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, FUNCTIONS AND RELIABILITY WITHOUT NOTICE. Alpha & Omega Semiconductor, Ltd. AO4818 TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS 30 25 20 ID (A) 15 10 5 0 0 1 2 3 4 5 VDS (Volts) Fig 1: On-Region Characteristics 28 Normalized On-Resistance 26 24 RDS(ON) (m) 22 20 18 16 14 0 5 10 15 20 0.8 0 25 50 75 100 125 150 175 Temperature (C) Figure 4: On-Resistance vs. Junction Temperature ID (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage 50 VGS=10V VGS=4.5V 1.6 VGS=10V ID=8.5A 1.4 VGS=4.5V 1.2 4V 10V 4.5V 3.5V 1.20E+01 ID(A) 125C 8.00E+00 VGS=3V 4.00E+00 0.00E+00 1.5 2 2.5 3 3.5 4 VGS(Volts) Figure 2: Transfer Characteristics 25C 2.00E+01 1.60E+01 VDS=5V 1 1.0E+01 1.0E+00 40 RDS(ON) (m) ID=8.5A IS (A) 1.0E-01 125C 1.0E-02 125C 25C THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL 1.0E-03 COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF 20 SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, 25C 1.0E-04 FUNCTIONS AND RELIABILITY WITHOUT NOTICE 10 2 4 6 8 10 VGS (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage 1.0E-05 0.0 0.2 0.4 0.6 0.8 1.0 VSD (Volts) Figure 6: Body-Diode Characteristics 30 Alpha & Omega Semiconductor, Ltd. AO4818 TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS 10 8 VGS (Volts) 6 4 2 0 0 4 8 12 16 20 Qg (nC) Figure 7: Gate-Charge Characteristics 1500 VDS=15V ID=8.5A Capacitance (pF) 1250 Ciss 1000 750 500 250 0 0 Crss 5 10 15 20 25 30 Coss VDS (Volts) Figure 8: Capacitance Characteristics 100.0 RDS(ON) limited 1ms 10ms 0.1s 100s 10s Power (W) 50 40 30 20 10 0 0.001 TJ(Max)=150C TA=25C ID (Amps) 10.0 1.0 TJ(Max)=150C TA=25C 0.1 0.1 1 1s 10s DC 10 VDS (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E) 100 0.01 0.1 1 10 100 1000 Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E) 10 ZJA Normalized Transient Thermal Resistance D=T on/T TJ,PK=T A+PDM.ZJA.RJA RJA=62.5C/W In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse 1 THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL PD COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING 0.1 OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, Ton FUNCTIONS AND RELIABILITY WITHOUT NOTICE T Single Pulse 0.01 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance Alpha & Omega Semiconductor, Ltd. |
Price & Availability of AO4818L |