Part Number Hot Search : 
AN181 EDZ11 FW233 IDT72 GBL005 S78L18 24064 4MTCX
Product Description
Full Text Search
 

To Download AND180CRP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AND180CRP
Ultra Bright LED Lamps: Type 1
Weight: 0.31 g Unit: mm
AND180CRP
5.60.3
GaAlAs Red Light Emission T-1 3/4 Package (5 mm)
Features
* Peak wavelength (p = 660 nm) high bright emission * All plastic mold type, clear colorless lens * Low drive current: 20 mA for outdoor applications 0.5 mA for indoor applications * Excellent On-Off contrast ratio * Fast response time, capable of pulse operation * Suitable for Outdoor Message Signboards
5.00.2
1.00.2
1.0 MIN.
26.4 MIN.
8.60.3
0.5
Maximum Ratings (Ta = 25C)
Characteristics Forward Current Symbol
IF VR PD TOpr TStg
Rating
40 5 125 -40 to 85 -40 to 100
Unit
mA V mW C C
2.54 Cathode Index 0.5
Reverse Voltage Power Dissipation Operating Temperature Range
1. Anode 2. Cathode
1
2
Storage Temperature Range
Electro-Optical Characteristics (Ta = 25C)
Characteristics Forward Voltage Reverse Current Luminous Intensity Peak Emission Wavelength Spectral Line Half Width Dominant Wavelength Full Viewing Angle Symbol
VF IR IV lP d
Test Condition
IF = 20 mA VR = 4 V IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IV = 1/2 Peak
Minimum
- - 2,500 - - - -
Typical
1.7 - 3,600 660 20 643 10
Maximum
2.4 10 - - - - -
Unit
V A mcd nm nm nm degree
Precaution
Please be careful of the following: 1. Soldering temperature: 260C max Soldering time: 5 sec. max Soldering portion of lead: up to 1.6 mm from the body of the device 2. The lead can be formed up to 5 mm from the body of the device without forming stress. Soldering should be performed after the lead forming.
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * email@purdyelectronics.com * www.purdyelectronics.com
11/19/02
AND180CRP
GaAlAs Red Light Emission
IF -- VF 50 Luminous Intensity IV (mcd) Forward Current IF (mA) 30 Ta = 25C 10000 5000 3000 Ta = 25C
Ultra Bright LED Lamps: Type 1
IV -- IF
10 5 3
1000 500 300
100 1 1.4 50 1.5 1.6 1.7 1.8 Forward Voltage VF (V) 1.9 2.0 2.1 0.5 1 3 5 10 30 50 100 300
Forward Current IF (mA)
IV -- TC 3 Relative Luminous Intensity 1.0
Relative Luminous Intensity -- Wavelength IF = 20 mA Ta = 25C
Relative Luminous Intensity
0.8
1 0.5 0.3
0.6 0.4
0.2 0 600
0.1 -20 0 20 40 60 80
620
640
660
680
700
720
Case Temperature TC (C)
Wavelength (nm)
Radiation Pattern 40 10 0 Ta = 25C 20 30 40 50 60 70 80 90 0 0.2 0.4 0.6 0.8 0 0 Allowable Forward Current IF (mA)
IF -- Ta
20 30 40 50 60 70 80 90
10
30
20
10
20 40 60 80 Ambient Temperature Ta (C)
100
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * email@purdyelectronics.com * www.purdyelectronics.com
11/19/02


▲Up To Search▲   

 
Price & Availability of AND180CRP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X