Part Number Hot Search : 
LC75857E 5KP15 2SA186 4H560838 4013B 75NS04Z 75NS04Z L4422
Product Description
Full Text Search
 

To Download AMT8302T56F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.125 Gb/s Integrated 850nm MSM-TIA
AMT8302
Preliminary Data Sheet - Rev 0
FEATURES * Differential Output TIA * 3.3V Operation * Automatic Gain Control * Integrated 850nm MSM Detector & TIA * TO-56 Ultra Flat-Window Hermetic Package * High Reliability APPLICATIONS * 2x Fibre Channel (2.125 Gb/s) T56F TO-56 Ultra Flat Window Package
Product Description The ANADIGICS AMT8302 is a 3.3V monolithically integrated Metal-Semiconductor-Metal (MSM) photodetector and transimpedance amplifier (TIA) used to convert an 850nm input optical signal into a differential output voltage, and is manufactured in ANADIGICS 6 GaAs wafer fabrication facility. The integrated MSM and TIA receiver maximizes the receiver performance by minimizing the photodetector input parasitics to the TIA and
internally biasing the photodetector to achieve high sensitivity, bandwidth and overload performance. As an integrated product the reliability is inherently better than a discrete solution, and both the MSM-TIA integrated circuit and TO56 flat window packaged receiver pass stringent reliability requirements. These products are readily designed into receiversand transceivers for 2X Fibre Channel applications.
Figure 1: AMT8302 Equivalent Circuit
V DD 1
OUT
4 2
OUT AGC
US Patents: 5047728, 5646573
PIN
Charge Pump 7.5 GHz Osc
3
AMT8302
Table 1: Absolute Maximum Ratings
V DD PIN TS 6.0V +5dBm Storage Temp. - 65 C to 125 C
Table 2: Electrical Characteristics
PAR AMETER Wavelength (l) D etector D i ameter Small Si gnal D i fferenti al Responsi vi ty Bandwi dth
(1) (1)
MIN 770 (@ 50 MHz) 1000 1400 0 -19
(3)
TYP 850 100 1900 40 750 140 5 50 35 +3.3 -
MAX 860 300 55 +3.6 80
U N IT nm m V/W MHz kHz
Low Frequency C utoff Output Resi stance Opti cal Overload
(2)
W
dB m dB m mV ps % ps mA Volts C
Opti cal Sensi ti vi ty (2) D i fferenti al Output Voltage TRISE and TFALL (20-80%) (3) D uty C ycle D i storti on Total Ji tter (3), (4) Supply C urrent Operati ng Voltage Range Operati ng C ase Temperature Range
(3)
+ 3.0 0
(1) Measured at 14 dBm optical input power with output connected into RL = 100W (differential) (2) Measured at 10-10 BER with a 27-1 PRBS at 2.125 Gb/s (3) Measured with a 27-1 PRBS at 2.125 Gb/s, an input optical power of -3dBm and RL = 100 W (differential) (4) 6 s about the center eye crossing
Table 3: Package PIN Description
Pin 1 2 3 4
2
D escription VDD - Posi ti ve Supply Voltage VOUT - TIA Output Voltage (Inverted) Ground VOUT - TIA Output Voltage (Non-Inverted)
C omment +3.3 Volts Logi cal '0' wi th opti cal i nput C ase i s grounded Logi cal '1' wi th opti cal i nput
Preliminary Data Sheet - Revision 0 03/01
AMT8302
Figure 2: Eye Diagram with an Optical Input Power of -18dBm
10mV/Div
100ps/Div
Figure 3: Eye Diagram with an Optical Input Power of -8.0dBm
60mV/Div.
100ps/Div
Figure 4: Eye Diagram with an Optical Input Power of 0dBm
150mV/Div.
100ps/Div
Preliminary Data Sheet - Revision 0 03/01
3
AMT8302
Figure 5: Supply Current vs. Temperature
50.0
Supply Current (mA)
Figure 6: Bandwidth vs. Temperature
2400 2200
Bandwidth (MHz)
45.0 40.0 35.0 30.0 25.0 0 20 40 60 80 100
Case Temperature (C)
2000 1800 1600 1400 1200 1000 0 20 40 60 80 100
Case Temperature (C) 3V 3.3V 3.6V
3V 3.3V 3.6V
Figure 7: Differential Responsivity vs. Temperature
1500
Differential Responsivity (V/W)
Figure 8: Sensitivity vs. Temperature
-18.00 -18.50
Sensitivity (dBm)
1400 1300 1200 1100 1000 900 0 20 40 60 80 100
Case Temperature (C) 3V 3.3V 3.6V
-19.00 -19.50 -20.00 -20.50 -21.00 -21.50 -22.00 0 20 40 60 80 100
Case Temperature (C) 3V 3.3V 3.6V
4
Preliminary Data Sheet - Revision 0 03/01
AMT8302
Figure 9: Test Setup for Frequency Response
Lightwave Analyzer HP 8702D
Laser
Optical Attenuator
DUT Test Fixture
Extinction Ratio= 3dB
Power Supply
Figure 10: Test Setup for Sensitivity
BERT
Pulse Pattern Generator
Error Detector
Hybrid Coupler
Limiting Amplifier
25 dB Gain
Laser
Optical Attenuator
DUT Test Fixture
Extinction Ratio = 9dB Power Supply
Figure 11: Test Setup for Eye Measurements
Pulse Pattern Generator
Digital Communication Analyzer HP83480A
Laser
Optical Attenuator
DUT Test Fixture
Extinction Ratio = 9dB
Power Supply
Preliminary Data Sheet - Revision 0 03/01
5
AMT8302
Figure 12: DUT Test Fixture Schematic
VDD
0.1uF
VOUT 0.1uF
DUT 0.1 uF
VOUT
Figure 13: Application Schematic
V
DD
0.1uF 1
OUT
4 CF 2
0.1uF RO 0.1uF
OUT AGC
LIMITING AMPLIFIER
Charge Pump
7.5 GHz OSC
3
CF is an optional single pole noise filter
CF =
1 2 fcR
fc is the desired cutoff frequency R = 50 W RO is required with high input resistance limiting amplifiers RO = 100 W
6
Preliminary Data Sheet - Revision 0 03/01
AMT8302
Figure14: T56F Package Outline Design
Preliminary Data Sheet - Revision 0 03/01
7
AMT8302
Ordering Information
Part N umber AMT8302T56F Package Option TO-56F Package D escription Ultra Flat Wi ndow Package
ANADIGICS, Inc. 141 Mount Bethel Road Warren, New Jersey 07059, U.S.A Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 http://www.anadigics.com Mktg@anadigics.com
IMPORTANT NOTICE ANADIGICS, Inc. reserves the right to make changes to its products or discontinue any product at any time without notice. The Advanced Product data sheets and product specifications contained in this data sheet are subject to change prior to a products formal introduction. The information in this data sheet has been carefully checked and is assumed to be reliable. However, ANADIGICS assumes no responsibility for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders. WARNING ANADIGICS products are not intended for use in life support appliances, devices, or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
8


▲Up To Search▲   

 
Price & Availability of AMT8302T56F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X