Part Number Hot Search : 
120CA AT45DB08 CS520 120CA SG2544DW 5KE100 MBR104 MC3326
Product Description
Full Text Search
 

To Download AMIS-732512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMIS-732128, AMIS-732256, AMIS-732512
50m-pitch Wide Aperture Spectroscopic Photodiode Arrays
Data Sheet
1.0 Description
AMI Semiconductor's WSN series is a family of self-scanning photodiode solid-state linear imaging arrays. These photodiode sensors employ AMI Semiconductor's proprietary CMOS image sensing technology to integrate the sensors into a single monolithic chip. These sensors are optimally designed for applications in spectroscopy. Accordingly, these sensors contain a linear array of photodiodes with an optimized geometrical aspect ratio (50m aperture pitch x 2500m aperture width) for helping to maintain mechanical stability in spectroscopic instruments and for providing a large light-capturing ability. The family of sensors consists of photodiode arrays of various lengths - 128, 256 and 512 pixels. The WSN photodiode arrays are mounted in 22-pin ceramic side-brazed dual-in-line packages that fit in standard DIP sockets. A diagram of its pin out configuration is seen in Figure 1.
Figure 1: Pin Out Configuration
2.0 Features
* * * * * * * * * * 65pC saturation capacity for wide dynamic range Wide spectral response (180 - 1000nm) for UV and IR response NP junction photodiodes with superior resistance to UV damage Low dark current Integration time up to nine seconds at room temperature Integration time extended to hours by cooling High linearity Low power dissipation (less than 1mW) Geometrical structure for enhanced stability and registration Standard 22 lead dual-in-line IC package
AMI Semiconductor - Dec. 05, M-20491-001 www.amis.com
1
AMIS-732128, AMIS-732256, AMIS-732512
50m-pitch Wide Aperture Spectroscopic Photodiode Arrays
Data Sheet
3.0 Sensor Characteristics
AMI Semiconductor's self-scanned WSN photodiodes are spaced on a 50m pitch. The line density is 20 diodes/mm and accordingly the overall die lengths of the different arrays vary with the number of photodiodes. For example, the 128 pixel array is 6.4mm long, the 256 pixel array is 12.8mm long and the 512 pixel array is 25.6mm long. Each array has four additional dummy photodiodes. On each side, there is one dark (non-imaging) dummy photodiode and one imaging dummy photodiode. The height of the sensors is 2500m. The tall, narrow apertures make these sensors desirable for use in monochromators and spectrographs.
Figure 2: Geometry and Layout of Photodiode Pixels
During normal operation, the photons incident in or near the NP photodiode junction generate free charges that are collected and stored on the junction's depletion capacitance. The number of collected charges is proportional to the light exposure. Figure 3 shows the stored signal charge as function of light exposure at a wavelength of 575nm. The exposure is the product of the light intensity in 2 nW/cm and integration time in seconds. The charge accumulates linearly until reaching the saturation charge, and the corresponding exposure is the saturation exposure. The responsivity may be calculated as the saturation charge divided by saturation exposure. The predicted typical responsivity of a -4 2 photodiode is 3.5x10 C/J/cm at 575nm. Figure 4 shows the predicted responsivity of the photodiodes as a function of wavelength.
AMI Semiconductor - Dec. 05, M-20491-001 www.amis.com
2
AMIS-732128, AMIS-732256, AMIS-732512
50m-pitch Wide Aperture Spectroscopic Photodiode Arrays
Data Sheet
80
Output Charge (pC)
70 60 50 40 30 20 10 0 0 50 100 150 200 250
Saturation Charge
Saturation Exposure
Exposure (nJ/cm 2)
Figure 3: Stored Signal Charge as a Function of Exposure at a Wavelength of 575nm
5.0E-04
Responsivity (C/J/cm 2)
4.5E-04 4.0E-04 3.5E-04 3.0E-04 2.5E-04 2.0E-04 1.5E-04 1.0E-04 5.0E-05 0.0E+00 100
QE=80% QE=60% QE=40% QE=20%
300
500
700
900
Wavelength (nm)
Figure 4: Predicted Spectral Response
Note: Quantum efficiency (QE) can be calculated by dividing the responsivity by the area of the sensor's element and multiplying the resulting ratio by the energy per photon in electron volts (eV).
The dark current is typically 0.2pA at 25C and varies as function of temperature. The dark current will contribute dark-signal charges and these charges will increase linearly with integration time. The dark signal and the photo generated signal combined result in the total signal charge.
AMI Semiconductor - Dec. 05, M-20491-001 www.amis.com
3
AMIS-732128, AMIS-732256, AMIS-732512
50m-pitch Wide Aperture Spectroscopic Photodiode Arrays
Data Sheet
4.0 Self-Scanning Circuit
Figure 5 shows a simplified electrically equivalent circuit diagram of the photodiode array. An MOS read switch connects every photodiode in the array to a common output video line. Incident photons generate electron charge that is collected on each imaging photodiode while the switch is open. The shift register is activated by the start pulse. A pulse propagates through each shift register stage and activates the MOS read switches sequentially. As the shift register sequentially closes each read switch, the negative stored charge, which is proportional in amount to the light exposure, from the corresponding photodiode, is readout onto the video line, QOUT. Typically, an external charge-integrating amplifier senses the negative output charge on the video line from each photodiode pixel. The shift register continues scanning the photodiodes in sequence, until the last shift register stage is reach, at which time the fourth and last dummy pixel is read out and end-of-scan (EOS) output is held high for one clock cycle. The next start pulse can then restart the shift register.
Figure 5: Simplified Circuit Diagram of a WSN Photodiode Array
AMI Semiconductor - Dec. 05, M-20491-001 www.amis.com
4
AMIS-732128, AMIS-732256, AMIS-732512
50m-pitch Wide Aperture Spectroscopic Photodiode Arrays
Data Sheet
5.0 I/O Pins
Although the WSN package has 22 pins, as shown in Figure 1, there are only six functionally active I/O pins in addition to the supply pins, as shown in Figure 5. In essence, only two clocks, CLK and START, are required for controlling the timing of the sensor's video readout. The remaining I/O descriptions are for the video signal output, the end-of-scan signal, the two temperature diodes, and the supply biases. QOUT must be biased externally to Vbias (see Section 7.0 Recommended Operating Conditions). Each temperature diode is operated with a small constant current that forward-biases its PN junction. By measuring the forward-bias voltage, one can track the silicon die temperature. The temperature diodes may be disabled by connecting their anodes to VSS. These I/Os are listed with their acronym designators and functional descriptions in the following Table 1.
Table 1: Symbols and Functions and I/O Pins Symbol Function and Description VSS Ground VDD +5.0V START Start pulse: input to start the line scan CLK Clock pulse: input to clock the shift register EOS End of scan: output from the shift register to indicate the completion of one line scan QOUT Video charge output: output from the photodiodes pixels TD1 Temperature diode 1: anode of temperature diode 1 TD2 Temperature diode 2: anode of temperature diode 2 NC No connection
6.0 Clock and Voltage Requirements
The clocking requirements are relatively simple. As it was indicated in Figure 5 and Table 1, there are only two input signals that require clocked inputs. They are CLK, the clock for the shift register, and START, the shift register start pulse. The timing specifications and the symbol definition for Figure 6 are listed in Table 2. The control clock amplitudes for I/Os are compatible with the 5V CMOS devices.
Figure 6: Timing Diagram
AMI Semiconductor - Dec. 05, M-20491-001 www.amis.com
5
AMIS-732128, AMIS-732256, AMIS-732512
50m-pitch Wide Aperture Spectroscopic Photodiode Arrays
Table 2: Symbol Definitions and Timing Specifications for Timing Diagram Item Symbol Min. 666 (AMIS-732128) Clock cycle time to 666 (AMIS-732256) 1000 (AMIS-732512) 566 (128WSN) Clock high pulse width twh 566 (256WSN) 900 (512WSN) Clock low pulse width twl 100 Clock duty cycle 1 Data setup time tds 100 Data hold time tdh 100 EOS low-to-high delay telh EOS high-to-low delay tehl Signal delay time tsd 50 Signal settling time Signal settle to clock edge tsh tsch 0
Data Sheet
Typ. 10000
Max.
Units ns
ns ns % ns ns ns ns ns ns ns
50
99
400 400 566 (AMIS-732128) 566 (AMIS-732256) 900 (AMIS-732512)
7.0 Recommended Operating Conditions
The following table lists the recommended operating conditions.
Table 3: Recommended Operating Conditions at 25 C Parameters Symbol Power supply VDD 1 Input clock pulses high level Vih 1 Input clock pulse low level Vil Video charge output external bias Vbias Clock frequency
2 o
Min. 4.5 VDD - 0.8 0.0 VDD - 0.5
Typ. 5.0 VDD 0.0 VDD - 0.5 0.1
Fclk 0.09 (AMIS-732128) 0.18 (AMIS-732256) 0.52 (AMIS-732512)
Max. 5.5 VDD 0.8 VDD 1.5 (AMIS-732128) 1.5 (AMIS-732256) 1.0 (AMIS-732512) 9000
Units V V V V MHz
Integration time
Notes: 1. 2.
Tint
ms
Applies to all control-clock inputs. The Integration time is specified at room temperature such that the maximum dark current charge build up in each pixel is less than 10 percent of the minimum saturation charge. Accordingly, it may be as long as nine seconds at room temperature. Longer integration times may be achieved by cooling the device. An appropriate clock frequency must be chosen so that the shift register completes its operation within the desired integration time.
AMI Semiconductor - Dec. 05, M-20491-001 www.amis.com
6
AMIS-732128, AMIS-732256, AMIS-732512
50m-pitch Wide Aperture Spectroscopic Photodiode Arrays
Data Sheet
8.0 Electro-Optical Characteristics
The following table lists the electro-optical characteristics.
Table 4: Electro-Optical Characteristics at 25 C Parameters Center-to-center spacing Aperture width Pixel area 1 Fill factor 1,2 Quantum efficiency 1,2 Responsivity 3 Non-uniformity of response 2 Saturation exposure 4 Saturation charge 5 Average dark current Spectral response peak Spectral response range
Notes: 1. 2. 3. 4. 5. 6.
6
Symbol
Min.
A FF QE R Esat Qsat 160 55
Typ. 50 2500 -3 1.25x10 86 70 -4 3.5x10 2 185 65 0.2 600 180 - 1000
. . .
Max.
5
0.6
Units m m 2 cm % % 2 C/J/cm +/-% 2 nJ/cm pC pA nm nm
Fill factor, quantum efficiency and responsivity are related by the equation R = (qe/hc) QE FF A, where qe is the charge of an electron and hc/ is the energy of a photon at a given wavelength. Responsivity is therefore given per pixel. At wavelength of 575nm (yellow-green) and with no window. Measured at 50 percent Vsat with an incandescent tungsten lamp filtered with an Schott KG-1 heat-absorbing filter. Saturation charge specified for a video output bias of 4.5V. Max. dark leakage 1.5 x average dark leakage measured with an integration period of 500ms at 25oC. From 250-1000nm, responsivity 20 percent of its peak value.
AMI Semiconductor - Dec. 05, M-20491-001 www.amis.com
7
AMIS-732128, AMIS-732256, AMIS-732512
50m-pitch Wide Aperture Spectroscopic Photodiode Arrays
Data Sheet
9.0 Package Dimensions
The following figure provides the package dimensions.
Device PI0128WSN PI0256WSN PI0512WSN
A 1.08 0.01 1.08 0.01 1.6 0.01
B 6.4mm 12.8mm 25.6mm
Figure 7: Package Dimensions
Note: Dimensions are in inches except where millimeters (mm) are indicated.
AMI Semiconductor - Dec. 05, M-20491-001 www.amis.com
8
AMIS-732128, AMIS-732256, AMIS-732512
50m-pitch Wide Aperture Spectroscopic Photodiode Arrays
Data Sheet
10.0 Company or Product Inquiries
For more information about AMI Semiconductor, our technology and our product, visit our Web site at: http://www.amis.com North America Tel: +1.208.233.4690 Fax: +1.208.234.6795 Europe Tel: +32 (0) 55.33.22.11 Fax: +32 (0) 55.31.81.12
Production Technical Data - The information contained in this document applies to a product in production. AMI Semiconductor and its subsidiaries ("AMIS") have made every effort to ensure that the information is accurate and reliable. However, the characteristics and specifications of the product are subject to change without notice and the information is provided "AS IS" without warranty of any kind (express or implied). Customers are advised to obtain the latest version of relevant information to verify that data being relied on is the most current and complete. AMIS reserves the right to discontinue production and change specifications and prices at any time and without notice. Products sold by AMIS are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. AMIS makes no other warranty, express or implied, and disclaims the warranties of noninfringement, merchantability, or fitness for a particular purpose. AMI Semiconductor's products are intended for use in ordinary commercial applications. These products are not designed, authorized, or warranted to be suitable for use in life-support systems or other critical applications where malfunction may cause personal injury. Inclusion of AMIS products in such applications is understood to be fully at the customer's risk. Applications requiring extended temperature range, operation in unusual environmental conditions, or high reliability, such as military or medical life-support, are specifically not recommended without additional processing by AMIS for such applications. Copyright (c) 2005 AMI Semiconductor, Inc.
AMI Semiconductor - Dec. 05, M-20491-001 www.amis.com
9


▲Up To Search▲   

 
Price & Availability of AMIS-732512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X