Part Number Hot Search : 
HEE331 12020 CR0300 2SA8TC MC34710 MFW2815D AX2000 2SD1454
Product Description
Full Text Search
 

To Download AMIS-710403-A6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMIS-710403-A6: 400dpi CIS Module
Data Sheet
1.0 General Description
The AMIS-710403-A6 (PI403MC-A6) is a contact imaging sensor (CIS) module, which is composed of 13 AMIS-720422 (PI3022) sensor chips. The AMIS-720422 is a 400 dots per inch (dpi) solid-state line imaging array, also a product of AMIS. This imaging device is fabricated using MOS imaging sensor technology for high-speed performance and high sensitivity. The AMIS-710403-A6 is suitable for scanning A6 size (104mm) documents with 16 dots per millimeter (dpm) resolution. Applications include ticket, check and card scanners, a variety of mark readers and other automation equipment.
2.0 Key Features
* * * * * * * * * Light source, lens and sensor are integrated into a single module 16dpm resolution, 104mm scanning length Up to 333sec/line scanning speed, with 5MHz pixel rate Wide dynamic range Analog output Red LED light source (660nm) Compact size 14mm x 19mm x 120mm Low power Light weight
3.0 Functional Description
The AMIS-710403-A6 imaging array consists of 13 sensors, which are cascaded to provide 1664 photo-detectors with their associated multiplex switches and a digital shift register, which controls its sequential readout. Mounted in the module is one-to-one graded indexed micro lens array, which focuses the scanned documents to image onto its sensing plane. The on-board amplifier processes the video signal to produce a sequential stream of video at the video output pin of the AMIS-710403-A6 module. Illumination is accomplished by means of an integrated LED light source. All components are housed in a small plastic housing with a cover glass, which acts as the focal point for the object being scanned and protects the imaging array, micro lens assembly and LED light source from dust. I/O to the module is the 10-pin connector located on one end of the module (see Figure 4). The cross section of the AMIS-710403-A6 is shown in Figure 1 and the block diagram in Figure 2.
AMI Semiconductor - Jun. 06, M-20590-001 www.amis.com
1
AMIS-710403-A6: 400dpi CIS Module
Data Sheet
Figure 1: AMIS-710403-A6 Cross Section
Figure 2: AMIS-710403-A6 Module Block Diagram (See Table 1)
AMI Semiconductor - Jun. 06, M-20590-001 www.amis.com
2
AMIS-710403-A6: 400dpi CIS Module
Data Sheet
Table 1: Pin Configuration Pin Number 1 2 3 4 5 6 7 8 9 10
Symbol Vout Gnd Vdd (+5V) Vn (-5V to -12V) Gnd SP Gnd CP GLED VLED
Names and Functions Analog video output Ground; 0V Positive power supply Negative power supply Ground; 0V Shift register start pulse Ground; 0V Sampling clock pulse Ground for the light source; 0V Supply for the light source
4.0 Absolute Maximum Rating
Table 2: Absolute Maximum Rating Parameter Power supply voltage
Input clock pulse (high level) Input clock pulse (low level)
Note: Not recommended for operational conditions.
Symbols Vdd Idd Vn In VLED ILED Vih Vil
Maximum Rating 7 70 -15 15 5.5 400 Vdd - 0.5V -0.6
Units V ma V ma V ma V V
5.0 Operating Environment
Table 3: Typical Operational Environment for CIS Parameter Operating temperature Operating humidity Storage temperature Storage humidity
Symbols Top Hop Tstg Hstg
Maximum Rating 0 to 50 10 to 85 -25 to +75 5 to 95
Units C % C %
AMI Semiconductor - Jun. 06, M-20590-001 www.amis.com
3
AMIS-710403-A6: 400dpi CIS Module
6.0 Electro-Optical Characteristics at 25oC
Table 4: Electro-Optical Characteristics at 25 C Parameter Number of photo detectors Pixel-to-pixel spacing Line scanning rate Clock frequency (3) Bright output voltage (4) Bright output non-uniformity (5) Adjacent pixel non-uniformity (6) Dark non-uniformity (7) Dark output voltage (8) Modulation transfer function
Notes: (1) (2) (3) (4) (5)
(2)
Data Sheet
Symbol
Tint
(1)
Parameter 1664 63.1 333 5.0 1.0 <+/-30 <25 <100 <550 >50
Units Elements m sec MHz V % % mV mV %
Note
@ 5.0MHz clock frequency
f Video output Up Uadj Ud Vd MTF
Tint: Line scanning rate or integration time. Tint is determined by the interval of two start pulses (SP). f: main clock frequency Vpavg = Vp(n)/1664 Up = [(Vpmax - Vp) / Vp] x 100% or [(Vp - Vpmin) / Vp] x 100% Upadj = MAX[ | (Vp(n) - Vp(n+l) | / Vp(n)] x 100% Upadj is the non-uniformity percentage pixel to pixel. (6) Ud = Vdmax - Vdmin Vdmin is the minimum output on a black document(O.D.=0.8) Vdmax: maximum output voltage of black document (O.D.= 0.8) (7) Vd is the dark level, measured from the reset level. (8) MTF = [(Vmax - Vmin) / (Vmax + Vmin)] x 100 [%] Vmax: maximum output voltage at 100lp/in Vmin: minimum output voltage at 100lp/in (9) (9) O.D. = optical density (10) (10) lp / in: line pair per inch
7.0 Recommended Operating Conditions (25C)
Table 5: Recommended Operational Characteristics Item Power supply
Input voltage at digital high Input voltage at digital low Clock frequency Clock pulse high duty cycle Clock pulse high duration Integration time Operating temperature
Symbol Vdd Vn. VLED Idd Ivn ILED Vih Vil f
Min. 4.5 -4.5
Vdd -1.0 0 25 50 0.333
Mean 5.0 -5 5 47 6.6 280 Vdd -.5
Max. 5.5 -12 5.5 55 10.0 350 Vdd 0.8 5.0
Tint* Top
25
5.0 50
Units V V V ma ma ma V V MHz % ns ms C
Note: * Tint (minimum) is the lowest line integration time available with a 5.0MHz clock rate.
AMI Semiconductor - Jun. 06, M-20590-001 www.amis.com
4
AMIS-710403-A6: 400dpi CIS Module
8.0 Switching Characteristics at 25oC
Data Sheet
Figure 3: Module Timing Diagram
The switching characteristics for the I/O clocks are shown in Figure 3. See the timing symbol definitions in Table 6.
Table 6: Symbol Definitions for the Timing Diagram (Figure 3) Item Symbol Min. Clock cycle time to 0.20 Clock pulse width tw 50 Clock duty cycle 25 Prohibit crossing time of SP tprh 15 Data setup time tds 20 Data hold time tdh 20 Signal delay time tdl 50 Signal settling time tsh 120
Typ.
Max. 4.0 75
Units s ns % ns ns ns ns ns
AMI Semiconductor - Jun. 06, M-20590-001 www.amis.com
5
AMIS-710403-A6: 400dpi CIS Module
9.0 AMIS-710403-A6 Module and its Mechanical Dimensions
Data Sheet
Figure 4: Module Housing
The sketch of this module is to provide a pictorial of the module size and structure. A detailed drawing is available upon request.
AMI Semiconductor - Jun. 06, M-20590-001 www.amis.com
6
AMIS-710403-A6: 400dpi CIS Module
10.0 Company or Product Inquiries
Data Sheet
For more information about AMI Semiconductor, our technology and our product, visit our Web site at: http://www.amis.com North America Tel: +1.208.233.4690 Fax: +1.208.234.6795 Europe Tel: +32 (0) 55.33.22.11 Fax: +32 (0) 55.31.81.12
Production Technical Data - The information contained in this document applies to a product in production. AMI Semiconductor and its subsidiaries ("AMIS") have made every effort to ensure that the information is accurate and reliable. However, the characteristics and specifications of the product are subject to change without notice and the information is provided "AS IS" without warranty of any kind (express or implied). Customers are advised to obtain the latest version of relevant information to verify that data being relied on is the most current and complete. AMIS reserves the right to discontinue production and change specifications and prices at any time and without notice. Products sold by AMIS are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. AMIS makes no other warranty, express or implied, and disclaims the warranties of noninfringement, merchantability, or fitness for a particular purpose. AMI Semiconductor's products are intended for use in ordinary commercial applications. These products are not designed, authorized, or warranted to be suitable for use in life-support systems or other critical applications where malfunction may cause personal injury. Inclusion of AMIS products in such applications is understood to be fully at the customer's risk. Applications requiring extended temperature range, operation in unusual environmental conditions, or high reliability, such as military or medical life-support, are specifically not recommended without additional processing by AMIS for such applications. Copyright (c) 2006 AMI Semiconductor, Inc.
AMI Semiconductor - Jun. 06, M-20590-001 www.amis.com
7


▲Up To Search▲   

 
Price & Availability of AMIS-710403-A6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X