Part Number Hot Search : 
3A102 MODEL164 F200B LTCZR BUK95 EC1145 NCP300 AOT11N70
Product Description
Full Text Search
 

To Download AMIS-710226 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMIS-710226: 200dpi CIS Module
Data Sheet
1.0 General Description
The AMIS-710226 (PI226M-A4) is a contact image sensor (CIS) module using MOS image sensor technology for high-speed performance and high sensitivity. The AMIS-710226 is suitable for scanning A4 size (216mm) documents with 8 dots per millimeter (dpm) resolution. Applications include fax machines, game systems, variety of mark readers and other automation equipment requiring document scanners.
2.0 Key Features
* * * * * * * * * Light source, lens and sensor are integrated into a single module 8dpm resolution, 216mm scanning length 347sec/line scanning speed possible with optional light sources Yellow-Green LED light source, limits the typical line scan to 695sec @ 2.5MHz Wide dynamic range Analog output Compact size 14mm x 19mm x 23mm Low power Light weight
3.0 Functional Description
The AMIS-710226 imaging array consists of 27 AMIS-720033 (PI3020) image sensors produced by AMIS, that are cascaded to provide 1728 photo-detectors with their associated multiplex switches and a digital shift register that controls its sequential readout. Mounted in the module is one-to-one graded indexed micro lens array that focuses on the image of the scanned documents then transfers it onto the sensors. The on-board amplifier processes the video signal to produce a sequential stream of video at the output pin of the AMIS710226 module. Illumination is accomplished by means of an integrated Yellow-Green LED light source. All components are housed in a small plastic housing which has a cover glass that acts as the focal point for the object being scanned, protects the imaging array, micro lens assembly, and LED light source from dust. I/O to the module is the 10-pin connector located on one end of the module. For pin 1 location, see Figure 4. The cross section of the AMIS-710226 is shown in Figure 1 and the block diagram in Figure 2.
AMI Semiconductor - May 06, M-20543-001 www.amis.com
1
AMIS-710226: 200dpi CIS Module
Data Sheet
Figure 1: Inside Pictorial of the Module
Figure 2: AMIS-710226 Module Block Diagram (See Table 1 for Pin Out Designation)
AMI Semiconductor - May 06, M-20543-001 www.amis.com
2
AMIS-710226: 200dpi CIS Module
Data Sheet
Table 1: Pin Configuration Pin Number 1 2 3 4 5 6 7 8 9 10
Symbol Vout Gnd Vdd (+5V) Vn (-5V to -12V) Gnd SP Gnd CP GLED VLED
Names and Functions Analog video output Ground; 0V Positive power supply Negative power supply Ground; 0V Shift register start pulse Ground; 0V Sampling clock pulse Ground for the light source; 0V Supply for the light source
4.0 Absolute Maximum Rating
Table 2: Absolute Maximum Ratings Parameter Power supply voltage
Input clock pulse (high level) Input clock pulse (low level)
Symbols Vdd Idd Vn In VLED ILED Vih Vil
Maximum Rating 7 60 -15 7 6.0 1.2 Vdd -0.5
Units V mA V mA V A V V
Note: These are the maximum ratings and are not to be used in prolonged conditions.
Table 3: Operating Environment Parameter Operating temperature Operating humidity Storage temperature Storage humidity
Symbols Top Hop Tstg Hstg
Maximum Rating 0 to 50 10 to 85 -25 to +75 5 to 95
Units C % C %
AMI Semiconductor - May 06, M-20543-001 www.amis.com
3
AMIS-710226: 200dpi CIS Module
5.0 Electro-Optical Characteristics (25C)
Data Sheet
Table 4: Electro-Optical Characteristics (25 C) Parameter Number of photo detectors Pixel-to-pixel spacing Line scanning rate Clock frequency Bright output voltage (4) Bright output non-uniformity (5) Adjacent pixel non-uniformity (6) Dark non-uniformity (6) Dark output voltage (7) (8) Modulation transfer function
Definition: 1. 2. 3. 4. 5. 6.
(2)
Symbol
Tint
(1)
Parameter 1728 125 695 2.5 1.0 +/-0.1 <|+/-30| <25 <75 <200 >40
Units Elements m sec MHz Volts % % mV mV %
Note
@ 2.5MHz clock frequency
fclk Vpavg Up Uadj Ud Vd MTF
7.
8.
Tint: line scanning rate or integration time; tint is determined by the interval of two start pulses (SP). This integration time of 695sec typically set at the factory for Yyellow-Green LED. The minimum integration time of 347us is available at 5.0MHz pixel rate, but it will require optional light sources. fclk: main clock frequency Vpavg = Vp(n)/1728 Up = [(Vpmax - Vpavg) / Vpavg] x 100% or [(Vpavg - Vpmin) / Vpavg] x 100% Upadj = MAX[ | (Vp(n) - Vp(n+l) | / Vp(n)] x 100% Upadj is the non-uniformity in percent between adjacent pixels. Ud = Vdmax - Vdmin Vd = the average dark output level. Vdmin is the minimum output on a black document (LED is turned off). Vdmax: maximum output voltage of black document (LED is turned off). MTF = [(Vmax - Vmin) / (Vmax + Vmin)] x 100 [%] Vmax: maximum output voltage at 50lp/in Vmin: minimum output voltage at 50lp/in lp / in: line pairs per inch
Table 5: Recommended Operating Conditions (25C) Item Symbol Power supply Vdd Vn. VLED Idd Ivn ILED Input voltage at digital high Vih Input voltage at digital low Vil (1) Clock frequency fclk Clock pulse high duty cycle Clock pulse high duration (1) Integration time Tint Operating temperature Top
Min. 4.5 -4.5 4.5 25 4.0 350 Vdd-1.0 0 25 82 0.576
Mean 5.0 -5 5 30 4.0 560 Vdd-0.5
Max. 5.5 -12 5.5 35 5.0 790 Vdd 0.8 3.0
Units V V ma ma ma V V MHz % ns ms C
25
5.0 50
Note: Electrically, including the image sensors, the circuits will operate above 5.5MHz. However, with the Yellow-Green light option, the light exposure limits the operation to a maximum of 3.0MHz, hence the integration time, tint of 0.576ms.
AMI Semiconductor - May 06, M-20543-001 www.amis.com
4
AMIS-710226: 200dpi CIS Module
6.0 Switching Characteristics (25oC)
Data Sheet
Figure 3: Timing Diagram
The switching characteristics for the I/O clocks are in the above diagrams. See timing symbol definitions in the following Table 6.
Table 6: Symbol Definitions for the Above Timing Diagram Item Symbol Clock cycle time to Clock pulse width tw Clock duty cycle Prohibit crossing time of SP tprh Data setup time tds Data hold time tdh Signal delay time tdl Signal settling time tsh
Min. 0.333 82 25 15 20 20 50 120
Typ.
Max. 4.0 75
Units s ns % ns ns ns ns ns
AMI Semiconductor - May 06, M-20543-001 www.amis.com
5
AMIS-710226: 200dpi CIS Module
7.0 AMIS-710226 Module and its Mechanical Dimensions
This is an overview drawing of the module. A full size drawing is available upon request.
Data Sheet
Figure 4: Overall View of the Module House
AMI Semiconductor - May 06, M-20543-001 www.amis.com
6
AMIS-710226: 200dpi CIS Module
8.0 Company or Product Inquiries
Data Sheet
For more information about AMI Semiconductor, our technology and our product, visit our Web site at: http://www.amis.com North America Tel: +1.208.233.4690 Fax: +1.208.234.6795 Europe Tel: +32 (0) 55.33.22.11 Fax: +32 (0) 55.31.81.12
Production Technical Data - The information contained in this document applies to a product in production. AMI Semiconductor and its subsidiaries ("AMIS") have made every effort to ensure that the information is accurate and reliable. However, the characteristics and specifications of the product are subject to change without notice and the information is provided "AS IS" without warranty of any kind (express or implied). Customers are advised to obtain the latest version of relevant information to verify that data being relied on is the most current and complete. AMIS reserves the right to discontinue production and change specifications and prices at any time and without notice. Products sold by AMIS are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. AMIS makes no other warranty, express or implied, and disclaims the warranties of noninfringement, merchantability, or fitness for a particular purpose. AMI Semiconductor's products are intended for use in ordinary commercial applications. These products are not designed, authorized, or warranted to be suitable for use in life-support systems or other critical applications where malfunction may cause personal injury. Inclusion of AMIS products in such applications is understood to be fully at the customer's risk. Applications requiring extended temperature range, operation in unusual environmental conditions, or high reliability, such as military or medical life-support, are specifically not recommended without additional processing by AMIS for such applications. Copyright (c) 2006 AMI Semiconductor, Inc.
AMI Semiconductor - May 06, M-20543-001 www.amis.com
7


▲Up To Search▲   

 
Price & Availability of AMIS-710226

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X