Part Number Hot Search : 
AHSN5K1B K3070 SS16A M5267 60101 057472 048HS3F LCX03
Product Description
Full Text Search
 

To Download AME8843AEGT250Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AME, Inc.
AME8843
750mA CMOS LDO
n General Description
The AME8843 family of positive, linear regulators feature low quiescent current (30A typ.) with low dropout voltage, making them ideal for battery applications. The space-saving SOT-223 package is attractive for "Pocket" and "Hand Held" applications. These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under the "Worst" of operating conditions. The AME8843 is stable with an output capacitance of 2.2F or greater.
n Functional Block Diagram
IN OUT
Overcurrent Shutdown
Thermal Shutdown
R1
AMP
Vref=1.215V
R2 GND
n Features
l l l l l l l l l l Very Low Dropout Voltage Guaranteed 750mA Output Accurate to within 1.5% 30A Quiescent Current Over-Temperature Shutdown Current Limiting Short Circuit Current Fold-back Space-Saving SOT-223 Package Factory Pre-set Output Voltages Low Temperature Coefficient
n Typical Application
IN
IN
OUT
AME8843 OUT
GND
C1 5V 1F
C2 2.2F
n Applications
l l l l l l l Instrumentation Portable Electronics Wireless Devices Cordless Phones PC Peripherals Battery Powered Widgets Electronic Scales
1
AME, Inc.
AME8843
750mA CMOS LDO
n Pin Configuration
SOT-223 Top View AME8843 1. VIN 2. GND 3. VOUT
AME8843
1
2
3
n Ordering Information AME8843 x x x x x x
Special Feature Voltage Number of Pins Package Type Operating Temperature Range Pin Configuration
Operating Temperature Range E: -40OC to 85OC
Pin Configuration
Package Type
Number of Pins T: 3
Voltage
Special Feature
A: 1. VIN 2. GND 3. VOUT
G: SOT-223
180: V=1.8V 250: V=2.5V
Z: Lead Free
2
AME, Inc.
AME8843
750mA CMOS LDO
n Ordering Information (contd.)
Part Number
AME8843AEGT180 AME8843AEGT180Z AME8843AEGT250 AME8843AEGT250Z
Marking
AWZyww AWZyww AWFyww AWFyww
Output Voltage
1.8V 1.8V 2.5V 2.5V
Package
SOT-223 SOT-223 SOT-223 SOT-223
Operating Temp. Range
- 40oC to + 85oC - 40oC to + 85oC - 40oC to + 85oC - 40oC to + 85oC
Please consult AME sales office or authorized Rep./Distributor for output voltage and package type availability.
n Absolute Maximum Ratings
Parameter
Input Voltage Output Current Input, Output Voltage ESD Classification
Maximum
8 1 GND - 0.3 to VDD + 0.3 B
Unit
V A V
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device
n Recommended Operating Conditions
Parameter
Supply Voltage Ambient Temperature Range Junction Temperature
Rating
4.5 to 5.5 - 40 to + 85 - 40 to + 125
Unit
V
o
C C
o
n Thermal Information
Parameter
Thermal Resistance (jc ) Internal Power Dissipation (PD ) ( T = 100oC) Maximum Junction Temperature Maximum Lead Temperature (10 Sec) SOT-223 SOT-223
Maximum
15 625 150 300
Unit
o
C/W mW
o
C C
3
o
AME, Inc.
AME8843
750mA CMOS LDO
n Electrical Specifications
TA = 25OC unless otherwise noted
Parameter Input Voltage Output Voltage Accuracy Symbol VIN VO IO=750mA VO=VO(NOM) -2.0% IO=1mA 1.3V<=VO(NOM)<=1.4V Dropout Voltage VDROPOUT 1.4V1.2V VO>1.2V VO<0.8V IO=0mA IO=1mA to 750mA 1.3V <= V O <= 1.4V Line Regulation REGLINE IO=1mA V IN =VO+1 to VO+2 1.4V < V O <= 2.0V 2.0V < V O < 4.0V 4.0V <= V O Load Regulation Over Temperature Shutdown Over Temperature Hysterisis VO Temperature Coefficient Power Supply Rejection REGLOAD OTS OTH TC PSRR IO=100mA CO=2.2F f=10Hz to 100kHz IO=10mA,CBY P=0F f=1kHz f=10kHz f=100kHz Co=2.2F IO=1mA to 750mA -0.2 -0.15 -0.1 -0.4 0.02 0.2 0.2 150 30 30 50 20 15 30 Vrms dB 750 1500 2000 750 30 35 0.2 0.15 0.1 0.4 1 %
o o
Test Condition
Min Note 1 -1.5
Typ
Max 7 1.5 1900
Units V %
See 1400 chart 1000 750
mV
mA mA mA 50 A A
%
C C
ppm/ oC
Output Voltage Noise
eN
Note1: VIN(MIN)=VOUT+VDROPOUT Note2: To prevent the Short Circuit Current protection feature from being prematurely activated, the input voltage must be applied before a current source load is applied.
4
AME, Inc.
AME8843
750mA CMOS LDO
n Detailed Description
The AME8843 family of CMOS regulators contain a PMOS pass transistor, voltage reference, error amplifier, over-current protection, and thermal shutdown. The P-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal protection circuits. During normal operation, the error amplifier compares the output voltage to a precision reference. Over-current and Thermal shutdown circuits become active when the junction temperature exceeds 150oC, or the current exceeds 750mA. During thermal shutdown, the output voltage remains low. Normal operation is restored when the junction temperature drops below 120oC. The AME8843 switches from voltage mode to current mode when the load exceeds the rated output current. This prevents over-stress. The AME8808 also incorporates current foldback to reduce power dissipation when the output is short circuited. This feature becomes active when the output drops below 0.8 volts, and reduces the current flow by 65%. Full current is restored when the voltage exceeds 0.8 volts.
n External Capacitors
The AME8843 is stable with an output capacitor to ground of 2.2F or greater. Ceramic capacitors have the lowest ESR, and will offer the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the highest ESR, resulting in the poorest AC response. Unfortunately, large value ceramic capacitors are comparatively expensive. One option is to parallel a 0.1F ceramic capacitor with a 10F Aluminum Electrolytic. The benefit is low ESR, high capacitance, and low overall cost. A second capacitor is recommended between the input and ground to stabilize Vin. The input capacitor should be at least 0.1F to have a beneficial effect. All capacitors should be placed in close proximity to the pins. A "Quiet" ground termination is desirable. This can be achieved with a "Star" connection.
5
AME, Inc.
AME8843
Ground Current vs. Input Voltage
45 40
750mA CMOS LDO
Load Step (1mA-600mA)
Vo(10mV/DIV)
Ground Current ( A)
35 30 25
85 OC
Out put C L=2. 2F CI N=2. 2F
15 10 5 0 0 1 2 3 4 5 6 7 8
IL(200mA/DIV)
20
25 C
O
I Load
0
Input Voltage (V) TIME ( 20mS/DIV)
Drop Out Voltage vs. Output Voltage
0.3 0 -10
Power Supply Rejection Ratio
Drop Out Voltage (V)
0.25
ILOAD=600mA
PSRR (dB)
-20 -30 -40 -50 -60
0.2
CL=2.2F Tantalum C BYP =0
100mA
0.15
0.1
100mA
10mA
0.05
-70 -80 2 2.5 3 3.5 4 4.5 5 5.5 10
100 A
1K
100 A
100K
1mA
10M
0
Output Voltage (V)
Frequency (Hz)
Safe Operating Area
750 500 Output Current (mA) 75OC rise VIN(1V/DIV)
Line Transient Response
SOT-223
370
With HS capable of twice jc 3 1.2 2 Input-Output Voltage Differential (V)
VOUT(10mV/DIV)
C LOAD =2.2F I LOAD =1mA V OUTDC =3.3V V INDC =4.5V
TIME (200mS/DIV)
6
AME, Inc.
AME8843
Noise Measurement
I OUT (200mA/DIV)
750mA CMOS LDO
Overtemperature Shutdown
Vo (1mV DIV)
CL=2.2F No Filter
0
R LOAD=6.6
VOUT (1V/DIV)
0
TIME (20ms/DIV) TIME (0.5Sec/DIV)
Current Limit Response
IOUT (200mV/DIV) VOUT (1V/DIV)
Short Circuit Response
CLOAD=2.2F CIN=1F RLOAD<100m
IOUT (200mA/DIV)
VOUT (1V/DIV)
CLOAD=2.2F CIN=1.0F RLOAD=3.3 VOUTNOM=3.3V
TIME (2mS/DIV)
TIME (2mS/DIV)
7
AME, Inc.
AME8843
750mA CMOS LDO
n Package Dimension
SOT-223
Top View D B1 Side View
SYMBOLS
c C
MILLIMETERS MIN MAX
0.10 0.84 5.00 0.38 6.71 3.71
INCHES MIN
0.0004 0.0236 0.1140 0.0094 0.2480 0.1299
MAX
0.0039 0.0330 0.1969 0.0150 0.2640 0.1460
A1 B B1 C D E e
0.01 0.60 2.90 0.24 6.30 3.30
13o(4X) H E
e Front View F A1 B 13o(4X)
2.30 BSC 6.70 0
o
0.0906 BSC 0.2638 0
o
H
7.30 10
o
0.2874 10 o
8
www.ame.com.tw
E-Mail: sales@ame.com.tw
Life Support Policy: These products of AME, Inc. are not authorized for use as critical components in life-support devices or systems, without the express written approval of the president of AME, Inc. AME, Inc. reserves the right to make changes in the circuitry and specifications of its devices and advises its customers to obtain the latest version of relevant information. (c) AME, Inc. , June 2004 Document: 2013-DS8843-A
Corporate Headquarter
AME, Inc.
2F, 302 Rui-Guang Road, Nei-Hu District Taipei 114, Taiwan, R.O.C. Tel: 886 2 2627-8687 Fax: 886 2 2659-2989
U.S.A.(Subsidiary)
Analog Microelectronics, Inc.
3100 De La Cruz Blvd., Suite 201 Santa Clara, CA. 95054-2046 Tel : (408) 988-2388 Fax: (408) 988-2489


▲Up To Search▲   

 
Price & Availability of AME8843AEGT250Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X