Part Number Hot Search : 
SE090 1A156 25064 2N656 LB1663 2SA1804 150CA FLC107
Product Description
Full Text Search
 

To Download AM27SURCK08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
AM27SURCK08
HYPER RED
Features
OSUBMINIATURE PACKAGE. OWIDE VIEWING ANGLE. OYOKE LEAD.
Description
The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
OLONG LIFE-SOLID STATE RELIABILITY. OLOW PACKAGE PROFILE. ORoHS COMPLIANT. OPACKAGE : 1000PCS / REEL.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAD1313 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: MAR/10/2005 DRAWN: S.H.CHEN
PAGE: 1 OF 4 ERP:1202000397
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. AM27SURCK08 HYPER RED (InGaAlP) WATER CLEAR 180 Typ. 650 Viewing Angle 21/2 20
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Typ. 650 635 28 35 1.95 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR= 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hyper Red 170 30 185 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD1313 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: MAR/10/2005 DRAWN: S.H.CHEN
PAGE: 2 OF 4 ERP:1202000397
Hyper Red
AM27SURCK08
SPEC NO: DSAD1313 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: MAR/10/2005 DRAWN: S.H.CHEN
PAGE: 3 OF 4 ERP:1202000397
AM27SURCK08
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If there is sorting requirement (eg. forward voltage, luminous intensity or wavelength), the condition as follows: 1.Wavelength: +/-1nm (Test condition is based on the sorting standard). 2.Luminous intensity: +/-15% (Test condition is based on the sorting standard). 3.Forward voltage: +/-0.1V (Test condition is based on the sorting standard).
SPEC NO: DSAD1313 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: MAR/10/2005 DRAWN: S.H.CHEN
PAGE: 4 OF 4 ERP:1202000397


▲Up To Search▲   

 
Price & Availability of AM27SURCK08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X