Part Number Hot Search : 
D65022 0V10X TDA9105 MSIW1000 1E101 K1535 PSD4235 10ETF02
Product Description
Full Text Search
 

To Download AM27ID09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
AM27ID09
HIGH EFFICIENCY RED
Features
SUBMINIATURE PACKAGE. WIDE VIEWING ANGLE. Z-BEND LEAD. LONG LIFE - SOLID STATE RELIABILITY. LOW PACKAGE PROFILE. PACKAGE :1000PCS / REEL. RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAD1324 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/05/2005 DRAWN: W.J.ZHU
PAGE: 1 OF 4 ERP:1202000265
Selection Guide
Iv (mcd) @ 20mA Min. AM27ID09 HIGH EFFICIENCY RED (GaAsP/GaP) RED DIFFUSED 7 Typ. 30 Viewing Angle 21/2 40
Part No.
Dice
Lens Type
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red Typ. 627 625 45 15 2.0 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
High Efficiency Red 105 30 160 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD1324 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/05/2005 DRAWN: W.J.ZHU
PAGE: 2 OF 4 ERP:1202000265
High Efficiency Red
AM27ID09
SPEC NO: DSAD1324 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/05/2005 DRAWN: W.J.ZHU
PAGE: 3 OF 4 ERP:1202000265
AM27ID09
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If there is sorting requirement (eg. forward voltage, luminous intensity or wavelength),the condition as follows: 1.Wavelength: +/-1nm (Test condition is based on the sorting standard). 2.Luminous intensity: +/-15% (Test condition is based on the sorting standard). 3.Forward voltage: +/-0.1V (Test condition is based on the sorting standard).
SPEC NO: DSAD1324 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/05/2005 DRAWN: W.J.ZHU
PAGE: 4 OF 4 ERP:1202000265


▲Up To Search▲   

 
Price & Availability of AM27ID09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X