Part Number Hot Search : 
P19NB2 27096103 PAW887B ADC2050 ADC2050 T62M0002 PAW887B ADC2050
Product Description
Full Text Search
 

To Download AM2520SGD03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
P/N: AM2520SGD03
SUPER BRIGHT GREEN
Features
SUBMINIA TURE PACKAGE. WIDE VIEWING ANGLE. GULL WING LEAD. LONG LIFE - SOLID STATE RELIABILITY. LOW PACKAGE PROFILE. PACKAGE : 1000PCS / REEL. RoHS COMPLIANT.
Description
The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAD1260 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: DEC/21/2005 DRAWN: Y.W.WANG
PAGE: 1 OF 5 ERP: 1202000642
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. AM2520SGD03 SUPER BRIGHT GREEN (GaP) GREEN DIFFUSED 2.6 Typ. 10 Viewing Angle 2 1/2 40
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Green Super Bright Green Super Bright Green Super Bright Green Super Bright Green Super Bright Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Green 105 25 140 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD1260 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: DEC/21/2005 DRAWN: Y.W.WANG
PAGE: 2 OF 5 ERP: 1202000642
Super Bright Green
AM2520SGD03
SPEC NO: DSAD1260 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: DEC/21/2005 DRAWN: Y.W.WANG
PAGE: 3 OF 5 ERP: 1202000642
AM2520SGD03
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAD1260 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: DEC/21/2005 DRAWN: Y.W.WANG
PAGE: 4 OF 5 ERP: 1202000642
PACKING & LABEL SPECIFICATIONS
AM2520SGD03
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters
SPEC NO: DSAD1260 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: DEC/21/2005 DRAWN: Y.W.WANG
PAGE: 5 OF 5 ERP: 1202000642


▲Up To Search▲   

 
Price & Availability of AM2520SGD03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X