Part Number Hot Search : 
GTR210 MTZJ10 AON6810L 5248B 0HXC1 MCZ338 CL432BLP 5063QAN
Product Description
Full Text Search
 

To Download AM2520SGC03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
Part Number: AM2520SGC03 Super Bright Green
Features
SUBMINIA TURE PACKAGE. WIDE VIEWING ANGLE. GULL WING LEAD. LONG LIFE - SOLID STATE RELIABILITY. LOW PACKAGE PROFILE. MOISTURE SENSITIVITY LEVEL : LEVEL 3. PACKAGE : 1000PCS / REEL. RoHS COMPLIANT.
Description
The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice. 5. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAA5561 APPROVED: WYNEC
REV NO: V.8 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1202000631
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. AM2520SGC03 Super Bright Green (GaP) WATER CLEAR 36 Typ. 80 Viewing Angle [1] 21/2 20
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Green Super Bright Green Super Bright Green Super Bright Green Super Bright Green Super Bright Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Green 62.5 25 140 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAA5561 APPROVED: WYNEC
REV NO: V.8 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1202000631
Super Bright Green
AM2520SGC03
SPEC NO: DSAA5561 APPROVED: WYNEC
REV NO: V.8 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1202000631
AM2520SGC03
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAA5561 APPROVED: WYNEC
REV NO: V.8 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1202000631
PACKING & LABEL SPECIFICATIONS
AM2520SGC03
SPEC NO: DSAA5561 APPROVED: WYNEC
REV NO: V.8 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1202000631


▲Up To Search▲   

 
Price & Availability of AM2520SGC03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X