|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SUBMINIATURE SOLID STATE LAMP Part Number: AM2520EJ/YD5V Yellow Features BLACK CASE ENHANCES CONTRAST. VIBRATION AND SHOCK RESISTANT. AVAILABLE WITH A VARITY OF LEDs. UL RATING : 94V-0. HOUSING MATERIAL: TYPE 66 NYLON. 5V INTERNAL RESISTOR. RoHS COMPLIANT. Description The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. Package Dimensions Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice. SPEC NO: DSAD1633 APPROVED: WYNEC REV NO: V.6 CHECKED: Allen Liu DATE: MAY/25/2007 DRAWN: Y.L.LI PAGE: 1 OF 4 ERP: 1102000029 Selection Guide Part No. Dice Lens Type Iv (mcd) [2] V= 5V Min. AM2520EJ/YD5V Yellow (GaAsP/GaP) YELLOW DIFFUSED 1 Typ. 3 Viewing Angle [1] 21/2 40 Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%. Electrical / Optical Characteristics at TA=25C Symbol peak D [1] 1/2 IF IR Note: 1.Wavelength: +/-1nm. Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Forward Current Reverse Current Device Yellow Yellow Yellow Yellow Yellow Typ. 590 588 35 13 Max. Units nm nm nm Test Conditions VF=5V VF=5V VF=5V VF=5V VR = 5V 17.5 10 mA uA Absolute Maximum Ratings at TA=25C Parameter Power dissipation Forward Voltage Reverse Voltage Operating Temperature Storage Temperature Lead Solder Temperature [1] Lead Solder Temperature [2] Notes: 1. 2mm below package base. 2. 5mm below package base. Yellow 85 6 5 -40C To +70C -40C To +85C 260C For 3 Seconds 260C For 5 Seconds Units mW V V SPEC NO: DSAD1633 APPROVED: WYNEC REV NO: V.6 CHECKED: Allen Liu DATE: MAY/25/2007 DRAWN: Y.L.LI PAGE: 2 OF 4 ERP: 1102000029 Yellow AM2520EJ/YD5V SPEC NO: DSAD1633 APPROVED: WYNEC REV NO: V.6 CHECKED: Allen Liu DATE: MAY/25/2007 DRAWN: Y.L.LI PAGE: 3 OF 4 ERP: 1102000029 PACKING & LABEL SPECIFICATIONS AM2520EJ/YD5V SPEC NO: DSAD1633 APPROVED: WYNEC REV NO: V.6 CHECKED: Allen Liu DATE: MAY/25/2007 DRAWN: Y.L.LI PAGE: 4 OF 4 ERP: 1102000029 |
Price & Availability of AM2520EJ-YD5V |