Part Number Hot Search : 
Z5226B 79LXX ST10F273 D14JX HWL27NPB SFH615 14NM65N 5KE27C
Product Description
Full Text Search
 

To Download AM2520EHYD5V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
Part Number: AM2520EH/YD5V Yellow
Features
BLACK CASE ENHANCES CONTRAST. VIBRATION AND SHOCK RESISTANT. UL RATING:94V-0. HOUSING MATERIAL:TYPE 66 NYLON. 5V INTERNAL RESISTOR. RoHS COMPLIANT.
Description
The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAC2351 APPROVED: WYNEC
REV NO: V.6 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 1 OF 4 ERP: 1102000020
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] V= 5V Min. AM2520EH/YD5V Yellow (GaAsP/GaP) YELLOW DIFFUSED 1 Typ. 3 Viewing Angle [1] 21/2 40
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 IF IR
Note: 1.Wavelength: +/-1nm.
Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Forward Current Reverse Current
Device Yellow Yellow Yellow Yellow Yellow
Typ. 590 588 35 13
Max.
Units nm nm nm
Test Conditions VF=5V VF=5V VF=5V VF=5V VR = 5V
17.5 10
mA uA
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation Forward Voltage Reverse Voltage Operating Temperature Storage Temperature Lead Solder Temperature [1] Lead Solder Temperature [2]
Notes: 1. 2mm below package base. 2. 5mm below package base.
Yellow 85 6 5 -40C To +70C -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW V V
SPEC NO: DSAC2351 APPROVED: WYNEC
REV NO: V.6 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 2 OF 4 ERP: 1102000020
Yellow
AM2520EH/YD5V
SPEC NO: DSAC2351 APPROVED: WYNEC
REV NO: V.6 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 3 OF 4 ERP: 1102000020
PACKING & LABEL SPECIFICATIONS
AM2520EH/YD5V
SPEC NO: DSAC2351 APPROVED: WYNEC
REV NO: V.6 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 4 OF 4 ERP: 1102000020


▲Up To Search▲   

 
Price & Availability of AM2520EHYD5V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X