Part Number Hot Search : 
B040010 F9222 P2301 2300S SB772 FEP16DT P2301 55C24
Product Description
Full Text Search
 

To Download AM2520EG4YD5V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
Part Number: AM2520EG/4YD5V Yellow
Features
BLACK CASE ENHANCES CONTRAST. VIBRATION AND SHOCK RESISTANT. AVAILABLE WITH A VARITY OF LEDs. UL RATING : 94V-0. HOUSING MATERIAL: TYPE 66 NYLON. 5V INTERNAL RESISTOR. RoHS COMPLIANT.
Description
The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAD1644 APPROVED: WYNEC
REV NO: V.5 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 1 OF 4 ERP: 1102005302
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] V= 5V Min. AM2520EG/4YD5V Yellow (GaAsP/GaP) YELLOW DIFFUSED 1 Typ. 3 Viewing Angle [1] 21/2 40
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 IF IR
Note: 1.Wavelength: +/-1nm.
Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Forward Current Reverse Current
Device Yellow Yellow Yellow Yellow Yellow
Typ. 590 588 35 13
Max.
Units nm nm nm
Test Conditions VF=5V VF=5V VF=5V VF=5V VR = 5V
17.5 10
mA uA
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation Forward Voltage Reverse Voltage Operating Temperature Storage Temperature Lead Solder Temperature [1] Lead Solder Temperature [2]
Notes: 1. 2mm below package base. 2. 5mm below package base.
Yellow 85 6 5 -40C To +70C -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW V V
SPEC NO: DSAD1644 APPROVED: WYNEC
REV NO: V.5 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 2 OF 4 ERP: 1102005302
Yellow
AM2520EG/4YD5V
SPEC NO: DSAD1644 APPROVED: WYNEC
REV NO: V.5 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 3 OF 4 ERP: 1102005302
PACKING & LABEL SPECIFICATIONS
AM2520EG/4YD5V
SPEC NO: DSAD1644 APPROVED: WYNEC
REV NO: V.5 CHECKED: Allen Liu
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 4 OF 4 ERP: 1102005302


▲Up To Search▲   

 
Price & Availability of AM2520EG4YD5V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X