Part Number Hot Search : 
UM6015 ATTINY TR711 89CEW SF15SC6 C1608 2SA1943N 35CXT
Product Description
Full Text Search
 

To Download AM2520EG-4SGD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
Part Number: AM2520EG/4SGD Super Bright Green
Features
BLACK CASE ENHANCES CONTRAST. VIBRATION AND SHOCK RESISTANT. AVAILABLE WITH A VARITY OF LEDs. UL RATING : 94V-0. HOUSING MATERIAL: TYPE 66 NYLON. RoHS COMPLIANT.
Description
The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAD1645 APPROVED: WYNEC
REV NO: V.5 CHECKED: Allen Liu
DATE: MAY/25/2007 DRAWN: Y.L.LI
PAGE: 1 OF 4 ERP: 1102005046
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. AM2520EG/4SGD Super Bright Green (GaP) GREEN DIFFUSED 2.6 Typ. 10 Viewing Angle [1] 21/2 40
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Green Super Bright Green Super Bright Green Super Bright Green Super Bright Green Super Bright Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2] Lead Solder Temperature [3]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. 3. 5mm below package base.
Super Bright Green 62.5 25 140 5 -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAD1645 APPROVED: WYNEC
REV NO: V.5 CHECKED: Allen Liu
DATE: MAY/25/2007 DRAWN: Y.L.LI
PAGE: 2 OF 4 ERP: 1102005046
Super Bright Green
AM2520EG/4SGD
SPEC NO: DSAD1645 APPROVED: WYNEC
REV NO: V.5 CHECKED: Allen Liu
DATE: MAY/25/2007 DRAWN: Y.L.LI
PAGE: 3 OF 4 ERP: 1102005046
PACKING & LABEL SPECIFICATIONS
AM2520EG/4SGD
SPEC NO: DSAD1645 APPROVED: WYNEC
REV NO: V.5 CHECKED: Allen Liu
DATE: MAY/25/2007 DRAWN: Y.L.LI
PAGE: 4 OF 4 ERP: 1102005046


▲Up To Search▲   

 
Price & Availability of AM2520EG-4SGD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X