Part Number Hot Search : 
MKTD04 29002 STB8NC50 SBT5551F FAN5405 AM119 ZMM5260B ICX424AL
Product Description
Full Text Search
 

To Download AM2520EF1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
Part Number: AM2520EF/4ID5V High Efficiency Red
Features
BLACK CASE ENHANCES CONTRAST. VIBRATION AND SHOCK RESISTANT. AVAILABLE WITH A VARITY OF LEDs. UL RATING : 94V-0. HOUSING MATERIAL: TYPE 66 NYLON. 5V INTERNAL RESISTOR. RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAD1637 APPROVED: WYNEC
REV NO: V.8 CHECKED: Allen Liu
DATE: MAY/25/2007 DRAWN: Y.L.LI
PAGE: 1 OF 4 ERP: 1102005300
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] V= 5V Min. AM2520EF/4ID5V High Efficiency Red (GaAsP/GaP) RED DIFFUSED 1.8 Typ. 8 Viewing Angle [1] 21/2 40
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 IF IR
Note: 1.Wavelength: +/-1nm.
Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Forward Current Reverse Current
Device High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red
Typ. 627 625 45 13
Max.
Units nm nm nm
Test Conditions VF=5V VF=5V VF=5V VF=5V VR = 5V
17.5 10
mA uA
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation Forward Voltage Reverse Voltage Operating Temperature Storage Temperature Lead Solder Temperature [1] Lead Solder Temperature [2]
Notes: 1. 2mm below package base. 2. 5mm below package base.
High Efficiency Red 85 6 5 -40C To +70C -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW V V
SPEC NO: DSAD1637 APPROVED: WYNEC
REV NO: V.8 CHECKED: Allen Liu
DATE: MAY/25/2007 DRAWN: Y.L.LI
PAGE: 2 OF 4 ERP: 1102005300
High Efficiency Red
AM2520EF/4ID5V
SPEC NO: DSAD1637 APPROVED: WYNEC
REV NO: V.8 CHECKED: Allen Liu
DATE: MAY/25/2007 DRAWN: Y.L.LI
PAGE: 3 OF 4 ERP: 1102005300
PACKING & LABEL SPECIFICATIONS
AM2520EF/4ID5V
SPEC NO: DSAD1637 APPROVED: WYNEC
REV NO: V.8 CHECKED: Allen Liu
DATE: MAY/25/2007 DRAWN: Y.L.LI
PAGE: 4 OF 4 ERP: 1102005300


▲Up To Search▲   

 
Price & Availability of AM2520EF1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X