Part Number Hot Search : 
C1510 09231 200AB PUMD6 32M10 T24C0 CH490DPT RFP4668
Product Description
Full Text Search
 

To Download AM2520EF-4SGD5V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
Part Number: AM2520EF/4SGD5V Super Bright Green
Features
BLACK CASE ENHANCES CONTRAST. VIBRATION AND SHOCK RESISTANT. AVAILABLE WITH A VARITY OF LEDs. UL RATING : 94V-0. HOUSING MATERIAL: TYPE 66 NYLON. 5V INTERNAL RESISTOR. RoHS COMPLIANT.
Description
The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAB3685 APPROVED: WYNEC
REV NO: V.10 CHECKED: Allen Liu
DATE: MAY/25/2007 DRAWN: Y.L.LI
PAGE: 1 OF 4 ERP: 1102005002
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] V= 5V Min. AM2520EF/4SGD5V Super Bright Green (GaP) GREEN DIFFUSED 1.8 Typ. 8 Viewing Angle [1] 21/2 40
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 IF IR
Note: 1.Wavelength: +/-1nm.
Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Forward Current Reverse Current
Device Super Bright Green Super Bright Green Super Bright Green Super Bright Green Super Bright Green
Typ. 565 568 30 11.5
Max.
Units nm nm nm
Test Conditions VF=5V VF=5V VF=5V VF=5V VR = 5V
17.5 10
mA uA
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation Forward Voltage Reverse Voltage Operating Temperature Storage Temperature Lead Solder Temperature [1] Lead Solder Temperature [2]
Notes: 1. 2mm below package base. 2. 5mm below package base.
Super Bright Green 85 6 5 -40C To +70C -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW V V
SPEC NO: DSAB3685 APPROVED: WYNEC
REV NO: V.10 CHECKED: Allen Liu
DATE: MAY/25/2007 DRAWN: Y.L.LI
PAGE: 2 OF 4 ERP: 1102005002
Super Bright Green
AM2520EF/4SGD5V
SPEC NO: DSAB3685 APPROVED: WYNEC
REV NO: V.10 CHECKED: Allen Liu
DATE: MAY/25/2007 DRAWN: Y.L.LI
PAGE: 3 OF 4 ERP: 1102005002
PACKING & LABEL SPECIFICATIONS
AM2520EF/4SGD5V
SPEC NO: DSAB3685 APPROVED: WYNEC
REV NO: V.10 CHECKED: Allen Liu
DATE: MAY/25/2007 DRAWN: Y.L.LI
PAGE: 4 OF 4 ERP: 1102005002


▲Up To Search▲   

 
Price & Availability of AM2520EF-4SGD5V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X