|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AM1214-300 .REFRACTORY/ .EMI .5: .LOW .I .OVERLAY .METAL/ .P DESCRIPTION RF & MICROWAVE TRANSISTORS L-BAND RADAR APPLICATIONS G OLD METALLIZATION T TER SITE BALLASTED 1 VSWR CAPABILITY THERMAL RESISTANCE NPUT/OUTPUT MATCHING GEOMETRY C ERAMIC HERMETIC PACKAGE OUT = 270 W MIN. WITH 6.3 dB GAIN .400 x .500 2LFL (S038) hermetically sealed ORDER CODE AM1214-300 BRANDING 1214-300 PIN CONNECTION The AM1214-300 device is a high power transistor specifically designed for L-Band radar pulsed output and driver applications. This device is designed for operation under moderate pulse width and duty cycle pulse conditions and is capable of withstanding 5:1 output VSWR at rated RF conditions. Low RF thermal resistance and computerized automatic wire bonding techniques ensure high reliability and product consistency. The AM1214-300 is supplied in the BIGPACTM Hermetic M etal/Ceramic package with i nternal Input/Output matching structures. ABSOLUTE MAXIMUM RATINGS (T case = 25 C) Symbol Parameter Value Unit 1. Collector 2. Base 3. Emitter 4. Base PDISS IC VCC TJ T STG Power Dissipation* Device Current* (TC 100C) 730 18.75 55 250 - 65 to +200 W A V C C Collector-Supply Voltage* Junction Temperature (Pulsed RF Operation) Storage Temperature THERMAL DATA RTH(j-c) Junction-Case Thermal Resistance* 0.24 C/W *Applies only to rated RF amplifier operation September 1992 1/6 AM1214-300 ELECTRICAL SPECIFICATIONS (T case = 25 C) STATIC Symbol Test Conditions Valu e Min. Typ. Max. Unit BVCBO BVEBO BVCES ICES hFE IC = 50mA IE = 15mA IC = 50mA VCE = 50V VCE = 5V IE = 0mA IC = 0mA 65 3.0 65 -- -- -- -- -- -- -- -- -- 30 -- V V V mA -- IC = 5A 10 DYNAMIC Symbol Test Conditions Value Min. Typ. Max. Unit POUT c GP Note: f = 1235 -- 1365MHz f = 1235 -- 1365MHz f = 1235 -- 1365MHz = = 50Sec 4% PIN = 63W PIN = 63W PIN = 63W VCC = 50V VCC = 50V VCC = 50V 270 40 6.3 300 45 6.8 -- -- -- W % dB Pul se Widt h Duty Cycle 2/6 AM1214-300 TYPICAL PERFORMANCE TYPICAL BROADBAND POWER AMPLIFIER RELATIVE POWER OUTPUT & COLLECTOR EFFICIENCY vs COLLECTOR VOLTAGE MAXIMUM THERMAL RESISTANCE vs PULSE WIDTH & PULSE CYCLE 3/6 AM1214-300 IMPEDANCE DATA TYPICAL INPUT IMPEDANCE ZIN PIN = 63 W VCC = 50 V Z 0* = 50 ohms FREQ. L = 1235 MHz M = 1300 MHz H = 1365 MHz ZIN () 2.5 + j 5.0 1.5 + j 3.5 1.0 + j 3.5 ZCL () 2.0 - j 2.5 2.5 - j 2.5 2.0 - j 3.0 TYPICAL COLLECTOR LOAD IMPEDANCE ZCL PIN = 63 W VCC = 50 V Z0* = 50 ohms *Normalized Impedance 4/6 AM1214-300 TEST CIRCUIT Ref.: Dwg. No. C125510 PACKAGE MECHANICAL DATA 5/6 AM1214-300 Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A 6/6 |
Price & Availability of AM1214-300 |