Part Number Hot Search : 
75M000 GP7NB60K V30LL 4805S D2C0303S MAE25003 CM150 SMCJ28
Product Description
Full Text Search
 

To Download AKD4569 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASAHI KASEI
[AKD4569]
AKD4569
Evaluation board Rev.A for AK4569
GENERAL DESCRIPTION The AKD4569 is an evaluation board for the AK4569, the Audio CODEC with IPGA and HP-amp. The AKD4569 can evaluate A/D and D/A in addition to A/D to D/A loopback mode. The AKD4569 also has the digital audio interface and can achieve the interface with digital audio systems via opt-connector. n Ordering guide
AKD4569 --Evaluation board for AK4569 (Cable for connecting with printer port of IBM-AT compatible PC and control software are packed with this. This control software does not support Windows NT.)
FUNCTION o Compatible with 2 types of interface - DIR(AK4116)/DIT(AK4114) with optical input/output - Direct interface with AKM's A/D,D/A converter evaluation boards by 10pin header o 10pin header for serial control interface
+3V GND
AINL AINR AK4116(DIR)
Control Data
10pin Header
EXTCLK LIN/RIN/MIN MOUT HPL Headphone HPR DSP
10pin Header
Opt In
AK4569
AK4114(DIT) Opt Out
Figure 1. AKD4569 Block Diagram * Circuit diagram and PCB layout are attached at the end of this manual.
-1-
2004/02
ASAHI KASEI
[AKD4569]
n Operation sequence
1) Set up the power supply lines. Name +5V Color Red Voltage 5V Attention JP15 should be shorted and HVDD jack should be open when the regulator is used. (Default: JP15 is open.) AK4569 Headphone amp JP15 should be open when the regulator is NOT used. AK4569 Analog JP4 should be shorted and AVDD jack should be open when AVDD is supplied from HVDD. (Default: JP4 is shorted.) AK4569 Digital JP14 should be shorted and DVDD jack should be open when DVDD is supplied from HVDD. (Default: JP14 is shorted.) Logic Parts JP13 should be shorted and VD jack should be open when VD is common with DVDD. (Default: JP13 is shorted.) Analog ground AGND jack should be always supplied. Digital ground DGND jack can be open if JP1 is shorted. (Default: JP1 is shorted.) Table 1. Set up of power supply lines Contents Regulator
HVDD AVDD
Orange Orange
3V 3V
DVDD
Orange
3V
VD
Orange
3V
AGND DGND
Black Black
0V 0V
Each supply line should be distributed from the power supply unit. 2) Set-up the evaluation modes, jumper pins and DIP switches. (See the followings.) 3) Power on. The AK4569 should be reset once bringing SW1(4569_PDN) "L" upon power-up. 4) Serial control
10 PORT1 uP-I/F
9 CSN CCLK CDTI CDTO NC 1
The AK4569 can be controlled via the printer port (parallel port) of IBM-AT compatible PC. Connect PORT1(uP-I/F) with PC by 10-line flat cable packed with the AKD4569. Take care of the direction of connector. There is a mark at pin#1. The pin layout of PORT1 is as Figure 2.
GND GND GND GND GND 2
Figure 2. Pin Layout of PORT1
-2-
2004/02
ASAHI KASEI
[AKD4569]
n Evaluation mode
Applicable evaluation modes (1) Loopback mode (2) Evaluation of A/D part (3) Evaluation of D/A part (Default) (4) All interface signals including master clock are fed externally.
(1),(2),(4) Analog Input (2) Digital Output Printer Port
PORT4 TOTX141 PORT1 P I/F J1 AINL J2 AINR J3 L/R/MIN J4 MOUT J5 HPL J6 HP J7 HPR REG
(3),(4) Analog Input
AVDD
PC
(4) DSP Digital Input (3)
PORT3 DSP DGND AGND PORT2 TORX141 VD DVDD HVDD
(1),(3),(4) Analog Output
0V 3V Power Supply Unit
Figure 3. Connection diagram for each evaluation mode
Mode (1) short ADC side short short J1(AINL), J2(AINR) J4(MOUT), J5(HPL), J7(HPR), J6(HP) X'tal mode (CM1-0 = "01") Mode (2) short Don't care short short J1(AINL), J2(AINR) PORT4(TOTX141) X'tal mode (CM1-0 = "01") Mode (3) short DIR side short short PORT2(TORX141), J3(LIN/RIN/MIN) J4(MOUT), J5(HPL), J7(HPR), J6(HP) PLL mode (CM1-0 = "00") Mode (4) open open open open PORT3(DSP) J4(MOUT), J5(HPL), J7(HPR), J6(HP) X'tal mode (CM1-0 = "01")
JP6 (MCLK) JP7 (SDTI) JP8 (BICK) JP9 (LRCK) Signal input Signal output AK4116(DIR) Clock mode (CM1-0 bit)
Table 2. Setup of jumper pins etc. for each evaluation mode
-3-
2004/02
ASAHI KASEI
[AKD4569]
(1) Loopback mode MCLK, BICK and LRCK are fed from on-board DIR (AK4116). The clock source can be selected from on-board X'tal oscillator or external master clock through a BNC connector (J8: EXTCLK). CM1-0 bit (Addr=01H) of AK4116 should be set to "01" by the control software "akd4116-1.exe" packed with AKD4569. (2) Evaluation of ADC AK4114 (DIT) generates audio bi-phase signal from received data and which is output through optical connector (PORT4: TOTX141). It is possible to connect AKM's D/A converter evaluation boards or the digital-amplifier which equips DIR input. SW3 is used to set the interface format and clock mode of AK4114 (see DIP-SW set-up). CM1-0 bit (Addr=01H) of AK4116 should be set to "01" by the control software "akd4116-1.exe" packed with AKD4569. (3) Evaluation of DAC (Default) On-board DIR (AK4116) generates MCLK, BICK, LRCK and SDATA from the received data through optical connector (TORX141). Used for the evaluation using CD test disk. Nothing should be connected to PORT3(DSP). (4) Feeding all signals externally AK4569 can be evaluated by connecting DSP to PORT3(DSP).
n Other jumper pins setup
[JP2] (AINL): ADC Lch input select (Default: AINL1) [JP3] (AINR): ADC Rch input select (Default: AINR1) [JP5] (LIN/RIN/MIN): External analog input select (Default: MIN) [JP10] (HPL): Headphone Lch output Short: Output from J5(BNC) (Default) Open: Output from J6(Headphone jack) [JP11] (HPR): Headphone Rch output Short: Output from J7(BNC) (Default) Open: Output from J6(Headphone jack) [JP12] (EXTCLK): Clock source Short: External clock is input via J8(EXTCLK). On-chip X'tal (X1) should be removed. Open: On-chip X'tal (X1) is used. (Default)
-4-
2004/02
ASAHI KASEI
[AKD4569]
n DIP-SW set-up (setup for AK4114)
No. 1 2 3 4 5 Name DIF0 OCKS1 NC Default OFF OFF OFF Contents AK4114 interface format (See Table 4.) AK4114 clock mode (See Table 5.) Don't care Table 3. SW3 setup (1=ON, 0=OFF) Format No.1 (DIF0)
0 24bit, Left jutified Default 1 I2S Table 4. AK4114 interface format setup (1=ON, 0=OFF) No.2 (OCKS1) 0 256fs Default 1 512fs Table 5. AK4114 clock mode setup (1=ON, 0=OFF) Clock mode
n The function of the toggle SW
[SW1](4569_PDN): Resets the AK4569. Keep "H" during normal operation. [SW2](4116_PDN): Resets the AK4116(DIR). Keep "H" during normal operation. [SW3](4114_PDN): Resets the AK4114(DIT). Keep "H" during normal operation.
n The indication content for LED
LED turns on when each output goes "H". [LE1] (INT1): INT1 of AK4116(DIR) [LE2] (INT0): INT0 of AK4116(DIR)
-5-
2004/02
ASAHI KASEI
[AKD4569]
AK4569 Control Program operation manual
n Set-up of evaluation board and control software
1. Set up the AKD4569 according to above mentioned setting. 2. Connect IBM-AT compatible PC with AKD4569 by 10-line type flat cable (packed with AKD4569). Take care of the direction of 10pin header. (Please install the driver in the floppy-disk when this control software is used on Windows 2000/XP. Please refer "Installation Manual of Control Software Driver by AKM device control software". In case of Windows95/98/ME, this installation is not needed. This control software does not operate on Windows NT.) 3. Insert the CD-ROM labeled "AK4569 Evaluation Kit" into the CD-ROM drive. 4. Access the CD-ROM drive and double-click the icon of "AKD4569.exe" to set up the control program. 5. Then please evaluate according to the followings.
n Operation flow
Keep the following flow. 1. Set up the control program. 2. Click "Port Setup" button. 3. Then set up the dialog and input data.
n Explanation of each buttons
1. [Port Setup] : set up the printer port. 2. [Write default] : initialize the register of AK4569. 3. [Function1] : Dialog to write data by keyboard operation. 4. [Function2] : Dialog to evaluate IPGA and ATTL/ATTR/ATTM. 5. [Write] : write data to each register.
-6-
2004/02
ASAHI KASEI
[AKD4569]
n Explanation of each dialog
1. [Function1 Dialog] : Dialog to write data by keyboard operation Address Box: Data Box: Input register address in 2 figures of hexadecimal. Input register data in 2 figures of hexadecimal.
If you want to write the input data to AK4569, click "OK" button. If not, click "Cancel" button. 2. [Function2 Dialog] : Dialog to evaluate IPGA and ATTL/ATTR/ATTM This dialog corresponds to only addr=05H, 0AH, 0BH and 0CH. Address Box: Input register address in 2 figures of hexadecimal. Start Data Box: Input start data in 2 figures of hexadecimal. End Data Box: Input end data in 2 figures of hexadecimal. Interval Box: Data is written to AK4569 by this interval. Step Box: Data changes by this step. Mode Select Box: If you check this check box, data reaches end data, and returns to start data. [Example] Start Data = 00, End Data = 09 Data flow: 00 01 02 03 04 05 06 07 08 09 09 08 07 06 05 04 03 02 01 00 If you do not check this check box, data reaches end data, but does not return to start data. [Example] Start Data = 00, End Data = 09 Data flow: 00 01 02 03 04 05 06 07 08 09 If you want to write the input data to AK4569, click "OK" button. If not, click "Cancel" button. 3. [Write Dialog] : Dialog to write data by mouse operation There are dialogs corresponding to each register. Click the "Write" button corresponding to each register to set up the dialog. If you check the check box, data becomes "H" or "1". If not, "L" or "0". If you want to write the input data to AK4569, click "OK" button. If not, click "Cancel" button.
n Indication of data
Input data is indicated on the register map. Red letter indicates "H" or "1" and blue one indicates "L" or "0". Blank is the part that is not defined in the datasheet.
n Attention on the operation
If you set up Function1 or Function2 dialog, input data to all boxes. Attention dialog is indicated if you input data or address that is not specified in the datasheet or you click "OK" button before you input data. In that case set up the dialog and input data once more again. These operations does not need if you click "Cancel" button or check the check box.
-7-
2004/02
ASAHI KASEI
[AKD4569]
AKD4116 Control Program operation manual
n Set-up of evaluation board and control software
1. Set up the AKD4569 according to above mentioned setting. 2. Connect IBM-AT compatible PC with AKD4569 by 10-line type flat cable (packed with AKD4569). Take care of the direction of 10pin header. (Please install the driver in the floppy-disk when this control software is used on Windows 2000/XP. Please refer "Installation Manual of Control Software Driver by AKM device control software". In case of Windows95/98/ME, this installation is not needed. This control software does not operate on Windows NT.) 3. Insert the CD-ROM labeled "AK4569 Evaluation Kit" into the CD-ROM drive. 4. Access the CD-ROM drive and double-click the icon of "akd4116_1.exe" and "akd4116_2.exe" to set up the control program. 5. Then please evaluate according to the follows.
n Operation flow
Keep the following flow. 1. 2. 3. Set up the control program. Click "Port Setup" button. Then set up the dialog and input data.
n Explanation of each buttons
1. 2. 3. 4. 5. [Port Setup] : set up the printer port. [Write default] : initialize the register of AK4116. [All read] : read all registers. [Read] : read data from each register. [Write] : write data to each register. If you want to write the input data to AK4116, click "OK" button. If not, click "Cancel" button.
n Indication of data
Input data is indicated on the register map. Red letter indicates "H" or "1" and blue one indicates "L" or "0". Blank is the part that is not defined in the datasheet.
End.
-8-
2004/02
ASAHI KASEI
[AKD4569]
MEASUREMENT RESULTS
1) ADC part [Measurement condition] * Measurement unit : Audio Precision System two Cascade * MCLK : 256fs * BICK : 64fs * fs : 48kHz * BW : 10Hz20kHz * Bit : 20bit * Power Supply : AVDD=DVDD=HVDD=3V * Interface : DIT * Temperature : Room Parameter S/(N+D) DR S/N 2) DAC part [Measurement condition] * Measurement unit : Audio Precision System two Cascade * MCLK : 256fs * BICK : 64fs * fs : 48kHz * BW : 10Hz20kHz * Bit : 20bit * Power Supply : AVDD=DVDD=HVDD=3V * Interface : DIR * Temperature : Room Parameter S/(N+D) DR S/N Input signal 1kHz, 0dB 1kHz, -60dB "0" data Measurement filter 20kLPF 22kLPF, A-weighted 22kLPF, A-weighted HP-amp 69.5dB 90.8dB 91.2dB MOUT 85.7dB 90.3dB 90.9dB Input signal 1kHz, -1dB 1kHz, -60dB No signal Measurement filter 20kLPF 20kLPF, A-weighted 20kLPF, A-weighted Results 85.1dB 88.6dB 88.6dB
-9-
2004/02
ASAHI KASEI
[AKD4569]
n Plots
(1) ADC part [Measurement condition] * Measurement unit : Audio Precision, System two, Cascade * MCLK : 256fs * BICK : 64fs * fs : 48kHz * BW : 10Hz20kHz * Bit : 20bit * Power Supply : AVDD=DVDD=HVDD=3V * Interface : DIT * Temperature : Room
Figure 4. FFT (1kHz, -1dBFS input) Figure 5. FFT (1kHz, -60dBFS input) Figure 6. FFT (Noise floor) Figure 7. THD+N vs Input Level (fin=1kHz) Figure 8. THD+N vs fin (Input Level=-1dBFS) Figure 9. Linearity (fin=1kHz) Figure 10. Frequency Response (Input Level=-1dBFS) Figure 11. Crosstalk (Input Level=-1dBFS)
- 10 -
2004/02
ASAHI KASEI
[AKD4569]
(ADC)
AKM AK4569 ADC FFT (fs=44.1kHz, fin=1kHz, -1dBr Input) FFT point=16384, Avg=8, window=Equiripple
+0 -20 -40 -60 d B F S -80 -100 -120 -140 -160 -180 20
50
100
200
500 Hz
1k
2k
5k
10k
20k
Color Red Blue
Line Style Solid Solid
Thick 3 3
Data Fft.Ch.1 Ampl Fft.Ch.2 Ampl
Axis Left Left last.at2c
Figure 4. FFT (1kHz, -1dBFS input) FFT points=16384, Avg=8, Window=Equiripple
AKM
AK4569 ADC FFT (fs=44.1kHz, fin=1kHz, -60dBr Input) FFT point=16384, Avg=8, window=Equiripple
+0 -20 -40 -60
d B F S
-80 -100 -120 -140 -160 -180 20
50
100
200
500 Hz
1k
2k
5k
10k
20k
Color Red Blue
Line Style Solid Solid
Thick 3 3
Data Fft.Ch.1 Ampl Fft.Ch.2 Ampl
Axis Left Left last.at2c
Figure 5. FFT (1kHz, -60dBFS input) FFT points=16384, Avg=8, Window=Equiripple
- 11 -
2004/02
ASAHI KASEI
[AKD4569]
(ADC)
AKM AK4569 ADC FFT (No signal Input) FFT point=16384, Avg=8, window=Equiripple
+0 -20 -40 -60 d B F S -80 -100 -120 -140 -160 -180 20
50
100
200
500 Hz
1k
2k
5k
10k
20k
Color Red Blue
Line Style Solid Solid
Thick 3 3
Data Fft.Ch.1 Ampl Fft.Ch.2 Ampl
Axis Left Left last.at2c
Figure 6. FFT (Noise floor) FFT points=16384, Avg=8, Window=Equiripple
- 12 -
2004/02
ASAHI KASEI
[AKD4569]
(ADC)
AKM
-60 -62.5 -65 -67.5 -70 -72.5 -75 d B F S -77.5 -80 -82.5 -85 -87.5 -90 -92.5 -95 -97.5 -100 -120 -110 -100 -90 -80 -70 -60 dBr
Color Red Blue Line Style Solid Solid Thick 3 3 Data DSP Anlr.THD+N Ampl A DSP Anlr.THD+N Ampl B Axis Left Left last.at2c
AK4569 DAC THD+N vs.Input Level (fs=44.1kHz, fin=1kHz)
-50
-40
-30
-20
-10
Figure 7. THD+N vs Input Level (fin=1kHz)
AKM
AK4569 ADC THD+N vs. fin (fs=44.1kHz, -1dBFS Input)
-60 -65
-70
-75 d B F S -80
-85
-90
-95
-100 20
50
100
200
500 Hz
1k
2k
5k
10k
20k
Color Red Blue
Line Style Solid Solid
Thick 3 3
Data DSP Anlr.THD+N Ampl A DSP Anlr.THD+N Ampl B
Axis Left Left last.at2c
Figure 8. THD+N vs fin (Input Level=-1dBFS)
- 13 -
2004/02
ASAHI KASEI
[AKD4569]
(ADC)
AKM
+0 -10 -20 -30 -40 d B F S -50 -60 -70 -80 -90 -100 -110 -120 -120
AK4569 DAC Linearity (fs=44.1kHz, fin=1kHz)
-110
-100
-90
-80
-70
-60 dBr
-50
-40
-30
-20
-10
+0
Color Red Blue
Line Style Solid Solid
Thick 3 3
Data DSP Anlr.Bandpass A DSP Anlr.Bandpass B
Axis Left Left last.at2c
Figure 9. Linearity (fin=1kHz)
AKM
AK4569 ADC Frequency Response (fs=48kHz, -1dBFS Input)
+0 -0.2 -0.4 -0.6 -0.8 -1 d B F S -1.2 -1.4 -1.6 -1.8 -2 -2.2 -2.4 20 50 100 200 500 Hz
Color Red Blue Line Style Solid Solid Thick 3 3 Data DSP Anlr.Ampl A DSP Anlr.Ampl B Axis Left Left last.at2c
1k
2k
5k
10k
20k
Figure 10. Frequency Response (Input Level=-1dBFS)
- 14 -
2004/02
ASAHI KASEI
[AKD4569]
(ADC)
AKM AK4569 ADC Crosstalk (fs=44.1kHz, fin=1kHz, -1dBFS Input) Upper@1kHz;Lch--->Rch, Lower@1kHz;Rch--->Lch
-70 -75 -80 -85 -90 -95 d B -100 -105 -110 -115 -120 -125 -130 20 50 100 200 500 Hz
Color Red Magenta Line Style Solid Solid Thick 3 3 Data DSP Anlr.Crosstalk A DSP Anlr.Crosstalk B Axis Left Left last.at2c
1k
2k
5k
10k
20k
Figure 11. Crosstalk (Input Level=-1dBFS)
- 15 -
2004/02
ASAHI KASEI
[AKD4569]
(2) DAC part (HPL, HPR pins) [Measurement condition] * Measurement unit : Audio Precision, System two, Cascade * MCLK : 256fs * BICK : 64fs * fs : 48kHz * BW : 10Hz20kHz * Bit : 20bit * Power Supply : AVDD=DVDD=HVDD=3V * Interface : DIR * Temperature : Room
Figure 12. FFT (1kHz, 0dBFS input) Figure 13. FFT (1kHz, -60dBFS input) Figure 14. FFT (Noise floor) Figure 15. FFT (Outband noise) Figure 16. THD+N vs Input Level (fin=1kHz) Figure 17. THD+N vs fin (Input Level=0dBFS) Figure 18. Linearity (fin=1kHz) Figure 19. Frequency Response (Input Level=0dBFS) Figure 20. Crosstalk (Input Level=0dBFS)
- 16 -
2004/02
ASAHI KASEI
[AKD4569]
(DAC)
AKM AK4569 DAC FFT (fs=44.1kHz, fin=1kHz, 0dBFS Input) FFT point=16384, Avg=8, window=Equiripple
+0 -20
-40
-60 d B r A -100
-80
-120
-140
-160 20
50
100
200
500 Hz
1k
2k
5k
10k
20k
Color Red Blue
Line Style Solid Solid
Thick 3 3
Data Fft.Ch.1 Ampl Fft.Ch.2 Ampl
Axis Left Left last.at2c
Figure 12. FFT (1kHz, 0dBFS input) FFT points=16384, Avg=8, Window=Equiripple
AKM
AK4569 DAC FFT (fs=44.1kHz, fin=1kHz, -60dBFS Input) FFT point=16384, Avg=8, window=Equiripple
+0 -20
-40
-60 d B r A -100
-80
-120
-140
-160 20
50
100
200
500 Hz
1k
2k
5k
10k
20k
Color Red Blue
Line Style Solid Solid
Thick 3 3
Data Fft.Ch.1 Ampl Fft.Ch.2 Ampl
Axis Left Left last.at2c
Figure 13. FFT (1kHz, -60dBFS input) FFT points=16384, Avg=8, Window=Equiripple
- 17 -
2004/02
ASAHI KASEI
[AKD4569]
(DAC)
AKM AK4569 DAC FFT (No data Input) FFT point=16384, Avg=8, window=Equiripple
+0 -20
-40
-60 d B r A -100
-80
-120
-140
-160 20
50
100
200
500 Hz
1k
2k
5k
10k
20k
Color Red Blue
Line Style Solid Solid
Thick 3 3
Data Fft.Ch.1 Ampl Fft.Ch.2 Ampl
Axis Left Left last.at2c
Figure 14. FFT (Noise floor) FFT points=16384, Avg=8, Window=Equiripple
AKM
AK4569 DAC FFT (Out-band-noise) FFT point=16384, Avg=8, window=Equiripple
+0 -20
-40
-60 d B r A -100
-80
-120
-140
-160
90
200
500
1k
2k Hz
5k
10k
20k
50k
100k
Color Red Blue
Line Style Solid Solid
Thick 3 3
Data Fft.Ch.1 Ampl Fft.Ch.2 Ampl
Axis Left Left last.at2c
Figure 15. FFT (Outband noise) FFT points=16384, Avg=8, Window=Equiripple
- 18 -
2004/02
ASAHI KASEI
[AKD4569]
(DAC)
AKM
-40 -45 -50 -55 -60 d B r A -65 -70 -75 -80 -85 -90 -95 -100 -140
AK4569 DAC THD+N vs. Input Lever (fs=44.1kHz, fin=1kHz)
-130
-120
-110
-100
-90
-80
-70 dBFS
-60
-50
-40
-30
-20
-10
+0
Color Red Blue
Line Style Solid Solid
Thick 3 3
Data Anlr.THD+N Ampl Anlr.THD+N Ampl
Axis Left Left last.at2c
Figure 16. THD+N vs Input Level (fin=1kHz)
AKM
-40 -45 -50 -55 -60 d B r A -65 -70 -75 -80 -85 -90 -95 -100 20
AK4569 DAC THD+N vs. Input Frequency (fs=44.1kHz,fin=1kHz, Input Level=0dBFS)
50
100
200
500 Hz
1k
2k
5k
10k
20k
Color Red Blue
Line Style Solid Solid
Thick 3 3
Data Anlr.THD+N Ampl Anlr.THD+N Ampl
Axis Left Left last.at2c
Figure 17. THD+N vs fin (Input Level=0dBFS)
- 19 -
2004/02
ASAHI KASEI
[AKD4569]
(DAC)
AKM
+0 -10 -20 -30 -40 d B r A -50 -60 -70 -80 -90 -100 -110 -120 -120
AK4569 DAC Linearity (fs=44.1kHz,fin=1kHz)
-110
-100
-90
-80
-70
-60 dBFS
-50
-40
-30
-20
-10
+0
Color Red Blue
Line Style Solid Solid
Thick 3 3
Data Anlr.Bandpass Anlr.Bandpass
Axis Left Left last.at2c
Figure 18. Linearity (fin=1kHz)
AKM
+0.5 +0.4 +0.3 +0.2 +0.1 +0 -0.1 -0.2 -0.3 -0.4 -0.5
AK4569 DAC Frequency Response (fs=44.1kHz,Input Level=0dB)
d B r A
2k
4k
6k
8k
10k Hz
12k
14k
16k
18k
20k
Color Red Blue
Line Style Solid Solid
Thick 3 3
Data Anlr.Ampl Anlr.Ampl
Axis Left Left last.at2c
Figure 19. Frequency Response (Input Level=0dBFS)
- 20 -
2004/02
ASAHI KASEI
[AKD4569]
(DAC)
AKM AK4569 DAC Crosstalk (fs=44.1kHz, Input Level=0dB) Upper@1kHz Lch--->Rch, Lower@1kHz Rch--->Lch
+0 -10 -20 -30 -40 -50 d B -60 -70 -80 -90 -100 -110 -120 20 50 100 200 500 Hz
Color Red Blue Line Style Solid Solid Thick 3 3 Data Anlr.Crosstalk Anlr.Crosstalk Axis Left Left last.at2c
1k
2k
5k
10k
20k
Figure 20. Crosstalk (Input Level=0dBFS)
- 21 -
2004/02
ASAHI KASEI
[AKD4569]
IMPORTANT NOTICE * These products and their specifications are subject to change without notice. Before considering any use or application, consult the Asahi Kasei Microsystems Co., Ltd. (AKM) sales office or authorized distributor concerning their current status. * AKM assumes no liability for infringement of any patent, intellectual property, or other right in the application or use of any information contained herein. * Any export of these products, or devices or systems containing them, may require an export license or other official approval under the law and regulations of the country of export pertaining to customs and tariffs, currency exchange, or strategic materials. * AKM products are neither intended nor authorized for use as critical components in any safety, life support, or other hazard related device or system, and AKM assumes no responsibility relating to any such use, except with the express written consent of the Representative Director of AKM. As used here: (a) A hazard related device or system is one designed or intended for life support or maintenance of safety or for applications in medicine, aerospace, nuclear energy, or other fields, in which its failure to function or perform may reasonably be expected to result in loss of life or in significant injury or damage to person or property. (b) A critical component is one whose failure to function or perform may reasonably be expected to result, whether directly or indirectly, in the loss of the safety or effectiveness of the device or system containing it, and which must therefore meet very high standards of performance and reliability. * It is the responsibility of the buyer or distributor of an AKM product who distributes, disposes of, or otherwise places the product with a third party to notify that party in advance of the above content and conditions, and the buyer or distributor agrees to assume any and all responsibility and liability for and hold AKM harmless from any and all claims arising from the use of said product in the absence of such notification.
- 22 -
2004/02
5
4
3
2
1
JP1 Digital Ground GND Analog Ground C1 + 1u
(+3V)
J1 AINL R1 (open)
Logic_3V PORT1 10 9 8 7 6 uP-I/F
R2 R3 R4 47k 47k 47k
AINL1
AINL2
D
1 2 3 4 5
AVDD
AINR1 AINR2
CSN CCLK CDTI CDTO
R5 R6 R7 R8
470 470 470 51
JP2 AINL
JP3 AINR + C2 47u
JP4 HVDD HVDD-AVDD C3 + 1u
J2 AINR R9 (open)
D
CN1 28pin_4 28 27 26 25 24 23 + 22 C5 2.2u C7 0.1u + C8 0.1u 28 27 26 25 24 23 CN3 4569_PDN U3 A1 Y1 A2 Y2 A3 Y3 A4 Y4 A5 Y5 A6 Y6 A7 Y7 A8 Y8 G1 G2 74LVC541 R12 18 17 16 15 14 13 12 11 R13 R15 R16 R17 R21 R22 100 100 100 100 100 100 100
PDN CSN CCLK CDTI LRCK MCLK BICK
R10 Logic_3V 1k R11 1k
LE1 INT1 LE2 INT0
2
U1A
CN2 20pin_3 1 15 14 13 12 11
C4 10u C6 0.1u
74HC14 4 U1B 3
+
C9 4.7u CN4 21 J3 LIN/RIN/MIN
C
1 2 3 4 5 6 7 28pin_1 1 2 3 4 5 6 7 PDN CSN CCLK CDTI LRCK MCLK BICK
15
14
13
12
11
VCOM
AINR1
AINR2
AVDD
AINL1
AINL2
AVSS
74HC14
U2
22
CDTO
CCLK
CDTI
INT1
CSN
C
U4 CN5 16 16 4116_PDN 17 18 19 20 20pin_4 + R19 12k 17 18 19 20 INT0 PDN AVSS R AVDD
CN6 10 MCKO DAUX 10 9 8 7 6 7 6 20pin_2 9 8
JP6 MCLK JP7 SDTI
ADC DIR
2 3 4 5 6 7 8 9 1 19
VREF LIN RIN
21 20 19 18 17 16 15 + C14 1u
20 19 18 17 16 15 28pin_3
LIN RIN MIN
JP5
C10 0.1u
LIN/RIN/MIN C11 4.7u
R14 (open)
AK4569
MIN MOUT MUTET HPL
AK4116
DVDD DVSS XTO RX0
SDTO BICK LRCK
+
R18 220 R20 10k
J4 MOUT
DVDD
HVDD
SDTO
DVSS
HVSS
SDTI
XTI
10
11
12
13
R24 2 X1 12.288MHz R26
100 100
14
8
9
+
JP9 LRCK
HPR
C12 C13 10u 0.1u
JP8 BICK
R23 C15 6.8 100u
JP10 HPL R25 16
J5 HPL
SDTI SDTO
1
2
3
4 1
5
C16 0.1u + MCLK BICK LRCK SDTI SDTO CN7 28pin_2 8 9 C19 10u +
C17 0.1u C20 10u J6 HP
B
C18 0.1u
B
C23 10u
+
C21 C22 5p 5p
10
11
12
13
for74HC14, 74LVC541 Logic_3V C25 C26 0.1u 0.1u R29 5.1
(+3V for AK4116, AK4114, Logic) (+3V)
+
CN8 20pin_1
14
R27 C24 6.8 100u
JP11 HPR R28 16
J7 HPR
1
2
3
4
JP12 EXTCLK HVDD
(+3V)
L1 47u
5
VD PORT2 VCC 3 GND 2 OUT 1 TORX141 C27 0.1u + C28 47u R31
A
3 C32 0.1u
GND
JP13 DVDD-VD
DVDD
R30 10
HVDD + C30 47u
JP15 REG
T1 3V Regulator OUT IN 1 C33 0.1u
(+5V)
REG + C31 47u
+ C29 JP14 47u HVDD-DVDD
470 J8 EXTCLK
2
A
5 R32 (open)
U1C
6
Title Size Document Number
74HC14
AKD4569
AK4569
Sheet
1
Rev
A3
Date:
5 4 3 2
A
1
of
Friday, February 20, 2004
2
5
4
3
2
1
D
Logic_3V D1 1S1588
R33 10k 9 U1D 8 4569_PDN
D
L
H
74HC14 C34 0.1u
SW1 4566_PDN
Normally H
Logic_3V D2 1S1588
R34 10k 11 U1E 10 4116_PDN
C35 10u C36 0.1u C37 4.7u C39 0.1u
+
L
C
H
74HC14 C38 0.1u
+
Logic_3V R35 18k 1 2 3 4 5 RP1 36 35 34 33 32 31 30 29 28 27 26 25 SW3 10 9 8 7 6
DIF MCLK NC NC NC ON I2S 512fs OFF MSB 256fs
C
SW2 4116_PDN
Normally H
U5
48 47 46 45 44 43 42 41 40 39 38 37
RX3 AVSS RX2 TEST1 RX1 AVSS RX0 AVSS VCOM R AVDD INT1
DIT(4114) 5 4 3 2 1 DIF0 OCKS1
Logic_3V D3 1S1588
DIF0 R36 10k 13 U1F 12 4114_PDN
L
H
74HC14 C40 0.1u
SW4 4114_PDN
Normally H
B
13 14 15 16 17 18 19 20 21 22 23 24
TVDD DVSS TX0 TX1 BOUT COUT UOUT VOUT DVDD DVSS MCKO1 LRCK
1 2 3 4 5 6 7 8 9 10 11 12
IPS0 AVSS DIF0 TEST2 DIF1 AVSS DIF2 IPS1 P/S XTL0 XTL1 VIN
AK4114
INT0 OCKS0 OCKS1 CM1 CM0 PDN XTI XTO DAUX MCKO2 BICK SDTO
OCKS1 4114_PDN MCLK SDTO BICK 47k
LRCK C41 0.1u C42 0.1u + C43 10u
MCLK BICK LRCK SDTI Logic_3V
R37 R38 R39 R40 R41
100 100 100 100 10k
MCLK BICK LRCK SDTI VD
1 2 3 4 5
PORT3 10 GND GND 9 NC 8 NC 7 6 SDTO DSP
B
SDTO
Logic_3V PORT4 IN 3 VCC 2 GND 1 TOTX141
Logic_3V C44 0.1u
A
A
Title Size Document Number
AKD4569
Interface
Sheet
1
Rev
A3
Date:
5 4 3 2
A
2
of
Friday, February 20, 2004
2


▲Up To Search▲   

 
Price & Availability of AKD4569

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X