Part Number Hot Search : 
L5122 PRS28G LM40X21A L5122 RBA5104 FFCKS3L2 41E2406 SI9979
Product Description
Full Text Search
 

To Download AIUR-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THRU-HOLE POWER INDUCTORS
AIUR-15, AIUR-16 SERIES
FEATURES: * Ferrite core with heat shrink tube * High Reliability STANDARD SPECIFICATIONS:
Part Number AIUR-15 220M 270M 330K 390K 470K 560K 680K 820K 101K 121K 151K L (H) 22 27 33 39 470 56 68 82 100 120 150 R DC ( ) Max 0.030 0.033 0.038 0.038 0.044 0.048 0.055 0.066 0.082 0.098 0.110 I DC (A) Max 5.7 5.0 4.8 4.5 4.2 4.0 3.8 3.5 3.2 3.0 2.7 Part Number AIUR-15 181K 221K 271K 331K 391K 471K 561K 681K 821K 102K L (H) 180 220 270 330 390 470 560 680 820 1000 R DC ( ) Max 0.130 0.160 0.190 0.260 0.290 0.330 0.410 0.460 0.630 0.710 I DC (A) Max 2.5 2.3 2.0 1.8 1.7 1.5 1.4 1.3 1.1 1.0
OPTIONS: * Bulk Pack is standard
APPLICATIONS: * Electronic Appliance * Noise Filtering PHYSICAL CHARACTERISTICS:
0.71Max 18,0
|||||||||||||||
0.79Max 20,0 0.22Max 5,5 O0.040 O1,00
1.10Min 28,0 0.12Min 3,0 0.394 10,00
TECHNICAL INFORMATION:
* Test frequency: 1KHz, 0.1VRMS * Inductance tolerance: M=20%, K=10% * IDC: Inductance drops 10% typical or, T 40C with rated IDC * Letter suffix indicates standard tolerance
* Operating Temperature: -40C to +85C * Storage Temperature: -55C to +125C * Marking: Inductance and tolerance ** No Tubing
Part Number AIUR-16 3R9K 4R7K 5R6K 6R8K 8R2K 100K 120K 150K 180K 220K 270K 330K 390K 470K 560K 680K
L (H) 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68
0.365Max 9,27
R DC () Max 0.020 0.022 0.027 0.029 0.036 0.041 0.046 0.050 0.062 0.071 0.073 0.090 0.102 0.120 0.162 0.186
0.625 15,88
I DC (A) Max 2.70 2.50 2.30 2.10 1.90 1.70 1.55 1.40 1.30 1.20 1.10 0.92 0.84 0.76 0.70 0.66
Part Number AIUR-16 820K 101K 121K 151K 181K 221K 271K 331K 391K 471K 561K 681K 821K 102K 122K 152K
L (mH) 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500
R DC ( ) Max 0.240 0.270 0.310 0.372 0.456 0.535 0.625 0.816 1.0 1.2 1.3 1.8 2.1 3.0 3.3 3.5
I DC (A) Max 0.580 0.530 0.460 0.440 0.390 0.350 0.320 0.300 0.280 0.240 0.225 0.210 0.190 0.165 0.155 0.135
Part Number AIUR-16 182K 222K 272K 332K 392K 472K 562K 682K 822K 103K 123K 153K 183K 223K 273K 333K
L (H) 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33
R DC ( ) Max 5.7 6.2 7.6 8.5 10.3 11.3 13 17 20 27 31 45 51 60 66 100
I DC (A) Max 0.125 0.115 0.105 0.096 0.084 0.076 0.070 0.064 0.057 0.053 0.047 0.043 0.038 0.035 0.033 0.029
PHYSICAL CHARACTERISTICS:
TECHNICAL INFORMATION:
* Test frequency: 10KHz 0.1VRMS * Tolerance: K=10% (Standard) * Letter suffix indicates standard tolerance * Temperature: -40C to +125C with no load -40C to +85C with full rated current * Marking: Value and tolerance * IDC: 5% typical Lp drops from initial value * UL Shrink Tube Note: Where wires exits over flange to lead termination add 0.050" total to max diameter. Check SCD for detail E&M specification 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
0.275Max 6,99
0.375 9,53
0.138 3,50
O0.025 O0,64
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
rev1.1-8/04


▲Up To Search▲   

 
Price & Availability of AIUR-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X