Part Number Hot Search : 
240QJ1 SCH1332 BR3010 TIP32A RB1E13N PY5305S 91900 SR050
Product Description
Full Text Search
 

To Download AIUR-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THRU-HOLE POWER INDUCTORS
AIUR-11, AIUR-12 SERIES
|||||||||||||||
FEATURES: * Ferrite core with heat shrink tube * High Reliability STANDARD SPECIFICATIONS:
Part Number AIUR-11 3R9K 4R7K 5R6K 6R8K 8R2K 100K 120K 150K 180K 220K 270K 330K 390K 470K 560K L (H) 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56
0.450Max 11,43
OPTIONS: * Bulk Pack is standard
APPLICATIONS: * Electronic Appliance * Noise Filtering
I DC (A) Max 1.45 1.30 1.20 1.10 1.00 0.92 0.86 0.76 0.70 0.62 0.60 0.54 0.51 0.45 0.39 Part Number AIUR-11 122K 152K 182K 222K 272K 332K 392K 472K 562K 682K 822K 103K 123K 153K RDC () Max 2.40 2.76 3.60 4.00 6.00 6.72 8.80 11.00 13.20 14.50 16.55 20.40 24.00 27.60 I DC (A) Max 0.360 0.340 0.300 0.245 0.238 0.225 0.200 0.185 0.170 0.150 0.140 0.130 0.120 0.100
RDC () Max 0.022 0.024 0.025 0.028 0.030 0.034 0.038 0.043 0.049 0.054 0.059 0.066 0.078 0.102 0.138
0.625 15,88
I DC (A) Max 6.80 6.20 5.60 5.10 4.60 4.20 3.80 3.30 3.10 2.70 2.50 2.30 2.20 1.90 1.60
Part Number AIUR-11 680K 820K 101K 121K 151K 181K 221K 271K 331K 391K 471K 561K 681K 821K 102K
L (H) 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
RDC () Max 0.168 0.174 0.180 0.234 0.276 0.300 0.353 0.500 0.635 0.720 0.816 1.030 1.200 1.54 2.16
L (H) 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000
PHYSICAL CHARACTERISTICS:
TECHNICAL INFORMATION:
* Test frequency: 10KHz 0.1VRMS * Tolerance: K=10% (Standard) * Letter suffix indicates standard tolerance * Temperature: -40C to +125C with no load -40C to +85C with full rated current * Marking: Value and tolerance * L drops 10% typical @ IDC from initial value * UL Shrink Tube * Check SCD for detail E&M specification
0.425Max 10,78
0.375 9,53
0.197 5,00
O0.032 O0,81
Part Number AIUR-12 100K 150K 220K 330K 470K 680K 101K 151K
0.41Max 10,5 0.283 7,20
L (H)
RDC () Max 0.70 0.80 0.11 0.15 0.28 0.30 0.50 0.54
1.20 30,5
I DC (A) Max 1.50 1.10 1.00 0.92 0.78 0.77 0.66 0.52
O0.024 O0,60 0.118 3,00
SRF (MHz) Min 40.0 30.0 20.0 15.0 12.8 6.8 6.0 4.4
Part Number AIUR-12 221K 331K 471K 681K 102K 152K 222K 472K
L (H)
RDC () Max 1.05 1.21 1.87 2.70 3.80 5.40 11.00 18.00
I DC (A) Max 0.44 0.38 0.31 0.25 0.17 0.13 0.11 0.07
SRF (MHz) Min 3.7 3.3 2.9 2.2 1.8 1.7 1.4 0.6
10 15 22 33 47 68 100 150
220 330 470 680 1000 1500 2200 4700
PHYSICAL CHARACTERISTICS:
TECHNICAL INFORMATION:
* Test frequency: 1KHz, 0.1VRMS * Tolerance: K=10% * Letter suffix indicates standard tolerance * Temperature: -40C to +125C with no load -40C to +85C with full rated current * Marking: Value and tolerance * PVC tubing * L drops 10% typical @ IDC from initial value * Check SCD for detail E&M specification 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
1.36 34,5
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
rev1.1-8/04


▲Up To Search▲   

 
Price & Availability of AIUR-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X