Part Number Hot Search : 
BR101 MAX639 66070 IPS031S 030PBF CRX0505N BR101 1A010
Product Description
Full Text Search
 

To Download AIUR-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THRU-HOLE POWER INDUCTORS
AIUR-10 SERIES
|||||||||||||||
FEATURES: * Ferrite core with heat shrink tube * High Reliability STANDARD SPECIFICATIONS (Continued):
Part Number AIUR-10 100K 120K 150K 180K 220K 270K 330K 390K 470K 560K 680K L (H) 10 12 15 18 22 27 33 39 47 56 68 R DC () Max 0.08 0.09 0.10 0.12 0.13 0.14 0.15 0.16 0.23 0.26 0.27 I DC (A) Max 2.45 2.30 2.00 1.80 1.67 1.59 1.27 1.19 1.16 1.08 1.02
OPTIONS: * Bulk Pack is standard
APPLICATIONS: * Electronic Appliance * Noise Filtering
Part Number AIUR-10 820K 101K 121K 151K 181K 221K 271K 331K 391K 471K 561K
L (H) 82 100 120 150 180 220 270 330 390 470 560
R DC () Max 0.31 0.44 0.50 0.58 0.65 0.85 0.99 1.12 1.26 1.68 1.88
I DC (A) Max 0.86 0.77 0.73 0.59 0.55 0.45 0.41 0.35 0.32 0.28 0.24
Part Number AIUR-10 681K 821K 102K 122K 152K 182K 222K 272K 332K 392K
L (H) 680 820 1000 1200 1500 1800 2200 2700 3300 3900
R DC () Max 2.18 2.71 3.01 3.41 4.00 6.12 6.98 7.97 11.8 13.0
I DC (A) Max 0.23 0.21 0.20 0.18 0.17 0.16 0.16 0.16 0.15 0.14
PHYSICAL CHARACTERISTICS:
0.300.02 7,50,50 0.200.04 5,01,0 0.197 5,00
O0.320.02 O8,00,5
O0.024 O0,60
TECHNICAL INFORMATION:
* Test frequency: 10H-82H = 2.52 MHz 100H-3900H = 1 KHz * Tolerance: K=10% * Letter suffix indicates standard tolerance * Temperature: -40C to +125C with no load -40C to +85C with full rated current * Marking: Value and tolerance * L drops 10% typical @ IDC from initial value * Check SCD for detail E&M specification
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
rev1.1-8/04
30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of AIUR-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X