Part Number Hot Search : 
AN533 2SCR513P LTC13 06220 BR201 AT54A LTC13 XMXXX
Product Description
Full Text Search
 

To Download AIUR-09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THRU-HOLE POWER INDUCTORS
AIUR-09 SERIES
|||||||||||||||
FEATURES: * Ferrite core with heat shrink tube * High Reliability STANDARD SPECIFICATIONS:
Part Number AIUR-09 100K 120K 150K 180K 220K 270K 330K 390K 470K L (H) 10 12 15 18 22 27 33 39 47 R DC () Max 0.044 0.054 0.062 0.088 0.092 0.110 0.140 0.160 0.180 I DC (A) Max 3.6 3.3 2.9 2.7 2.4 2.2 2.0 1.8 1.7
OPTIONS: * Bulk Pack is standard
APPLICATIONS: * Electronic Appliance * Noise Filtering
Part Number AIUR-09 560K 680K 820K 101K 121K 151K 181K 221K
L (H) 56 68 82 100 120 150 180 220
R DC () Max 0.21 0.25 0.32 0.36 0.42 0.51 0.62 0.70
I DC (A) Max 1.5 1.4 1.3 1.3 1.1 1.0 0.84 0.81
Part Number AIUR-09 271K 331K 391K 471K 561K 681K 821K 102K
L (H) 270 330 390 470 560 680 820 1000
R DC () Max 0.90 1.20 1.30 1.50 1.90 2.40 2.80 3.30
I DC (A) Max 0.72 0.62 0.59 0.57 0.49 0.45 0.43 0.36
PHYSICAL CHARACTERISTICS:
TECHNICAL INFORMATION:
* Test frequency: 10H-82H = 2.52 MHz; 100H-1000H = 1 KHz * Tolerance: K=10%, M=20% * Letter suffix indicates standard tolerance * Temperature: -55C to +125C with no load -55C to +85C with full rated current * Marking: EIA color code or value * L drops 10% typical @ IDC from initial value * Check SCD for detail E&M specification
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
REVISED: 12.18.06 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of AIUR-09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X