Part Number Hot Search : 
13003 FN4A3Q SIC403 90020 D201ED 4232AUA GDM1604 LS3958
Product Description
Full Text Search
 

To Download AIUR-08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THRU-HOLE POWER INDUCTORS
AIUR-07, AIUR-08 SERIES
|||||||||||||||
FEATURES: * Ferrite core with heat shrink tube * High Reliability STANDARD SPECIFICATIONS:
Part Number AIUR-07 100K 120K 150K 180K 220K 270K 330K 390K 470K
0.180.02 4,60,5
OPTIONS: * Bulk Pack is standard
APPLICATIONS: * Electronic Appliance * Noise Filtering
I DC (A) Max 0.6 0.6 0.5 0.5 0.4 0.4 0.4 0.3 Part Number AIUR-07 271K 331K 391K 471K 561K 681K 821K 102K R DC () Max 2.0 2.2 2.6 3.0 3.5 4.7 5.3 6.3 I DC (A) Max 0.3 0.3 0.2 0.2 0.2 0.18 0.17 0.15
L (H) 10 12 15 18 22 27 33 39 47
R DC () Max 0.10 0.12 0.13 0.14 0.16 0.19 0.25 0.28 0.32
I DC (A) Max 1.5 1.4 1.3 1.1 1.0 0.9 0.8 0.8 0.7
Part Number AIUR-07 560K 680K 820K 101K 121K 151K 181K 221K
L (H) 56 68 82 100 120 150 180 220
R DC () Max 0.37 0.46 0.54 0.66 0.87 1.03 1.26 1.39
L (H) 270 330 390 470 560 680 820 1000
PHYSICAL CHARACTERISTICS:
0.160.04 4,01,0 0.157 4,00
TECHNICAL INFORMATION:
* Test frequency: 10H-82H = 2.52 MHz 100H-1000H = 1 KHz * Tolerance: K = 10% (Standard) * Letter suffix indicates standard tolerance * Temperature: -40C to +125C with no load -40C to +85C with full rated current * Marking: Value and tolerance * L drops 10% typical @ IDC from initial value * Check SCD for detail E&M specification
O0.240.02 O6,00,5
O0.020 O0,50
STANDARD SPECIFICATIONS:
Part Number AIUR-08 100K 120K 150K 180K 220K 270K 330K 390K 470K
0.390.02 10,00,5
L (H) 10 12 15 18 22 27 33 39 47
RDC () Max 0.022 0.023 0.026 0.033 0.037 0.048 0.055 0.073 0.083
0.160.01 4,00,3
2 3
IDC (A) Max 5.3 4.9 4.4 4.0 3.6 3.3 2.9 2.7 2.5
Part Number AIUR-08 560K 680K 820K 101K 121K 151K 181K 221K
L (H) 56 68 82 100 120 150 180 220
RDC () Max 0.092 0.12 0.14 0.16 0.20 0.23 0.31 0.34
IDC (A) Max 0.6 0.6 0.5 0.5 0.4 0.4 0.4 0.3
Part Number AIUR-08 271K 331K 391K 471K 561K 681K 821K 102K
L (H) 270 330 390 470 560 680 820 1000
RDC () Max 0.40 0.52 0.65 0.71 1.00 1.10 1.30 1.70
IDC (A) Max 1.00 0.93 0.86 0.78 0.71 0.65 0.59 0.53
PHYSICAL CHARACTERISTICS:
0.140.04 3,51,0
TECHNICAL INFORMATION:
* Test frequency: 10H-82H = 2.52 MHz 100H-1000H = 1 KHz * Tolerance: K = 10% (Standard) * Letter suffix indicates standard tolerance * Temperature: -40C to +125C with no load -40C to +85C with full rated current * Marking: Value and tolerance * L drops 10% typical @ IDC from initial value * Check SCD for detail E&M specification
O0.390.02 O10,00,5 O0.024 O0,60
0.200.01 5,00,3
1 4
2
3
2 1
3 4
14 10H~33H
39H~1mH
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
rev1.1-8/04
30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of AIUR-08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X