Part Number Hot Search : 
FL5150 4148W Z200D5 G2406 2A105K 305S12FR 4040N TC020PA
Product Description
Full Text Search
 

To Download AISC-1008L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
AISC-1008, 1008L, 1008F, 1008FL SERIES
FEATURES: * Construction: Ceramic or Ferrite * Excellent SRF * High Frequency Design * Excellent Q values STANDARD SPECIFICATIONS:
Part Number* AISC-1008(L) R0047K R0056K R010K R012K R015K R018K R022K R027K R030K R033K R039K R047K R056K R068K R082K R10K R12K R15K R18K R22K R27K R33K R39K R47K R56K R62K R68K R75K R82K R91K 1R0K 1R2K 1R5K 1R8K 2R2K 2R7K 3R3K 3R9K 4R7K 5R6K 6R8K 8R2K AISC-1008F(L) 1R2K 1R5K 1R8K 2R2K 2R7K 3R3K 3R9K 4R7K 5R6K 6R8K 8R2K 100K
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
rev1.1-9/04
OPTIONS: * Tape & Reel is standard * Add L for no Cap, F for Ferrite Base * Add G for Gold Plated Terminal * Add S for Solder Plated Terminal
APPLICATIONS: * Wireless Communications Equipment * Networking System * Computer Products and Peripherals
|||||||||||||||
L (nH) 4.7 5.6 10 12 15 18 22 27 30 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 620 680 750 820 910 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 1.20 1.50 1.80 2.20 2.70 3.30 3.90 4.70 5.60 6.80 8.20 10.0
Q Min 60 55 55 65 55 60 60 60 60 70 70 70 70 65 65 60 60 50 50 50 50 50 50 50 50 50 50 45 45 40 35 35 28 28 28 22 22 20 20 20 20 20 48 41 39 34 34 32 32 31 31 31 23 31
L. Test Q Test SRF Freq Freq Min (MHz) (MHz) (MHz) 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 1500 1500 500 500 500 350 350 350 350 350 350 350 350 350 350 350 350 100 100 100 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 25 25 25 25 25 25 25 50 50 50 50 50 50 25 25 7.9 7.9 7.9 7.9 >6000 >6000 4100 3400 2600 2600 2400 1700 1700 1700 1600 1600 1400 1200 1000 1000 1000 850 800 700 700 600 500 500 450 415 375 360 350 320 290 250 200 160 160 140 110 100 90 80 70 60 210 190 170 150 135 120 105 90 80 70 65 60
RDC Max ( ) 0.11 0.14 0.08 0.09 0.13 0.11 0.12 0.13 0.14 0.14 0.15 0.16 0.18 0.21 0.22 0.56 0.63 0.62 0.70 0.80 0.91 1.05 1.12 1.19 1.33 1.40 1.47 1.54 1.61 1.68 1.75 2.00 2.30 2.60 2.80 3.20 3.40 3.60 4.00 5.70 7.70 10.7 0.68 0.76 0.84 1.10 1.28 1.46 1.56 1.68 1.82 2.00 2.65 2.95
IDC Max (mA) 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 650 650 580 620 500 500 450 470 470 400 300 400 360 400 380 370 310 330 300 280 290 290 260 260 240 200 150 650 630 600 520 490 450 420 400 380 360 330 300
A (Max) B (Max) C (Max) D (Max)
AISC-1008 AISC-1008F 0.110 (2,80) 0.104 (2,65) 0.080 (2,03) 0.020 (0,50)
AISC-1008L AISC-1008FL 0.102 (2,60) 0.099 (2,50) 0.044 (2,03) 0.020 (0,50)
PHYSICAL CHARACTERISTICS:
Standard Dimension: With Cap
L Dimension: Without Cap
Dimension: inch/mm
TECHNICAL INFORMATION:
* Ordering Code: AISC-1008(F)(L)-XXX(Value) -(J)(K)-(G)(S)(T) * F = ferrite base, L = without cap * (G)(S)(T): G=Gold Plated, S=Solder Plated, T= Tape and Reel * Tolerance: G=2%, J=5%, K=10% * Check SCD for detail available tolerance * Letter suffix indicates standard tolerance * Operating Temperature: -40C to +125C Note: All specifications subject to change without notice.
30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of AISC-1008L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X