Part Number Hot Search : 
SMAJ100 24C512BN 1117C 81Z10 SMAJ100 LSEF2 Y7C14 5D391
Product Description
Full Text Search
 

To Download AIC1383PSTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AIC1383
1.5A Termination Regulator
FEATURES
1.5A Source and Sink Current Ability Support DDR1 (1.25VTT) and DDR2 (0.9VTT) Requirements Low Output Voltage Offset, 20mV High Accuracy Output Voltage at Full-Load Adjustable VOUT by External Resistor Low External Component Count Current Limit protection Thermal Protection SOP-8 Package
DESCRIPTION
AIC1383 linear regulator is designed to achieve 1.5A source and sink current while regulating an output voltage to within 25mV. AIC1383 converts voltage supplies range from 1.6V to 6V into an output voltage that adjusts by two external voltage divider resistors. It provides an excellent voltage source for active termination schemes of high-speed transmission lines as those seen in high-speed memory buses, and it meets the JEDEC SSTL2 and SSTL-3 specifications for termination of DDR-SRAM. Built-in current limiting in source and sink mode, with thermal shutdown provide maximal protection to the AIC1383 against fault conditions.
APPLICATIONS
Mother Board Graphic Cards DDR Termination Voltage Supply
TYPICAL APPLICATION CIRCUIT
1 + R1 100K 2 3 EN CES7002A C1 R2 100pF 100K VOUT=1.25V + 4 8
VIN=2.5V CIN 470F
VIN GND VREF VOUT
VCNTL VCNTL VCNTL VCNTL
+
7 6 5 CCNTL 47F
VCNTL=3.3V
COUT 220F
AIC1383
Analog Integrations Corporation
Si-Soft Research Center 3A1, No.1, Li-Hsin Rd. I, Science Park, Hsinchu 300, Taiwan, R.O.C. TEL: 886-3-5772500 FAX: 886-3-5772510 www.analog.com.tw
DS-1383P-02 010405
1
AIC1383
ORDERING INFORMATION
AIC1383XXXX PACKING TYPE TR: TAPE & REEL PACKAGE TYPE S: SOP-8 C: COMMERCIAL P: LEAD FREE COMMERCIAL Example: AIC1383CSTR 1.5A Version, in SOP-8 Package, Tape & Reel Packing Type AIC1383PSTR 1.5A Version, in Lead Free SOP-8 Package, Tape & Reel Packing Type
VIN 1 GND 2 VREF 3 VOUT 4 8 7 6 5 VCNTL VCNTL VCNTL VCNTL
PIN CONFIGURATION
SOP-8 TOP VIEW
ABSOLUTE MAXIMUM RATINGS
Supply Voltage Operating Temperature Range Junction Temperature Range Storage Temperature Range Lead Temperature (Solder, 10sec) Thermal Resistance JC Thermal Resistance JA SO-8 SO-8 -0.4V to 7V -40C~85C 125C -65C ~150C 260C 40C /W 160C /W
(Assume no ambient airflow, no heatsink) Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
TEST CIRCUIT
2.5V/ 1.8V
1 VIN
VCNTL VCNTL VCNTL VCNTL
8 7 6 5
3.3V
2 GND 3 VREF 4 VOUT
1.25V /0.9V VOUT + COUT 10F
AIC1383
2
AIC1383
ELECTRICAL CHARACTERISTICS (VCNTL=3.3V, VIN=2.5V, VREF=0.5VIN,
COUT=10F, TA=25C, unless otherwise specified) (Note 1)
PARAMETER Input Voltage (DDR1/2) Output Voltage Output Voltage Offset Load Regulation (DDR1/2) Quiescent Current TEST CONDITIONS Keep operate VCNTLVIN at power on and off sequences IOUT = 0mA IOUT = 0mA IOUT =0.1mA ~ +1.5A IOUT = 0.1mA ~ -1.5A VREF<0.2V, VOUT = OFF SYMBOL VIN VCNTL VOUT VOS VLOR IQ ICNTL -20 10 10 8 3 MIN. 1.6 3.0 TYP. 2.5/1.8 3.3 VREF 20 25 25 30 10 1 IIL 2.1 3 4.5 6 MAX. UNIT V V mV mV A mA A A
Operating Current of VCNTL No load VREF Bias Current Current Limit THERMAL PROTECTION Thermal Shutdown Temperature Thermal Shutdown Hysteresis 3.3VVCNTL5V Guaranteed by design VREF=1.25V
TSD
125
150 30
C C
SHUTDOWN SPECIFICATIONS Shutdown Threshold Output ON (VREF=0V 1.25V) Output OFF (VREF=1.25V 0V) 0.8 0.2 V
Note 1: Specifications are production tested at TA=25C. Specifications over the -40C to 85C operating temperature range are assured by design, characterization and correlation with Statistical Quality Controls (SQC). Note 2: VOS is the voltage measurement, which is defined as VOUT subtracted VREF. Note 3: Load regulation is measured at constant junction temperature, using pulse testing with a low ON time. Note 4: Current limit is measured by pulsing a short time. Note 5: For operate system safely; VCNTL must be always greater than VIN.
3
AIC1383
TYPICAL PERFORMANCE CHARACTERISTICS
0.55 0.55
VCNTL=3.3V Threshold Voltage (V) Threshold Voltage (V)
0.50
VCNTL=5V
0.50
VIN=2.5V
VIN=2.5V
0.45
0.45
0.40
0.40
0.35
0.35
0.30 -40
-20
0
Temperature (C)
20
40
60
80
100
120
0.30 -40
-20
0
20
40
60
80
100
120
Fig. 1 Turn-On Threshold vs. Temp.
Temperature (C) Fig. 2 Turn-On Threshold vs. Temp
3.0
2.5
VCNTL=3.3V, VIN=2.5V V CNTL=3.3V VOUT=1.25V
5
Output Voltage Offset (mV)
2.0
Sourcing Current (A)
VIN=2.5V VREF=1.25V No Load
4
3
1.5
2
1.0
VCNTL=3.3V
1
0.5
VIN=2.5V VOUT=1.25V
0.0 -40
-20
0
20
40
o
60
80
100
120
0 -40
-20
0
20
40
60
80
100
120
Temperature( C)
Fig. 3 Output Voltage Offset vs. Temperature
Temperature (C) Fig. 4 Current-Limit (Sourcing) vs. Temperature
5
4
Sinking Current (A)
V CNTL=3.3V VIN=2.5V VOUT=1.25V
3
2
1
0 -40
-20
0
20
40
60
80
100
120
Temperature (C) Fig. 5 Current-Limit (Sinking) vs. Temperature
4
AIC1383
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=2.5V VCNTL=3.3V VREF=1.25V VIN=2.5V VCNTL=3.3V VREF=1.25V
(Continued)
IOUT : 1A/DIV
IOUT : 1A/DIV
Fig. 6
Output Short-Circuit (Sinking)
Fig. 7 Output Short-Circuit Protection (Sourcing)
VOUT: 50mV/DIV VIN=2.5V VCNTL=3.3V VREF=1.25V
VOUT: 50mV/DIV VIN=1.8V VCNTL=3.3V VREF=0.9V
IOUT : 1A/DIV
IOUT : 1A/DIV
Fig. 8 Transient Response at 1.25VTT/1.5A
Fig. 9 Transient Response at 0.9VTT/1.5A
BLOCK DIAGRAM
VCNTL VIN
+ Control VREF VOUT Current Limit Thermal Shutdown VOUT
Shutdown
GND
5
AIC1383
PIN DESCRIPTIONS
PIN 1: - Input supply pin. It provides main power to create the external reference voltage by divider resistors for regulating VREF and VOUT. GND - Ground pin. VREF - Reference voltage input. Pull this pin low to shutdown device. VIN PIN 4: VOUT - Output pin. PIN 5~8: VCNTL - Input supply pin. It is used to supply all the internal control circuitry.
PIN 2: PIN 3:
APPLICATION INFORMATION
Layout Consideration
AIC1383 is in SOP-8 package resulting in unable to dissipate heat easily when it operates in high current. In order to prevent maximum junction temperature exceeded, the suitable copper area has to use. The large copper at VCNTL pins is available, and the heat dissipation is relieved. Using via to lead heat into the bottom layer to strengthen as below figures show. All capacitors should be placed as close as possible to relative pins.
Fig. 10. Top layer
Fig. 11. Bottom layer
Fig. 12. Placement
6
AIC1383
PHYSICAL DIMENSIONS (unit: mm)
SOP-8
D
S Y M B O L
SOP-8 MILLIMETERS MIN. 1.35 0.10 0.33 0.19 4.80 3.80 1.27 BSC 5.80 0.25 0.40 0 6.20 0.50 1.27 8 MAX. 1.75 0.25 0.51 0.25 5.00 4.00
H
E
A A1 B C
h X 45
A
A
D
SEE VIEW B
e
E e H h L
A
B A1
WITH PLATING BASE METAL
C
0.25 L
VIEW B GAUGE PLANE SEATING PLANE
Note:
Information provided by AIC is believed to be accurate and reliable. However, we cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AIC product; nor for any infringement of patents or other rights of third parties that may result from its use. We reserve the right to change the circuitry and specifications without notice. Life Support Policy: AIC does not authorize any AIC product for use in life support devices and/or systems. Life support devices or systems are devices or systems which, (I) are intended for surgical implant into the body or (ii) support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user.
7


▲Up To Search▲   

 
Price & Availability of AIC1383PSTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X