Part Number Hot Search : 
IDT72 EC734N60 SL74HC 79100 SFP630 SC250 C3834 ASI10
Product Description
Full Text Search
 

To Download AGB3302S24Q1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 50W High Linearity Low Noise Wideband Gain Block
Data Sheet - Rev 2.0
AGB3302
FEATURES

DC-5300 MHz Operation Bandwidth +36 dBm Output IP3 4.5 dB Noise Figure at 850 MHz 16 dB Gain at 850 MHz +18 dBm P1dB SOT-89 Package
Single +8 V to +12 V Supply Case Temperature: -40 to +85 C
APPLICATIONS

Cellular Base Stations for W-CDMA, CDMA, TDMA, GSM, PCS and CDPD systems
Fixed Wireless MMDS/WLL WLAN, HyperLAN
S24 Package SOT-89
The AGB3302 is one of a series of high performance InGaP HBT amplifiers designed for use in applications requiring high linearity, low noise and low distortion. No external matching components are needed for insertion into a 50W system. With a high output IP3, low noise figure and wide band
PRODUCT DESCRIPTION
operation, the AGB3302 is ideal for wireless infrastructure applications such as Cellular Base Stations, MMDS, and WLL. Offered in a low cost SOT-89 surface mount package, the AGB3302 requires a single supply voltage, and typically consumes 0.5 Watts of power using a +8 V supply.
RF Input
RF Output / Bias
Figure 1: Block Diagram
10/2003
AGB3302
GND
4
1
RFIN
2
GND
3
RFOUT
Figure 2: Pinout (X-ray Top View)
Table 1: Pin Description
PIN 1 2 3 4 NAME RFIN GND RFOUT GND DESCRIPTION RF Input Ground RF Output / Bias Ground
2
Data Sheet - Rev 2.0 10/2003
AGB3302
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
PAR AMETER D evi ce Voltage (VCC) RF Input Power (PIN) Storage Temperature (TSTG) Juncti on Temperature MIN 0 -40 MAX +6 +10 +150 +200 U N IT VD C dB m C C
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability.
Table 3: Operating Ranges
PAR AMETER Operati ng Frequency (f) (1) Supply Voltage (VSUPPLY) (2) C ase Temperature (TC)
MIN -40
TYP +8 -
MAX 5300 +85
U N IT MHz VD C C
The device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifications. Notes: (1) Operating frequency is defined by the output return loss (S22) having a VSWR less than 2:1. (2) Voltage applied through a bias resistor and inductor. Refer to Figure 3. For other supply voltages, see the APPLICATION INFORMATION section.
Data Sheet - Rev 2.0 10/2003
3
AGB3302 Table 4: Electrical Specifications (TA = +25 C, VSUPPLY = +8 VDC, 50W system)
PAR AMETER Gai n (S21) 850 1950 2140 2450
(1)
MIN MHz MHz MHz MHz MHz MHz MHz MHz 14.5 +33.0 55
TYP 15.8 15.2 15.0 14.7 +36 +36.2 +36.6 +35.6 +17.8 +17.6 4.5 155 65
MAX 16.5 5.5 75
U N IT
dB
Output IP3
850 1950 2140 2450
dB m
Output 1dB C ompressi on (P1dB) 850 MHz 1950 MHz Noi se Fi gure 850 MHz
dB m dB C /W mA
Thermal Resi stance ( UJC) (2) Supply C urrent (ICC)
Notes: (1) OIP3 is measured with two tones at 1 MHz spacing at 0 dBm output power per tone. (2) The value for Thermal Resistance is based on a Device Voltage (VCC) of +5.5 Volts. 3. Performance as measured on ANADIGICS test fixture (see Figure 3).
VSUPPLY
38 W Rs Bypass RF Choke 100 nH 0.01 mF 100 pF 10 pF
DC Block RF Input 0.01 mF AGB3302
DC Block
VCC
RF Output 0.01 mF
Figure 3: Application Circuit ( 50W Terminations)
4
Data Sheet - Rev 2.0 10/2003
AGB3302
PERFORMANCE DATA
Figure 4: Gain vs. Frequency De-embedded 50W S-parameter (TA = +25 C, VCC = +5.5 V, ICC = 65 mA)
Figure 5: Isolation vs. Frequency De-embedded 50W S-parameter o (TA = +25 C, VCC = +5.5 V, ICC = 65 mA)
25
0
20
-10
15
Mag S12: Isolation (dB)
0 1 2 3 4 5 6 7
Mag S21: Gain (dB)
-20
10
-30
5
-40
0
-50 0 1 2 3 4 5 6 7
Frequency (GHz)
Frequency (GHz)
0
Figure 6: Input Return Loss vs. Frequency De-embedded 50W S-parameter o (TA = +25 C, VCC = +5.5 V, ICC = 65 mA)
Mag S22: Output Return Loss (dB)
0
Figure 7: Output Return Loss vs. Frequency De-embedded 50W S-parameter o (TA = +25 C, VCC = +5.5 V, ICC = 65 mA)
Mag S11: Input Return Loss (dB)
-10
-10
-20
-20
-30
-30
-40
-40
-50 0 1 2 3 4 5 6 7
-50 0 1 2 3 4 5 6 7
Frequency (GHz)
Frequency (GHz)
Data Sheet - Rev 2.0 10/2003
5
AGB3302
APPLICATION INFORMATION
The AGB3302 is optimized for a bias current of 65 mA. Using a +8 V supply, a bias resistor (RS) of 38 W will provide the appropriate bias (see Figure 3). Table 5 shows the recommended value of RS for other supply voltages. Supply voltages below +8 V are not recommended for standard operation. Table 5: Bias Resistor Values for Various Supply Voltages
VSUPPLY RS +8 V 38 +10 V 69 +12 V 100
6
Data Sheet - Rev 2.0 10/2003
AGB3302
PACKAGE OUTLINE
Figure 8: S24 Package Outline SOT-89
3302 LLLLNN
LLLL= FOUR NUMERIC CHARACTERS
Figure 9: Branding Specification
Data Sheet - Rev 2.0 10/2003
7
AGB3302
ORDERING INFORMATION
PART NUMBER AGB3302S24Q1 TEMPERATURE RANGE -40 to +85C PACKAGE DESCRIPTION SOT-89 Package COMPONENT PACKAGING 1,000 piece Tape and Reel
ANADIGICS, Inc.
141 Mount Bethel Road Warren, New Jersey 07059, U.S.A. Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 URL: http://www.anadigics.com E-mail: Mktg@anadigics.com IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change prior to a products formal introduction. Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders.
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
WARNING
8
Data Sheet - Rev 2.0 10/2003


▲Up To Search▲   

 
Price & Availability of AGB3302S24Q1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X