Part Number Hot Search : 
MP018 3PSF802 51845 TGA45 MP018 KBP08M STRRP NRF24E2
Product Description
Full Text Search
 

To Download ADM1185ARMZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Technical Data
FEATURES
Quad Voltage Monitor and Sequencer ADM1185
FUNCTIONAL BLOCK DIAGRAM
VCC
Powered from 2.7V to 5.5V on the VCC pin Monitors Four Supplies via 0.8% Accurate Comparators Four inputs can be programmed for voltage levels with resistor dividers Three Open-Drain Enable Outputs Open-Drain Power Good Output 10-pin MSOP Package
ADM1185
POWER AND REFERENCE GENERATOR REF=0.6V
OUT1 VIN1 REF=0.6V OUT2 VIN2 REF=0.6V OUT3 VIN3 REF=0.6V LOGIC
APPLICATIONS
Monitor and Alarm Functions Power Supply Sequencing Telecommunication and Datacommunication Equipment PC/Servers
GENERAL DESCRIPTION
The ADM1185 is an integrated four channel voltage monitoring device. A 2.7V to 5.5V power supply is required on the VCC pin to power the device. Four precision comparators monitor four voltage rails. All comparators have a 0.6V reference with a worst-case accuracy of 0.8%. Resistor networks external to the VIN1-VIN4 pins set the trip points. There are four open-drain outputs on the device. A digital core interprets the comparator outputs and asserts the outputs as appropriate.
VIN4
PWRGD REF=0.6V
GND
Figure 1.
APPLICATIONS DIAGRAM
3.3V IN
2.5V OUT 1.8V OUT 1.2V OUT
VIN1 VIN2 VIN3 VIN4 IN VCC OUT1 OUT2 IN OUT3
Regulator1
EN OUT
2.5V OUT
Regulator2
EN OUT
1.8V OUT
IN
ADM1185
GND PWRGD EN
Regulator3
OUT
1.2V OUT
POWER GOOD
Figure 2.
Rev. PrK June 2006
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c) 2006 Analog Devices, Inc. All rights reserved.
ADM1185 TABLE OF CONTENTS
REVISION HISTORY
Preliminary Technical Data
Rev. PrK | Page 2 of 12
Preliminary Technical Data
ADM1185--SPECIFICATIONS
VVCC = 2.7V to 5.5V, TA = -40C to +85C Table 1.
Parameter VCC Pin Operating Voltage Range, VVCC Supply Current, IVCC VIN1-VIN4 Pins Input Current, IVINLEAK Input Rising Threshold, VTHR Input Rising Hysteresis, VHYST (=VTHR -VTHF) OUT1-OUT3, PWRGD Pins Output low voltage, VOUTL Leakage Current, IALERT VVCC that guarantees outputs valid Min 2.7 30 -100 0.5952 Typ Max 5.5 100 100 0.6048 Units V A nA V mV V V A V VVINx = 0.7V Conditions
ADM1185
0.6000 9
-1 1
0.4 0.4 1
VVCC = 2.7 V, ISINK = 2mA VVCC = 1 V, ISINK =100A All outputs will be guaranteed to be either low or giving a valid output level from VVCC = 1V. VVIN1 Rising VVIN4 Rising, condition only valid at certain operational states, refer to state diagram VVCC =3.3V, see TPC1 VVCC =3.3V, see TPC1
VIN1 to OUT1 Delay VIN4 to PWRGD Delay High-to-Low Propagation Delay Low-to-High Propagation Delay
100 100
190 190 30 30
280 280
ms ms s s
Rev. PrK | Page 3 of 12
ADM1185 ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter VCC Pin VIN1-VIN4 Pin OUT1-OUT3, PWRGD Pins Power Dissipation Storage Temperature Operating Temperature Range Lead Temperature Range (Soldering 10 sec) Junction Temperature Rating -0.3 V to +6 V -0.3 V to +6 V -0.3 V to +6 V TBD -65C to +125C -40C to +85C 300C 150C
Preliminary Technical Data
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only. Functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions may affect device reliability. Ambient temperature = 25C, unless otherwise noted.
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. PrK | Page 4 of 12
Preliminary Technical Data
PIN CONFIGURATIONS
GND VIN1 VIN2 VIN3 VIN4
1 2 3 4 5 10
ADM1185
Vcc OUT1 OUT2 PWRGD
ADM1185 TOP VIEW
9 8
(NOT TO SCALE) 7 OUT3
6
Figure 3. Pin Configurations
PIN FUNCTIONAL DESCRIPTIONS
Table 3.
Pin No. 1 2 3 4 5 6 Name GND VIN1 VIN2 VIN3 VIN4 PWRGD Description Chip Ground Pin. Non-inverting input of comparator 1. The voltage on this pin is compared with a 0.6V reference. Can be used to monitor a voltage rail via a resistor divider. Non-inverting input of comparator 2. The voltage on this pin is compared with a 0.6V reference. Can be used to monitor a voltage rail via a resistor divider. Non-inverting input of comparator 3. The voltage on this pin is compared with a 0.6V reference. Can be used to monitor a voltage rail via a resistor divider. Non-inverting input of comparator 4. The voltage on this pin is compared with a 0.6V reference. Can be used to monitor a voltage rail via a resistor divider. Open-drain output. During a power-up sequence (before PWRGD asserts) this output will assert high when the voltage on VIN4 is greater than 0.6V. A time delay of 190ms (typical) is included before assertion of this pin. After power-up (after PWRGD asserts) this output will be driven low if any of the voltages on the VIN1VIN4 pins falls below 0.6V. Open-drain output. During a power-up sequence (before PWRGD asserts) this output will assert high when the voltage on VIN3 is greater than 0.6V. After power-up (after PWRGD asserts) this output will be driven low if the voltage on VIN1 falls below 0.6V. Open-drain output. During a power-up sequence (before PWRGD asserts) this output will assert high when the voltage on VIN2 is greater than 0.6V. After power-up (after PWRGD asserts) this output will be driven low if the voltage on VIN1 falls below 0.6V. Open-drain output. During a power-up sequence (before PWRGD asserts) this output will assert high when the voltage on VIN1 is greater than 0.6V. A time delay of 190ms (typical) is included before assertion of this pin. After power-up (after PWRGD asserts) this output will be driven low if the voltage on VIN1 falls below 0.6V. Positive supply input pin. The operating supply voltage range is 2.7 V to 5.5 V.
7
OUT3
8
OUT2
9
OUT1
10
VCC
Rev. PrK | Page 5 of 12
ADM1185 TYPICAL PERFORMANCE CURVES
Preliminary Technical Data
Voltage (mV)
v(pad) Output 800 Low 775 Voltage (mV) 750 725 700 675 650 625 600 575 550 525 500 475 450
x1e-3
425 400 375 350 325 300 275 250 2mA. 85degC/SLOW 225 200 175 150 125 100 75 50 25
Duration (us)
0 .5
1
1.5
2
2.5 3 3.5 vsupply Supply Voltage (V)
4
4.5
5
5.5
TPC 1. Maximum transient duration Without Causing an Output Pulse vs. Output Comparator Overdrive
TPC 2. Output Low Voltage vs. Supply Voltage
Rev. PrK | Page 6 of 12
Preliminary Technical Data
Functional Description
The operation of the ADM1185 is explained in this section in the context of the device in a voltage monitoring and sequencing application (figure 4, above). In this application, the ADM1185 will monitor four separate voltage rails, turn on three regulators in a predefined sequence and generate a power good signal to turn on a controller when all power supplies are up and stable.
ADM1185
The assertion of OUT1 will turn on Regulator1. The 2.5V output of this regulator will begin to rise. This will be detected by input VIN2 (with a similar resistor divider scheme as shows in figure 5). When VIN2 sees the 2.5V rail rise above its UV point it will assert output OUT2, turning on Regulator2. A capacitor can be placed on the VIN2 pin to slow the rise of the voltage on this pin- this effectively sets a time delay between the 2.5V rail powering up and the next Regulator being enabled. The same scheme is implemented with the other input and output pins. Every rail that is turned on via an output pin OUT(n) is monitored via input pin VIN(n+1). The final comparator inside the VIN4 pin detects the final supply turning on, which is 1.2V in this case. All of the output pins (OUT1-OUT3) are logically ANDed together to generate a system power good signal (PWRGD). There is an internal 190ms delay associated with the assertion of the PWRGD output. Table 4 below is a truth table that steps through the power on sequence of the outputs. Any associated internal time delays are also shown.
POWER ON SEQUENCING AND MONITORING
The main supply (in this case 3.3V) powers up the device via the VCC pin as the voltage rises. A supply voltage of 2.7V to 5.5V is needed to power the device. The VIN1 pin is monitoring the main 3.3V supply. An external resistor divider will scale this voltage down for monitoring at the VIN1 pin. The resistor ratio is chosen so that the VIN1 voltage is 0.6V when the main voltage rises to the preferred level at start-up (some voltage below the nominal 3.3V level). In this case, R1 is 4.6K and R2 is 1.2K so that a voltage level of 2.9V will correspond to 0.6V on the non-inverting input of the first comparator.
V
3.3V 2.9V
VOLTAGE MONITORING AFTER POWER ON
Once PWRGD is asserted the logical core latches into a different mode of operation. During the initial power up phase each output is directly dependant on an input (i.e. VIN3 asserting causes OUT3 to assert). When power up is complete this function is redundant. Once in the PWRGD state the following behavior can be observed: * If the main 3.3V supply that is monitored via VIN1 faults in the power good state then the PWRGD output is deasserted to warn the downstream controller and all of the outputs OUT1-OUT3 are immediately turned off, disabling all locally generated supplies. If a supply monitored by VIN2-VIN4 fails the PWRGD output is deasserted to warn the controller but the other outputs are not deasserted.
0V
t 4.6K VIN1
ADM1185
TO LOGIC CORE
2.9V supply gives 0.6V at VIN1 pin
1.2K 0.6V
Figure 4.Setting the undervoltage threshold with an external resistor divider
OUT1 is an open drain active high output. In this application, OUT1 is connected to the enable pin of a regulator. Before the voltage on VIN1 has reached 0.6V this output is switched to ground, disabling regulator 1. (Note that all outputs are driven to ground as long as there is 1V on the VCC pin of the ADM1185). When the main system voltage reaches 2.9V VIN1 will detect 0.6V and this will cause OUT1 to assert after a 190ms delay. When this occurs the open drain output will switch high and the external pull-up resistor will pull the voltage on the regulator 1 enable pin above its turn-on threshold, turning on the output of regulator 1.
*
Table 5 and table 6 are truth tables that highlight the behavior of the ADM1185 under various fault situations during normal operation (i.e. in the mode of operation after PWRGD has asserted).
Rev. PrK | Page 7 of 12
ADM1185
3.3V IN
2.5V OUT 1.8V OUT 1.2V OUT
VIN1 VIN2 VIN3 VIN4 IN VCC OUT1 OUT2
Preliminary Technical Data
Regulator1
EN OUT IN OUT3
2.5V OUT
Regulator2
EN OUT
1.8V OUT
IN
ADM1185
GND PWRGD EN
Regulator3
OUT
1.2V OUT
POWER GOOD
Figure 5. Applications Diagram showing ADM1185 in a voltage monitoring and sequencing application
State1 Start IN1=OK (Delay=100ms min) State2 OUT1 On
IN2=OK IN1=FAULT State3 OUT1,2 On
IN1=FAULT
IN3=OK
State4
OUT1,2,3 On
IN1=FAULT
IN4=OK (Delay=100ms min) State5 PWRGD
IN1=FAULT
IN2.IN3.IN3=FAULT
Figure 6. Flow Diagram highlighting the different modes of operation o the logical core
State 1 2 3 4 5
State Name Reset* Out1 On Out1,2 On Out1,2,3 On PowerGood
OUT1 0 1 1 1 1
OUT2 0 0 1 1 1
OUT3 0 0 0 1 1
OUT4 0 0 0 0 1
Next Event IN1 High for 190ms IN1 and IN2 High for 30us IN1 and IN3 High for 30us All High for 190ms IN2 or IN3 or IN4 Low for 30us IN1 Low for 30 us
Next State Out1 On Out1,2 On Out1,2,3 On PowerGood Out1,2,3 On Start
Table 4. Truth table
Rev. PrK | Page 8 of 12
Preliminary Technical Data
V T (rising)
ADM1185
VIN1
V T(falling) =0.6V
VIN1
V T (rising)
tPROP
tPROP
OUT1
OUT1
190ms
190ms tPROP
OUT3 OUT2
OUT2
OUT3
PWRGD
PWRGD
190ms
190ms
NOTE* The rising threshold on the VIN1-VIN4 pins will be slightly higher than 0.6V as there is some hysteresis on this pin.
NOTE* The rising threshold on the VIN1-VIN4 pins will be slightly higher than 0.6V as there is some hysteresis on this pin.
Figure 6. Power-up Waveforms
Figure 7. Waveforms showing reaction to a temporary low glitch on the main supply
Rev. PrK | Page 9 of 12
ADM1185
CASCADING MULTIPLE DEVICES
Multiple ADM1185 devices can be cascaded in situations where a large number of supplies must be monitored and/or sequenced. There are numerous configurations for interconnecting devices. The most suitable configuration will depend on the application. Figures 8, 9 and 10 show some methods for cascading multiple ADM1185 devices.
Preliminary Technical Data
3.3V
ADM1185-A
VCC
3.3V
Reg1
OUT1 OUT2 OUT3
EN1
3.3V
V1 V2 V3
VIN1 VIN2 VIN3 VIN4 GND
V1
Reg2
EN2
V2
Reg3
EN3
V3
PWRGD
Note: Supplies scaled down with resistor dividers
3.3V
ADM1185-B
VCC VIN1 OUT1 OUT2 OUT3
Reg4
EN4
V4
V4 V5 V6
VIN2 VIN3 VIN4 GND
Reg5
EN5
V5
Reg6
EN6
V6
PWRGD
POWER GOOD
Figure 8. Cascading multiple ADM1185 devices, option 1
Rev. PrK | Page 10 of 12
Preliminary Technical Data
3.3V
ADM1185-A
VCC
ADM1185
3.3V
Reg1
OUT1 OUT2 OUT3
EN1
3.3V
V1 V2
VIN1 VIN2 VIN3 VIN4 GND
V1
Reg2
EN2
V2
Reg3
EN3
3.3V
Note: Supplies scaled down with resistor dividers
V3
PWRGD
3.3V
ADM1185-B
VCC
Reg4
OUT1 OUT2 OUT3
EN4
V3 V4 V5 V6
VIN1 VIN2 VIN3 VIN4 GND
V4
Reg5
EN5
V5
Reg6
EN6
V6
PWRGD
POWER GOOD
Figure 9. Cascading multiple ADM1185 devices, option 2
3.3V
ADM1185-A
VCC
3.3V
Reg1
OUT1 OUT2 OUT3
EN1
3.3V
V1 V2
VIN1 VIN2 VIN3 VIN4 GND
V1
Reg2
EN2
V2
Reg3
EN3
3.3V
Note: Supplies scaled down with resistor dividers
V3
PWRGD
3.3V
ADM1185-B
VCC
3.3V
V3 V5 V6
VIN1 VIN2 VIN3
OUT1
Reg4
OUT2 OUT3
EN4
V4
Reg5
EN5
V5
VIN4 GND PWRGD POWER GOOD
Figure 10. Cascading multiple ADM1185 devices, option 3
Rev. PrK | Page 11 of 12
ADM1185 OUTLINE DIMENSIONS
0.122 (3.10) 0.114 (2.90)
10 6
Preliminary Technical Data
0.114 (2.90)
1 5
PIN 1 0.0197 (0.50) BSC 0.120 (3.05) 0.112 (2.85) 0.037 (0.94) 0.031 (0.78) 0.006 (0.15) 0.002 (0.05) 0.012 (0.30) 0.006 (0.15) 0.043 (1.10) MAX SEATING PLANE 0.009 (0.23) 0.005 (0.13) 6o o 0 0.028 (0.70) 0.016 (0.40) 0.120 (3.05) 0.112 (2.85)
Figure 9. 10-Lead MSOP Package (RM-10) Dimensions shown in millimeters
ORDERING GUIDE
Model ADM1185ARMZ1
Z=PB-free part
Temperature Range -40C to +85C
Package Description MSOP-10
Package Outline RM-10
Rev. PrK | Page 12 of 12
PR06196-0-6/06(PrK)
0.122 (3.10)
0.199 (5.05) 0.187 (4.75)


▲Up To Search▲   

 
Price & Availability of ADM1185ARMZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X