Part Number Hot Search : 
ZE002 FSP2160 APT6030 21241 PA12M 05SH3 SKY77 C1741A
Product Description
Full Text Search
 

To Download ADL5521ACPZ-WP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Technical Data
FEATURES
Gain of 15.3dB at 1950MHz Matched 50- input and output Noise Figure of 0.8dB at 1950MHz OIP3 of 35.3dBm typ at 1950MHz Single 5V Supply Operation Operating current of 65ma at +5V LFCSP 3x3 mm Package
400 MHz - 4 GHz Low Noise Amplifier
ADL5521
FUNCTIONAL BLOCK DIAGRAM
ADL5521
VBIAS BIAS VDD INP OUT
GENERAL DESCRIPTION
The ADL5521 is a high performance GaAs pHEMT low-noise amplifier. It provides high gain and low noise figure for single down-conversion IF sampling receiver architectures as well as direct down conversion receivers. The ADL5521 amplifier comes in a compact, thermally enhanced 3x3mm LFCSP package and operates over the temperature range of -40C to +85C.
GND
GND
Figure 1.
.
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.326.8703 (c) 2003 Analog Devices, Inc. All rights reserved.
ADL5521 SPECIFICATIONS
VS = 5 V, T = 25C , fC= 1950MHz Table 1.
Parameter Conditions
Preliminary Technical Data
Min
Typ
Max
Unit
Input return loss Output return loss Gain Gain Flatness Gain vs. Temperature Noise Figure Output IP3 Output 1 dB Compression Point S12 Isolation POWER-INTERFACE Supply Voltage Current Consumption
External match External match
12 20.7 15.3
dB dB dB dB/MHz dB/degC dB dBm dBm dB
In the [1920 - 1980] frequency band In the [1920 - 1980] frequency band
0.015 0.018 0.8 35.3 22.5 21.4
4.5
5 65
5.5 TBD
V mA
Rev. PrA | Page 2 of 6
Preliminary Technical Data ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter Supply Voltage, VPOS Max RF Input Level Internal Power Dissipation JA (Exposed paddle soldered down) JA (Exposed paddle not soldered down) JC (At exposed paddle) Maximum Junction Temperature Operating Temperature Range Storage Temperature Range Lead Temperature Range (Soldering 60 sec) Rating 5.5 V TBD TBD mW TBD mW TBDC/W TBDC/W TBDC/W TBDC -40C to +85C -65C to +150C
ADL5521
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. PrA | Page 3 of 6
ADL5521 PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
Preliminary Technical Data
1
VBIAS
VDD 8
2
INP
3
NC
ADL5521 OUT top view NC (not to scale)
Exposed pad
7
6
4
NC
NC 5
Figure 2. 8-Lead LFCSP
Table 3. Pin Function Descriptions- 8Lead CSP
Pin No. 1 2 3,4,5,6 7 8 Exposed pad Mnemonic VBIAS INP NC OUT VDD EP Description Bias: Internal DC bias RF Input: Must be AC-coupled. NC: No internal connection RF Output: Must be AC-coupled. Supply: VDD bias needs to be bypassed to ground using low-inductance capacitors. Exposed Paddle: Connect to a low impedance ground plane
Rev. PrA | Page 4 of 6
Preliminary Technical Data TYPICAL PERFORMANCE CHARACTERISTICS
OIP3 - dBm
70 69 68 67 IPOS - mA 66 65 64 63 62 61 60 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 Temperature - degC
38 37 36 35 34 33 32 31 30 29 28 27 26 25 -8 -6 -4 -2 0 2 4 6 8 10 12 +85C (1920MHz 1950MHz 1980MHz) -40C (1920MHz 1950MHz 1980MHz)
ADL5521
+25C (1920MHz 1950MHz 1980MHz)
14
16
18
20
Pout - dBm
Figure 7. O IP3 vs. Output Power, Temperature and Frequency
3.5
3
Figure 3. ADL5521 Current vs. Temperature
30 25 20 15 10 5 0 -5 -10 -25
Noise Figure (dB)
2.5
2
1.5
Pout (dBm), Gain (dB)
1
Gain (-40C +25C +85C) Output Power (-40C +25C +85C)
0.5
0 1920
1930
1940
1950 Frequency (MHz)
1960
1970
1980
Figure 8. Distribution of Noise Figure for Five Parts, 1920 to 1980 MHz
-20 -15 -10 -5 0 5 10
3.5
Pin - dBm
Figure 4. Output Power and Gain vs. Temperature
30 28 40
Noise Figure (dB)
3
2.5
OIP3 (-40C +25C +85C)
35 30 25
2
Gain, P1dB - dB(m)
26 24 22 20 18 16 14 1920
1.5
P1dB (-40C +25C +85C)
OIP3 - dBm
1
20 15 10
0.5
Gain (-40C +25C +85C)
1930 1940 1950 1960 1970
0 400
900
1400
1900
2400
2900
5 0 1980
Frequency (MHz)
Freq - MHz
Figure 9. Distribution of Noise Figure for Five Parts, Complete Frequency Range
20
15
Figure 5 Gain, P1dB, OIP3 vs. Frequency
18
S21
10 5 S-parameters - dB
16 14 12 Gain - dB 10 8 6 4 2 0 400
0 -5 -10 -15 -20 -25 -30
S11 S22 S12
1930 1940 1950 1960 1970 1980
900
1400
1900
2400
2900
1920
Frequency - MHz
Freq - MHz
Figure 6. Gain vs. Frequency, Complete Frequency Range, 5 Parts
Rev. PrA | Page 5 of 6
Figure 10. Typical S Parameters, 1920 to 1980 MHz
ADL5521 OUTLINE DIMENSIONS
0.50 0.40 0.30 PIN 1 INDICATOR 1.89 1.74 1.59
4
Prelim Datasheet
3.25 3.00 SQ 2.75 0.50 BSC
0.60 MAX
PIN 1 INDICATOR
TOP VIEW
2.95 2.75 SQ 2.55
8
1
(BOTTOM VIEW)
EXPOSED PAD
0.30 0.23 0.18 0.90 MAX 0.85 NOM 12 MAX 0.70 MAX 0.65 TYP 0.05 MAX 0.01 NOM 0.20 REF
5
1.60 1.45 1.30
Figure 11. 8-Lead Lead Frame Chip Scale Package [LFCSP_VD] 3mm x 3 mm Body, Very Thin, Dual Lead CP-8-2 Dimensions shown in millimeters
ORDERING GUIDE
Model ADL5521ACPZ-R71 ADL5521ACPZ-WP1 ADL5521-EVALZ Temperature Range - 40 C to + 8 5 C -40C to +85C Package Description 7 " T a pe a n d R e e l Waffle Pack Ev aluation Boar d Package Option C P - 8- 2 CP-8-2
1
Z = Pb free part
(c)2007 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. PR06828-0-5/07(PrA)
Rev. PrA | Page 6 of 6
022107-A


▲Up To Search▲   

 
Price & Availability of ADL5521ACPZ-WP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X