Part Number Hot Search : 
TFS274 0512E 5225F MRF2103 RLZ13 ACTQ403 TK10931V DNA03
Product Description
Full Text Search
 

To Download ADG1236YRU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Technical Data
FEATURES
2 pF off capacitance 1 pC charge injection 33 V supply range 120 on resistance Fully specified at +12 V, 15 V No VL supply required 3 V logic-compatible inputs Rail-to-rail operation 16-lead TSSOP and 12-lead LFCSP packages Typical power consumption: <0.03 W
2 pF Off Capacitance, 1 pC Charge Injection, 15 V/12 V iCMOSTM Dual SPDT Switch ADG1236
FUNCTIONAL BLOCK DIAGRAM
ADG1236
S1A D1 S1B
IN1
IN2
S2A D2
04776-0-001
S2B
APPLICATIONS
Automatic test equipment Data aquisition systems Battery-powered systems Sample-and-hold systems Audio signal routing Communication systems
SWITCHES SHOWN FOR A LOGIC 1 INPUT
Figure 1.
GENERAL DESCRIPTION
The ADG1236 is a monolithic CMOS device containing two independently selectable SPDT switches. It is designed on an iCMOS process. iCMOS (industrial-CMOS) is a modular manufacturing process combining high voltage CMOS (complementary metal-oxide semiconductor) and bipolar technologies. It enables the development of a wide range of high performance analog ICs capable of 30 V operation in a footprint that no previous generation of high voltage parts has been able to achieve. Unlike analog ICs using conventional CMOS processes, iCMOS components can tolerate high supply voltages, while providing increased performance, dramatically lower power consumption, and reduced package size. The ultralow capacitance and charge injection of the part make it an ideal solution for data acquisition and sample-and-hold applications, where low glitch and fast settling are required. Fast switching speed coupled with high signal bandwidth make the part suitable for video signal switching. iCMOS construction ensures ultralow power dissipation, making the part ideally suited for portable and battery-powered instruments. Each switch conducts equally well in both directions when on and has an input signal range that extends to the supplies. In the off condition, signal levels up to the supplies are blocked. Both switches exhibit break-before-make switching action for use in multiplexer applications.
PRODUCT HIGHLIGHTS
1. 2. 3. 4. 5. 6. 2 pF off capacitance (15 V supply). 1 pC charge injection. 3 V logic-compatible digital inputs: VIH = 2.0 V, VIL = 0.8 V. No VL logic power supply required. Ultralow power dissipation: <0.03 W. 16-lead TSSOP and 12-lead 3 mm x 3 mm LFCSP packages.
Rev. PrD
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.326.8703 (c) 2004 Analog Devices, Inc. All rights reserved.
ADG1236 TABLE OF CONTENTS
Specifications..................................................................................... 3 Dual Supply ................................................................................... 3 Single Supply ................................................................................. 4 Absolute Maximum Ratings............................................................ 6 Truth Table For Switches ............................................................. 6 ESD Caution.................................................................................. 6
Preliminary Technical Data
Pin Configurations and Function Descriptions ............................7 Terminology .......................................................................................8 Typical Performance Characteristics ..............................................9 Test Circuits..................................................................................... 12 Outline Dimensions ....................................................................... 14 Ordering Guide .......................................................................... 14
REVISION HISTORY
11/04--Revision PrD: Preliminary Version
Rev. PrD | Page 2 of 16
Preliminary Technical Data SPECIFICATIONS
DUAL SUPPLY
VDD = 15 V 10%, VSS = -15 V 10%, GND = 0 V, unless otherwise noted. Table 1.
Parameters ANALOG SWITCH Analog Signal Range On Resistance (RON) On Resistance Match between Channels (RON) On Resistance Flatness (RFLAT(ON)) LEAKAGE CURRENTS Source Off Leakage, IS (Off) Drain Off Leakage, ID (Off) Channel On Leakage, ID, IS (On) DIGITAL INPUTS Input High Voltage, VINH Input Low Voltage, VINL Input Current, IINL or IINH Digital Input Capacitance, CIN DYNAMIC CHARACTERISTICS2 tON tOFF Break-before-Make Time Delay, tD Charge Injection Off Isolation Channel-to-Channel Crosstalk Total Harmonic Distortion + Noise -3 dB Bandwidth CS (Off) CD(Off) CD, CS (On) POWER REQUIREMENTS IDD IDD ISS 25C 85C Y Version1 VDD to VSS 120 5 220 260 Unit V typ max typ max typ max nA typ nA max nA typ nA max nA typ nA max V min V max A typ A max pF typ ns typ ns max ns typ ns max ns typ ns min pC typ dB typ dB typ % typ MHz typ pF typ pF typ pF typ A typ A max A typ A max A typ A max
ADG1236
Test Conditions/Comments
VS = 10 V, IS = -10 mA; Figure 21 VS = 10 V, IS = -10 mA
25 50 0.01 0.5 0.01 0.5 0.04 1
VS = -5 V/0 V/+5 V; IS = -10 mA VDD = +10 V, VSS = -10 V VS = 0 V/10 V, VD = 10 V/0 V; Figure 22 VS = 0 V/10 V, VD = 10 V/0 V; Figure 22 VS = VD = 0 V or 10 V; Figure 23
1 1 2
5 5 5 2.0 0.8
0.005 0.5 5 50 20 15 1 75 85 0.002 700 2 2 5 0.001 5.0 150 300 0.001 5.0 100 40 1
VIN = VINL or VINH
RL = 50 , CL = 35 pF VS = 10 V; Figure 24 RL = 50 , CL = 35 pF VS = 10 V; Figure 24 RL = 50 , CL = 35 pF VS1 = VS2 = 10 V; Figure 25 VS = 0 V, RS = 0 , CL = 1 nF; Figure 26 RL = 50 , CL = 5 pF, f = 1 MHz; Figure 27 RL = 50 , CL = 5 pF, f = 1 MHz; Figure 28 RL = 600 , 5 V rms, f = 20 Hz to 20 kHz RL = 50 , CL = 5 pF; Figure 29
VDD = +16.5 V, VSS = -16.5 V Digital Inputs = 0 V or VDD Digital Input = 5 V Digital Inputs = 0 V or VDD
Rev. PrD | Page 3 of 16
ADG1236
Parameters IGND IGND 25C 0.001 150 300 85C Y Version1 5.0 Unit A typ A max A typ A max
Preliminary Technical Data
Test Conditions/Comments Digital Inputs = 0 V or VDD Digital Input = 5 V
1 2
Temperature range for Y Version is -40C to +125C. Guaranteed by design, not subject to production test.
SINGLE SUPPLY
VDD = 12 V 10%, VSS = 0 V, GND = 0 V, unless otherwise noted. Table 2.
Parameters ANALOG SWITCH Analog Signal Range On Resistance (RON) On Resistance Match between Channels (RON) On Resistance Flatness (RFLAT(ON)) LEAKAGE CURRENTS Source Off Leakage, IS (Off) Drain Off Leakage, ID (Off) Channel On Leakage, ID, IS (On) DIGITAL INPUTS Input High Voltage, VINH Input Low Voltage, VINL Input Current, IINL or IINH Digital Input Capacitance, CIN DYNAMIC CHARACTERISTICS2 tON tOFF Break-before-Make Time Delay, tD Charge Injection Off Isolation Channel-to-Channel Crosstalk -3 dB Bandwidth CS (Off) CD (Off) CD, CS (On) 25C 85C Y Version1 0 V to VDD 220 10 Unit V typ max typ max typ nA typ nA max nA typ nA max nA typ nA max V min V max A typ A max pF typ ns typ ns max ns typ ns max ns typ ns min pC typ pC typ dB typ dB typ MHz typ pF typ pF typ pF typ Test Conditions/Comments
VS = +10 V, IS = -10 mA; Figure 21 VS = +10 V, IS = -10 mA
40 0.01 0.5 0.01 0.5 0.04 1
VS = +3 V/+6 V/+9 V, IS = -10 mA VDD = 12 V VS = 1 V/10 V, VD = 10 V/1 V; Figure 22 VS = 1 V/10 V, VD = 10 V/1 V; Figure 22 VS = VD = 1 V or 10 V, Figure 23
1 1 2 2.0 0.8
5 5 5
0.001 0.5 5 50 15 15 1 5 75 85 700 2 2 5
VIN = VINL or VINH
RL = 50 , CL = 35 pF VS = 8 V; Figure 24 RL = 50 , CL = 35 pF VS = 8 V; Figure 24 RL = 50 , CL = 35 pF VS1 = VS2 = 8 V; Figure 25 VS = 0 V, RS = 0 , CL = 1 nF; Figure 26 RL = 50 , CL = 5 pF, f = 1 MHz; Figure 27; RL = 50 , CL = 5 pF, f = 1 MHz; Figure 28 RL = 50 , CL = 5 pF; Figure 29
Rev. PrD | Page 4 of 16
Preliminary Technical Data
Parameters POWER REQUIREMENTS IDD IDD 25C 0.001 5.0 150 300 85C Y Version1 Unit A typ A max A typ A max
ADG1236
Test Conditions/Comments VDD = 13.2 V Digital Inputs = 0 V or VDD Digital Inputs = 5 V
1 2
Temperature range for Y Version is -40C to +125C. Guaranteed by design, not subject to production test.
Rev. PrD | Page 5 of 16
ADG1236 ABSOLUTE MAXIMUM RATINGS
TA = 25C, unless otherwise noted. Table 3.
Parameter VDD to VSS VDD to GND VSS to GND Analog Inputs1 Digital Inputs1 Peak Current, S or D Continuous Current, S or D Operating Temperature Range Industrial (B Version) Automotive (Y Version) Storage Temperature Range Junction Temperature 16-Lead TSSOP, JA Thermal Impedance 12-Lead LFCSP, JA Thermal Impedance Lead Temperature, Soldering Vapor Phase (60 s) Infrared (15 s) Ratings 38 V -0.3 V to +25 V +0.3 V to -25 V VSS - 0.3 V to VDD + 0.3 V GND - 0.3 V to VDD + 0.3 V or 30 mA, whichever occurs first 100 mA (pulsed at 1 ms, 10% duty cycle max) 30 mA -40C to +85C -40C to +125C -65C to +150C 150C 150.4C/W TBDC/W
Preliminary Technical Data
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other condition s above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
TRUTH TABLE FOR SWITCHES
Table 4.
IN 0 1 Switch A Off On Switch B On Off
215C 220C
1
Over voltages at IN, S, or D are clamped by internal diodes. Current should be limited to the maximum ratings given.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. PrD | Page 6 of 16
Preliminary Technical Data PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
12 S1A 11 IN1
IN1 1 S1A 2 D1 3 S1B 4
16 NC 15 NC 14 NC
ADG1236
13 VDD TOP VIEW VSS 5 (Not to Scale) 12 S2B 11 D2 10 S2A
04776-0-002
ADG1236
D1 1 S1B 2 VSS 3
PIN 1 INDICATOR
10 NC
9 VDD 8 S2B 7 D2
04776-0-003
ADG1236
TOP VIEW (Not to Scale)
GND 6 NC 7 NC 8
NC = NO CONNECT
Figure 2.TSSOP Pin Configuration
Figure 3. LFCSP Pin Configuration
Table 5. Pin Function Descriptions
Pin No. TSSOP LFCSP 1 11 2 12 3 1 4 2 5 3 6 4 7, 8, 14-16 10 9 5 10 6 11 7 12 8 13 9 Mnemonic IN1 S1A D1 S1B VSS GND NC IN2 S2A D2 S2B VDD Function Logic Control Input. Source Terminal. Can be an input or output. Drain Terminal. Can be an input or output. Source Terminal. Can be an input or output. Most Negative Power Supply Potential. Ground (0 V) Reference. No Connect. Logic Control Input. Source Terminal. Can be an input or output. Drain Terminal. Can be an input or output. Source Terminal. Can be an input or output. Most Positive Power Supply Potential.
Rev. PrD | Page 7 of 16
GND 4
S2A 6
IN2 5
9
IN2
NC = NO CONNECT
ADG1236 TERMINOLOGY
IDD The positive supply current. ISS The negative supply current. VD (VS) The analog voltage on Terminals D and S. RON The ohmic resistance between D and S. RFLAT(ON) Flatness is defined as the difference between the maximum and minimum value of on resistance, as measured over the specified analog signal range. IS (Off) The source leakage current with the switch off. ID (Off) The drain leakage current with the switch off. ID, IS (On) The channel leakage current with the switch on. VINL The maximum input voltage for Logic 0. VINH The minimum input voltage for Logic 1. IINL (IINH) The input current of the digital input. CS (Off) The off switch source capacitance, measured with reference to ground.
Preliminary Technical Data
CD (Off) The off switch drain capacitance, measured with reference to ground. CD, CS (On) The on switch capacitance, measured with reference to ground. CIN The digital input capacitance. tON The delay between applying the digital control input and the output switching on. See Figure 24. tOFF The delay between applying the digital control input and the output switching off. Charge Injection A measure of the glitch impulse transferred from the digital input to the analog output during switching. Off Isolation A measure of unwanted signal coupling through an off switch. Crosstalk A measure of unwanted signal that is coupled through from one channel to another as a result of parasitic capacitance. Bandwidth The frequency at which the output is attenuated by 3 dB. On Response The frequency response of the on switch. Insertion Loss The loss due to the on resistance of the switch.
Rev. PrD | Page 8 of 16
Preliminary Technical Data TYPICAL PERFORMANCE CHARACTERISTICS
ADG1236
Figure 4. On Resistance as a Function of VD (VS) for Single Supply
Figure 7. On Resistance as a Function of VD (VS) for Different Temperatures, Single Supply
Figure 5, On Resistance as a Function of VD (VS) for Dual Supply
Figure 8, On Resistance as a Function of VD (VS) for Different Temperatures, Dual Supply
Figure 6. On Resistance as a Function of VD (VS) for Different Temperatures, Single Supply
Figure 9. Leakage Current as a Function of VD (VS)
Rev. PrD | Page 9 of 16
ADG1236
Preliminary Technical Data
Figure 10. Leakage Currents as a Function of VD (VS)
Figure 13. Leakage Currents as a Function of Temperature
Figure 11. Leakage Current as a Function of VD (VS)
Figure 14. Supply Currents vs. Input Switching Frequency
Figure 12. Leakage Currents as a Function of Temperature
Figure 15. Charge Injection vs. Source Voltage
Rev. PrD | Page 10 of 16
Preliminary Technical Data
ADG1236
Figure 16. tON/tOFF Times vs. Temperature
Figure 19. On Response vs. Frequency
Figure 17. Off Isolation vs. Frequency
Figure 20. THD + N vs. Frequency
Figure 18. Crosstalk vs. Frequency
Rev. PrD | Page 11 of 16
ADG1236 TEST CIRCUITS
V
Preliminary Technical Data
IS (OFF)
S D
04776-0-020
ID (OFF) S D A
04776-0-021
ID (ON)
NC
A
IDS
S
D
A VD
04776-0-022
VS
VS
VD
NC = NO CONNECT
Figure 21. Test Circuit 1--On Resistance
Figure 22. Test Circuit 2-- Off Resistance
Figure 23. Test Circuit 3--On Leakage
0.1F
VDD
VSS
0.1F
VIN
50%
50%
VDD VS SB SA IN VIN GND
VSS D RL 50 CL 35pF VOUT VIN 50% 90% 50% 90%
VOUT
tON
tOFF
Figure 24. Test Circuit 4--Switching Times
0.1F
VDD
VSS
0.1F VIN
VDD VS SB SA IN VIN GND
VSS D RL 50 CL 35pF VOUT
VOUT
80%
tBBM
04776-0-023
tBBM
04776-0-024
Figure 25. Test Circuit 5--Break-before-Make Time Delay
0.1F
VDD
VSS
0.1F VIN (NORMALLY CLOSED SWITCH) ON NC VOUT CL 1nF VIN (NORMALLY OPEN SWITCH) VOUT VOUT OFF
VDD D
VSS SB
VS
SA IN VIN GND
Figure 26. Test Circuit 6--Charge Injection
Rev. PrD | Page 12 of 16
04776-0-025
QINJ = CL x VOUT
Preliminary Technical Data
VDD
VDD 0.1F VSS 0.1F NETWORK ANALYZER NC IN SA
D
ADG1236
VSS 0.1F 0.1F
VDD
VSS
NETWORK ANALYZER VOUT RL 50
VDD SA
VSS
50
SB
50 VS VOUT
04776-0-026
SB IN VS GND
D
R 50
VIN GND
RL 50
OFF ISOLATION = 20 LOG
VOUT VS
CHANNEL-TO-CHANNEL CROSSTALK = 20 LOG
VOUT VS
Figure 27. Test Circuit 7--Off Isolation
Figure 29. Test Circuit 9-- Bandwidth
VDD 0.1F
VSS 0.1F NETWORK ANALYZER NC 50
VDD 0.1F
VSS 0.1F AUDIO PRECISION
VDD
VSS
IN
SA
D
SB
50 VS
VDD S
RL 50 VOUT
VSS RS
VIN GND
IN D VIN
04776-0-027
VS V p-p RL 600 VOUT
04776-0-029
INSERTION LOSS = 20 LOG
VOUT WITH SWITCH VOUT WITHOUT SWITCH
GND
Figure 28. Test Circuit 8--Channel-to-Channel Crosstalk
Figure 30. Test Circuit 10--THD + Noise
Rev. PrD | Page 13 of 16
04776-0-028
ADG1236 OUTLINE DIMENSIONS
5.10 5.00 4.90
Preliminary Technical Data
16
9
4.50 4.40 4.30
1 8
6.40 BSC
PIN 1 1.20 MAX 0.20 0.09 0.65 BSC 0.30 0.19 COPLANARITY 0.10 SEATING PLANE 8 0 0.75 0.60 0.45
0.15 0.05
COMPLIANT TO JEDEC STANDARDS MO-153AB
Figure 31. 16-Lead Thin Shrink Small Outline Package [TSSOP] (RU-16) Dimensions shown in inches and (millimeters
3.00 BSC SQ
0.60 MAX
0.75 0.55 0.35
PIN 1 INDICATOR *1.45 1.30 SQ 1.15
0.45 PIN 1 INDICATOR TOP VIEW 2.75 BSC SQ EXPOSED PAD (BOTTOM VIEW) 12 MAX 1.00 0.85 0.80 SEATING PLANE 0.80 MAX 0.65 TYP 0.05 MAX 0.02 NOM 0.30 0.23 0.18 0.20 REF
9 8 7
10 11 12
1 2 3
6
5
4
0.25 MIN 0.50 BSC
COPLANARITY 0.08
*COMPLIANT TO JEDEC STANDARDS MO-220-VEED-1 EXCEPT FOR EXPOSED PAD DIMENSION.
Figure 32. 12-Lead Lead Frame Chip Scale Package [VQ_LFCSP] 3 mm x 3 mm Body, Very Thin Quad (CP-12-1) Dimensions shown in millimeters
ORDERING GUIDE
Model ADG1236YRU ADG1236YCP Temperature Range -40C to +125C -40C to +125C Package Description Thin Shrink Small Outline Package (TSSOP) Lead Frame Chip Scale Package (LFCSP) Package Option RU-16 CP-12-1
Rev. PrD | Page 14 of 16
Preliminary Technical Data NOTES
ADG1236
Rev. PrD | Page 15 of 16
ADG1236 NOTES
Preliminary Technical Data
(c) 2004 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. PR04776-0-11/04(PrD)
Rev. PrD | Page 16 of 16


▲Up To Search▲   

 
Price & Availability of ADG1236YRU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X