Part Number Hot Search : 
20N06 K9K8G08U SD125 UDA1343 FSB619 NVG6TLTA RB450F LH28F
Product Description
Full Text Search
 

To Download ADC100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADC100 Precision 22 Bit Integrating A/D Converter
THALER CORPORATION * 2015 N. FORBES BOULEVARD * TUCSON, AZ. 85745 * (520) 882-4000
FEATURES
* 22-BIT RESOLUTION * 10.48 INPUT RANGE * 1ppm/C MAX. SCALE FACTOR ERROR * 2 ppm MAX. LINEARITY ERROR
APPLICATIONS
* TEST EQUIPMENT * DATA ACQUISITION * SCIENTIFIC INSTRUMENTS * MEDICAL INSTRUMENTS
* AUTO ZERO * SEISMOLOGICAL EQUIPMENT * BUS COMPATIBLE * ROBOTIC SYSTEMS * INTERNAL CLOCK and REFERENCE * LOW POWER CONSUMPTION (0.4 WATTS) * WEIGHING SYSTEMS
DESCRIPTION
ADC100 is a high performance 22-bit A/D converter based on a patented architecture which provides outstanding performance (accuracy) comparable to the best digital meters. The ADC100 is available in two operating temperature ranges, -25C to +85C and -55C to +125C. "M" versions are screened for high reliability and quality. ADC100 offers 3 ppm max. linearity error and 1ppm/C max. scale factor error over the military temperature range. It also has excellent offset stability at 2 ppm max. which the user can auto zero if desired.
Type ADC100C ADC100CA ADC100M
Temperature Operating Range -25C to +85C -25C to +85C -55C to +125C
Max. Scale Factor Deviation 60ppm 30ppm 100ppm
ADC100's compatibility with popular microcomputer buses increases its ease of application in smart systems. An on-board microprocessor controls all internal functions of the ADC100. Thaler designers have minimized external connections to greatly reduce the problem often encountered when applying ADC's. Operating from 15VDC and a +5VDC power supply, ADC100 is packaged in a hermetically sealed 40pin ceramic DIP package. Precision test equipment, scientific and medical instruments, and data acquisition systems are primary application areas for the unusually high resolution and accuracy of this ADC.
ADC100DS REV. E MAR 00
MAXIMUM RATING SPECIFICATIONS
MODEL PARAMETER TEMPERATURE Operating Storage POWER SUPPLY VCC VEE VDD INPUTS Analog Inputs Digital Inputs VEE 0 VCC VDD MIN -55 0 +14 -14 +4 ADC100 MAX 125 160 +16 -16 +6
ADC100
UNITS C C VDC VDC VDC
EXTERNAL CONNECTIONS
(TOP VIEW) N.C. N.C. N.C. Vee (-15V) Vee (+15V) Vdd (+5V) GND N.C. N.C. N.C. N.C. N.C. D0 D1 D2 D3 D4 D5 D6 D7 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 N.C. N.C. N.C. N.C. AUTO ZERO RESET N.C. N.C. N.C. N.C. STATUS 1 STATUS 0 CONVERT OUTPUT ENABLE ANALOG LOW ANALOG HIGH N.C. N.C. N.C. INTEGRATION CAPACITOR
NOTES: 1. Power Supply Decoupling The ADC100 has internal 0.1F decoupling capacitors for all power supply inputs. The internal decoupling capacitors are adequate for applications with relatively short power supply leads (approx. 5") or if additional capacitors are located on a circuit board. For applications with long power supply leads an external capacitor of 10 mF on the +/- 15V inputs and 33 mF on the +5V input is recommended. 2. Ground The ground connection (pin 7) should be made as solid as possible since ground noise can result in a loss of accuracy. Use of a ground plane is a good approach to maintain the full accuracy of the ADC100. 3. External Components A 0.68 F polystyrene integration capacitor must be connected to pins 34 and 35 with a lead length not exceeding 2". 4. Analog Inputs In order to avoid differential noise pickup it is recommended to use parallel adjacent lines for the analog inputs (pins 39, 40) on PC boards and shielded lines outside of the PC connections.
ADC100
32 31 30 29 28 27 26 25 24 23 22 21
ADC100DS REV. E MAR 00
ELECTRICAL SPECIFICATIONS
(Vps = +/- 15V, + 5V, T = 25 Deg. C.)
ADC100
ADC100CA ADC100M MAX MIN TYP MAX
MODEL PARAMETER ACCURACY Resolution Input Equivalent Noise Offset without Auto Zero Offset with Auto Zero Full Scale Noise (.1-10Hz) @ 10V Nonlinearity Normal Mode Rejection 1 TEMPERATURE STABILITY Offset Full Scale TIME STABILITY Offset Full Scale 2 ERROR ALL SOURCES 24 hrs, +/- 1 Deg. C Amb. 90 days, +/- 5 Deg. C Amb. 1 year, +/- 5 Deg. C Amb. CONVERSION TIME WARM-UP TIME POWER SUPPLY REJECTION +/- 15 VDC 5 VDC 80 80 MIN
ADC100C TYP MAX MIN
TYP
22 1 4 1 100 6 3 60 * 0.2 1.0
* * 2 0.5 50 * 2 * 0.1 0.5
* * * * * * *
Bits V ppm ppm ppm Vpp ppm dB
* * * *
ppm/o C ppm/o C
.1 2
* * .0007, 2 .0010, 2 .0015, 2 320 5 .0005, 2 .0008, 2 .0013, 2 * *
ppm/month ppm/24 hrs.
* * * * *
%, +/- Counts %, +/- Counts %, +/- Counts ms minutes
* *
* *
dB dB
ANALOG INPUT CHARACTERISTICS Input Range Bias Current Input Impedance -10.485760 1.2 200 14.5 14.5 4.5 15 15 5 23 24 42 10.485755 3 * * * * * * * * * * * * 0.8 4.0 0.8 4.0 * * * * * * * * * * * * * * * * * * * * * * V nA G V V V mA mA mA
POWER SUPPLY VOLTAGES +15 V -15 V 5v POWER SUPPLY CURRENTS +15 V -15 V 5v DIGITAL INPUTS Low High DIGITAL OUTPUTS Low High AUTO ZERO INPUT Low High CONVERT INPUT Low High TEMPERATURE RANGE 0.8 4.0 -25 85 * * * * * -55 125 * V V
oC
15.5 15.5 5.5
* *
*
V V
* *
*
V V
0.8 4.0 *
* *
*
V V
* Same as ADC100C Note: 1) 60 Cycle 2) ( Max-Min Value) - Noise(.1-10Hz)
ADC100DS REV. E MAR 00
THEORY OF OPERATION
In the ADC100 block diagram (see Figure 1), Vhi and Vlow are the inputs. Both are buffered and fed into a differential, voltage controlled, single output current source. This current is added to the reference current at the input of the op amp integrator. The output of the integrator is fed into a Schmitt trigger, which in turn, is fed into the ADC's timing control circuitry. When the integrator output actuates the Schmitt trigger, the timing circuit changes the direction of the reference current source and the integrator begins integrating in the opposite direction. This continues until the Schmitt trigger is actuated again by the integrator and reverses the direction of the reference current. The equation for integration times are: Tp= VXC I ref + I inp Tm= VXC -I ref + I inp The timing control circuitry governs the counters that measure the integration time in both directions. The ADC100's on-board microprocessor is used to calculate the results of the integration equation above. It is also used to perform error corrections and to control the built-in-auto-zero function. Note that the mP automatically performs an auto-zero function at start-up, but it is recommended, to achieve maximum accuracy, that an auto-zero be performed again after the ADC100 is fully warmed up. When the P detects a convert signal, it lowers the status lines to indicate that the ADC is involved in a conversion. When it detects a change in slope direction, the P will collect the counts for the integration time. When sufficient counts have been collected, the P performs the calculations described above. When the calculations are complete, the mP places the most significant byte in the output buffer and raises the S0 flag. When another pulse is placed on the convert line, the middle byte is placed on the output, the S0 flag is lowered and the S1 flag raised. When the last pulse is placed in the convert line, the least significant byte is placed in the output buffer and both status flags are high indicating that the ADC100 is ready for another conversion. Status line summary: S1 0 0 1 1 S0 0 1 0 1 Conversion in progress. Conversion complete. MSB in output. Middle byte in output register. LSB in output. Ready for next conversion.
V = Voltage C= Integration Capacitor Value I ref = Reference Current I inp = Input Current Resolving these equations produces: I inp = I ref Tp - Tm Tp + Tm
Tp = Time Positive Tm = Time Negative
Vhi Auto Zero Switch Vlow Differential Voltage Controlled Current Source Schmitt Trigger
+15V Bidirectional Reference Current Source Current Directional Switch -15V
Data Output
ii
Output Buffer Output Enable
Microprocessor
i
Timing Control and Counter
Clock
Auto Zero
Convert
Status Lines
ADC100DS REV. E MAR 00
FIGURE 1. BLOCK DIAGRAM
CONNECTING THE ADC100
POWER SUPPLIES The power supply lines are connected to pins 4-7. Pin 4 is -15V, pin 5 is +15v, pin 6 is +5V and pin 7 is GND. OUTPUT DATA LINES The output data is available in byte form on pins 13-20. Pin 20 is the Most Significant Bit and pin 13 the Least Significant Bit. The data lines go to a high impedance state when the Output Enable line is at a logic one level. OUTPUT ENABLE (PIN 21) Data is placed on the Output Data Lines by a logic zero on this line. CONVERT (Pin22) This line is used to initiate a conversion cycle and to retrieve the output data. The status lines indicate which function will be executed. The first pulse (transition from logic one to logic zero) starts the conversion cycle. Two subsequent pulses are used to place the lower two bytes on the Output Data Lines. AUTO-ZERO / RESET (Pin 29) A logic zero on this input will autozero the ADC1503 by internally connecting the analog high to analog low. Since the P is reset the status lines S1 and S0 are tristate before going to the low position. The status lines will remain low until the autozero is complete. INTEGRATION CAPACITOR (Pin 34, 35) A .68 F polystyrene capacitor must be connected to these pins. Lead length should be as short as possible and not exceed 2". ANALOG INPUTS (Pin 39, 40) Both analog inputs are buffered by op-amps and have a common mode rejection of approximately 80dB. min. To maintain the full accuracy at the ADC it is recommended to keep the input to analog common to less than 0.1VDC.
STATUS LINES (Pins 23, 24) These lines indicate the present state of the ADC. When the Convert line receives the first pulse in a conversion cycle the Status Lines go to logic zero, indicating that a conversion cycle is in progress. When the conversion is complete the microprocessor places the MSB of the output data in the output buffer and then raises S0 to a logic one, indicating that the MSB at the output data is available in the output buffer. When the Convert Line is pulsed again the middle byte of the output data is placed in that output buffer and S1 changes to logic one and S0 to logic zero. The third pulse places the LSB of the output data in the buffer and both status lines go to the logic one. The converter is now ready for the next conversion cycle. The table below shows a summary of the status code. S1 S0 Conversion in progress. 0 0 Conversion complete. MSB in output. 0 1 Middle byte in output register. 1 0 LSB in output. Ready for next conversion. 1 1
OUTPUT DATA REPRESENTATION
The output data is represented in BOB (Bipolar Offset Binary) format. One LSB is scaled to be exactly 5mV. The table below shows the output data codes for zero and plus-minus full scale input voltage. Input Voltage -10.485760 V 0.0 V +10.485755 V Output Data Middle Byte 00 00 FF
High Byte 00 20 3F
Low Byte 00 00 FF
ADC100DS REV. E MAR 00
TIMING DIAGRAMS
CONVERT AZ S1
S0
Symbol tAZD tTRST tAZ
Parameter AZ Pulse Width Tristate Time AZ Time
FIGURE 2. AUTO ZERO
CONVERT
S1
S0
Symbol tCONZ tSZ tCONV
Parameter Convert Pulse Status Delay Convert Time
FIGURE 3. CONVERSION
ADC100DS REV. E MAR 00
tSZ
tCONZ
tTRST
tAZD
tAZ Min. 0.2 30 400 Typ. Max. Unit s ms ms
tCONV
Min. 5.0
Typ.
Max. 8.0 320
Unit s s ms
TIMING DIAGRAMS
OE
D0 - D7 CONVERT tOEDV
MSB
MIB
LSB
tSIR S1 S0
Symbol tOEDV tSIR
Parameter OE Delay Status Delay
Min.
Typ. 3.0
FIGURE 4. DATA OUTPUT
DIM E D A L B2 B Q C P
FIGURE 5. MECHANICAL SPECIFICATIONS
tSIR Max. 45 Unit ns s
40-PIN HYBRID PACKAGE INCHES MIN 1.080 2.075 0.155 0.220 .100 typ .018 typ .015 .009 .012 .890 .040 typ .035 .012 .018 .910 MAX 1.100 2.115 0.185 0.240 G1 B1
NOTES: 1. GOLD PLATING 60 MICRO INCHES MINIMUM THICKNESS OVER 100 MICRO INCHES NOMINAL THICKNESS OF NICKEL ADC100DS REV. E MAR 00


▲Up To Search▲   

 
Price & Availability of ADC100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X