Part Number Hot Search : 
7812BC 256WMW3G NL644 3DD103E 2256M 147LLHL CDLL945B 6H07CB
Product Description
Full Text Search
 

To Download ADA1108P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMERICAN MICROSEMICONDUCTOR INC.
P. 0. Box 104 Madison, New Jersey 07940 U. S. A. http://www.americanmicrosemi.com email:sales@americanmicrosemi.com
ADA1108P
Switching Diode Array
Phone: (973) 377-9566 Fax: (973) 377-3078
FEATURES
* * * 8 Diode Array Standard 16 pin Dual-In-Line Package UL 94V-0 Flammability Classification CIRCUIT DIAGRAM
MECHANICAL
* * * * Molded 16 Pin Dip Weight: 1.026 grams (approximate) Marking: Logo, device number, date code Pin #1 defined by DOT on top of package
MAXIMUM RATINGS
* * * * * * * * Operating Temperatures: -550C to +1500C Storage Temperature: -550C to +1500C Forward Surge Current: 2.0 Amps (8.3 mS) Minimum Breakdown Voltage V(BR): 90V Working Peak Reverse Voltage VRWM : 75V Continuous forward current IF: 400 mA Power dissipation (PD): 500 mW Derating factor: 4.0 mW/C
PACKAGING
* Carrier tube 25 pcs per (STANDARD)
ELECTRICAL CHARACTERISTICS @ 250C Unless otherwise specified
Part Number ADA1108P V (BR) @100A V MIN 90 V RWM V MAX 75 IR +25C A MAX .100 @ VR 20 IR +150C A MAX 50 @ VR 20 CAP @0V pF MAX 4.0 t rr (nS) MAX 5.0 VF @If = 10mA V MAX 1.00 VF @If = 100mA V MAX 1.20


▲Up To Search▲   

 
Price & Availability of ADA1108P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X