Part Number Hot Search : 
V400B 35N08 BTB1184 01140 NE559 MC79M12 SB2510M LTC372
Product Description
Full Text Search
 

To Download A-N-R010-F1-K2-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RHOPOINT COMPONENTS LTD
Spec Sheet R101-1/2 July 97
Technical Data
Resistance Range Tolerances Temperature coefficient ( TCR ) Applicable temperature range Load capacity Thermal resistance to ambiente Dielectric withstanding voltage Inductance ( R = 10 mOhm ) Stability ( nominal load at 70 C )
Remarks:
1 mOhm - 100 Ohm 0.1 %, 0.5 %, 1 % < 10 ppm/K ( 20 C to 60 C ) -55 C to +125 C 1W Rth < 30 K/W 1000 V AC < 10 nH deviation < 0.05 % after 2,000 h
- Standard resistance values according to E12 with the additionel values of 2 and 5 - Minimum quantity of other values on request - Tolerance 0.1% for values from 5 mOhm
Resistor type A-N with its separated current and voltage connections configured as a four-terminal resistor (i.e., Kelvin connection) is ideally suited for precise current measurement, current limitation or regulation in power units, current sources, and electronic loads. It is also applied for current measurements in pulse width modulated (PWM) control circuits for inductive users such as servo and stepper motors and solenoid driver circuits.
Design in foil technique and application of precision resistance alloy MANGANIN warrants for a long term stability. By optimization of the shape, a high load capacity was obtained while maintaining accuracy and small inductance.
P / P Nenn 1 0.75 0.5 0.25
-0.2 -40 -20 0.2
R/R20 [%]
20 40 60 80 100 120
T [oC]
-0.4
0
20
40
60
80
100
120 TU / [oC]
Temperature dependence of the electrical resistance of ISA-PLAN Resistors
power derating curve
dimensions ( mm )
Available terminals
Spec Sheet R101-2/2 July 97
F1 Standard / F2 on request
K1- R >10 mOhm
K2 - R from 1 - 10 mOhm
ordering example: A-N - R010 - F1 - K2 - 0,1 type A-N resistance value 10 mOhm terminal F1-K2 tolerance 0,1 %
( Technical modifications reserved )
RHOPOINT COMPONENTS LTD Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX, ENGLAND
Tel: +44/01883 717988 Fax: +44/01883 712938 Email: components@rhopoint.co.uk Website: www.rhopoint.co.uk


▲Up To Search▲   

 
Price & Availability of A-N-R010-F1-K2-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X